công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCF51QM128 bảng dữ liệu(PDF) 50 Page - Freescale Semiconductor, Inc

tên linh kiện MCF51QM128
Giải thích chi tiết về linh kiện  Advance Information Temperature range (ambient): -40째C to 105째C
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF51QM128 bảng dữ liệu(HTML) 50 Page - Freescale Semiconductor, Inc

Back Button MCF51QM128 Datasheet HTML 46Page - Freescale Semiconductor, Inc MCF51QM128 Datasheet HTML 47Page - Freescale Semiconductor, Inc MCF51QM128 Datasheet HTML 48Page - Freescale Semiconductor, Inc MCF51QM128 Datasheet HTML 49Page - Freescale Semiconductor, Inc MCF51QM128 Datasheet HTML 50Page - Freescale Semiconductor, Inc MCF51QM128 Datasheet HTML 51Page - Freescale Semiconductor, Inc MCF51QM128 Datasheet HTML 52Page - Freescale Semiconductor, Inc MCF51QM128 Datasheet HTML 53Page - Freescale Semiconductor, Inc MCF51QM128 Datasheet HTML 54Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 69 page
background image
Table 34. TSI electrical specifications (continued)
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
TCon20
Response time @ 20 pF
8
15
25
μs
11
ITSI_RUN
Current added in run mode
55
μA
ITSI_LP
Low power mode current adder
1.3
TBD
μA
12
1. The TSI module is functional with capacitance values outside this range. However, optimal performance is not guaranteed.
2. CAPTRM=7, DELVOL=7, and fixed external capacitance of 20 pF.
3. CAPTRM=0, DELVOL=2, and fixed external capacitance of 20 pF.
4. CAPTRM=0, EXTCHRG=9, and fixed external capacitance of 20 pF.
5. The programmable current source value is generated by multiplying the SCANC[REFCHRG] value and the base current.
6. Measured with a 5 pF electrode, reference oscillator frequency of 10 MHz, PS = 128, NSCN = 8; Iext = 16.
7. Measured with a 20 pF electrode, reference oscillator frequency of 10 MHz, PS = 128, NSCN = 2; Iext = 16.
8. Measured with a 20 pF electrode, reference oscillator frequency of 10 MHz, PS = 16, NSCN = 3; Iext = 16.
9. Measured with a 20 pF electrode, reference oscillator frequency of ~5 MHz (IREF = 5 μA, REFCHRG = 4), PS = 128,
NSCN = 2; Iext = 16 (EXTCHRG = 15).
10. Typical value depends on the configuration used.
11. Time to do one complete measurement of the electrode. Sensitivity resolution of 0.0133 pF, PS = 0, NSCN = 0, 1
electrode, DELVOL = 2, EXTCHRG = 15.
12. CAPTRM=7, DELVOL=2, REFCHRG=0, EXTCHRG=4, PS=7, NSCN=0F, LPSCNITV=F, LPO is selected (1 kHz), and
fixed external capacitance of 20 pF. Data is captured with an average of 7 periods window.
Dimensions
7.1 Obtaining package dimensions
Package dimensions are provided in package drawings.
To find a package drawing, go to http://www.freescale.com and perform a keyword
search for the drawing’s document number:
If you want the drawing for this package
Then use this document number
32-pin QFN
98ARE10566D
44-pin Laminate QFN
98ASA00239D
48-pin LQFP
98ASH00962A
64-pin Laminate QFN
98ASA00279D
64-pin LQFP
98ASS23234W
7
Dimensions
MCF51QM128 Advance Information Data Sheet, Rev. 2, 05/2011.
50
Preliminary
Freescale Semiconductor, Inc.


Số phần tương tự - MCF51QM128

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF51QM128 FREESCALE-MCF51QM128 Datasheet
1Mb / 71P
   MCF51QM128
MCF51QM128VHS FREESCALE-MCF51QM128VHS Datasheet
1Mb / 71P
   MCF51QM128
MCF51QM128VLH FREESCALE-MCF51QM128VLH Datasheet
1Mb / 71P
   MCF51QM128
MCF51QM128 FREESCALE-MCF51QM128_12 Datasheet
1Mb / 71P
   MCF51QM128
More results

Mô tả tương tự - MCF51QM128

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF51JU128 FREESCALE-MCF51JU128 Datasheet
1Mb / 71P
   Advance Information Temperature range (ambient): -40째C to 105째C
MCF51QH128 FREESCALE-MCF51QH128 Datasheet
1,009Kb / 68P
   Advance Information Temperature range (ambient): -40째C to 105째C
MCF51JF128 FREESCALE-MCF51JF128 Datasheet
1Mb / 71P
   Advance Information Temperature range (ambient): -40째C to 105째C
MCF51QU128 FREESCALE-MCF51QU128 Datasheet
999Kb / 67P
   Advance Information Temperature range (ambient): -40째C to 105째C
logo
Wurth Elektronik GmbH &...
744765090A WURTH-744765090A Datasheet
1Mb / 5P
   Ambient temperature: -40째C to 110째C (refering to IR)
logo
Freescale Semiconductor...
K60P121M100SF2 FREESCALE-K60P121M100SF2 Datasheet
1Mb / 72P
   K60 Sub-Family Data Sheet Temperature range (ambient): -40 to 105째C
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
   Advance Information
MC68HC08AZ32 MOTOROLA-MC68HC08AZ32 Datasheet
4Mb / 424P
   Advance Information
MC68HC08AZ60 MOTOROLA-MC68HC08AZ60 Datasheet
3Mb / 452P
   Advance Information
logo
Siemens Semiconductor G...
SAB82C215 SIEMENS-SAB82C215 Datasheet
367Kb / 20P
   ADVANCE INFORMATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com