công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCF51QM128 bảng dữ liệu(PDF) 39 Page - Freescale Semiconductor, Inc

tên linh kiện MCF51QM128
Giải thích chi tiết về linh kiện  Advance Information Temperature range (ambient): -40째C to 105째C
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF51QM128 bảng dữ liệu(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MCF51QM128 Datasheet HTML 35Page - Freescale Semiconductor, Inc MCF51QM128 Datasheet HTML 36Page - Freescale Semiconductor, Inc MCF51QM128 Datasheet HTML 37Page - Freescale Semiconductor, Inc MCF51QM128 Datasheet HTML 38Page - Freescale Semiconductor, Inc MCF51QM128 Datasheet HTML 39Page - Freescale Semiconductor, Inc MCF51QM128 Datasheet HTML 40Page - Freescale Semiconductor, Inc MCF51QM128 Datasheet HTML 41Page - Freescale Semiconductor, Inc MCF51QM128 Datasheet HTML 42Page - Freescale Semiconductor, Inc MCF51QM128 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 69 page
background image
Figure TBD
Figure 10. Typical TUE vs. ADC conversion rate 12-bit single-ended mode
Figure TBD
Figure 11. Typical ENOB vs. Averaging for 16-bit differential and 16-bit single-ended
modes
6.6.2 CMP and 6-bit DAC electrical specifications
Table 25. Comparator and 6-bit DAC electrical specifications
Symbol
Description
Min.
Typ.
Max.
Unit
VDD
Supply voltage
1.71
3.6
V
IDDHS
Supply current, High-speed mode (EN=1, PMODE=1)
200
μA
IDDLS
Supply current, low-speed mode (EN=1, PMODE=0)
20
μA
VAIN
Analog input voltage
VSS – 0.3
VDD
V
VAIO
Analog input offset voltage
20
mV
VH
Analog comparator hysteresis1
• CR0[HYSTCTR] = 00
• CR0[HYSTCTR] = 01
• CR0[HYSTCTR] = 10
• CR0[HYSTCTR] = 11
5
10
20
30
mV
mV
mV
mV
VCMPOh
Output high
VDD – 0.5
V
VCMPOl
Output low
0.5
V
tDHS
Propagation delay, high-speed mode (EN=1,
PMODE=1)
20
50
200
ns
tDLS
Propagation delay, low-speed mode (EN=1,
PMODE=0)
120
250
600
ns
Analog comparator initialization delay2
40
μs
IDAC6b
6-bit DAC current adder (enabled)
7
μA
INL
6-bit DAC integral non-linearity
–0.5
0.5
LSB3
DNL
6-bit DAC differential non-linearity
–0.3
0.3
LSB
1. Typical hysteresis is measured with input voltage range limited to 0.6 to VDD-0.6V.
2. Comparator initialization delay is defined as the time between software writes to change control inputs (Writes to DACEN,
VRSEL, PSEL, MSEL, VOSEL) and the comparator output settling to a stable level.
3. 1 LSB = Vreference/64
Analog
MCF51QM128 Advance Information Data Sheet, Rev. 2, 05/2011.
Freescale Semiconductor, Inc.
Preliminary
39


Số phần tương tự - MCF51QM128

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF51QM128 FREESCALE-MCF51QM128 Datasheet
1Mb / 71P
   MCF51QM128
MCF51QM128VHS FREESCALE-MCF51QM128VHS Datasheet
1Mb / 71P
   MCF51QM128
MCF51QM128VLH FREESCALE-MCF51QM128VLH Datasheet
1Mb / 71P
   MCF51QM128
MCF51QM128 FREESCALE-MCF51QM128_12 Datasheet
1Mb / 71P
   MCF51QM128
More results

Mô tả tương tự - MCF51QM128

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF51JU128 FREESCALE-MCF51JU128 Datasheet
1Mb / 71P
   Advance Information Temperature range (ambient): -40째C to 105째C
MCF51QH128 FREESCALE-MCF51QH128 Datasheet
1,009Kb / 68P
   Advance Information Temperature range (ambient): -40째C to 105째C
MCF51JF128 FREESCALE-MCF51JF128 Datasheet
1Mb / 71P
   Advance Information Temperature range (ambient): -40째C to 105째C
MCF51QU128 FREESCALE-MCF51QU128 Datasheet
999Kb / 67P
   Advance Information Temperature range (ambient): -40째C to 105째C
logo
Wurth Elektronik GmbH &...
744765090A WURTH-744765090A Datasheet
1Mb / 5P
   Ambient temperature: -40째C to 110째C (refering to IR)
logo
Freescale Semiconductor...
K60P121M100SF2 FREESCALE-K60P121M100SF2 Datasheet
1Mb / 72P
   K60 Sub-Family Data Sheet Temperature range (ambient): -40 to 105째C
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
   Advance Information
MC68HC08AZ32 MOTOROLA-MC68HC08AZ32 Datasheet
4Mb / 424P
   Advance Information
MC68HC08AZ60 MOTOROLA-MC68HC08AZ60 Datasheet
3Mb / 452P
   Advance Information
logo
Siemens Semiconductor G...
SAB82C215 SIEMENS-SAB82C215 Datasheet
367Kb / 20P
   ADVANCE INFORMATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com