công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCF51QH128VHX bảng dữ liệu(PDF) 10 Page - Freescale Semiconductor, Inc

tên linh kiện MCF51QH128VHX
Giải thích chi tiết về linh kiện  Advance Information Temperature range (ambient): -40째C to 105째C
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF51QH128VHX bảng dữ liệu(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MCF51QH128VHX Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF51QH128VHX Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF51QH128VHX Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF51QH128VHX Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF51QH128VHX Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF51QH128VHX Datasheet HTML 11Page - Freescale Semiconductor, Inc MCF51QH128VHX Datasheet HTML 12Page - Freescale Semiconductor, Inc MCF51QH128VHX Datasheet HTML 13Page - Freescale Semiconductor, Inc MCF51QH128VHX Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
Nonswitching electrical specifications
5.2.1 Voltage and Current Operating Requirements
Table 1. Voltage and current operating requirements
Symbol
Description
Min.
Max.
Unit
Notes
VDD
Supply voltage
1.71
3.6
V
VDDA
Analog supply voltage
1.71
3.6
V
VDD – VDDA VDD-to-VDDA differential voltage
–0.1
0.1
V
VSS – VSSA VSS-to-VSSA differential voltage
–0.1
0.1
V
VIH
Input high voltage
• 2.7 V ≤ VDD ≤ 3.6 V
• 1.7 V ≤ VDD ≤ 2.7 V
0.7 × VDD
0.75 × VDD
V
V
1
VIL
Input low voltage
• 2.7 V ≤ VDD ≤ 3.6 V
• 1.7 V ≤ VDD ≤ 2.7 V
0.35 × VDD
0.3 × VDD
V
V
2
IIC
DC injection current — single pin
• VIN > VDD
• VIN < VSS
0
0
2
–0.2
mA
mA
3
DC injection current — total MCU limit, includes sum
of all stressed pins
• VIN > VDD
• VIN < VSS
0
0
25
–5
mA
mA
3
VRAM
VDD voltage required to retain RAM
1.2
V
1. The device always interprets an input as a 1 when the input is greater than or equal to VIH (min.) and less than or equal to
VIH (max.), regardless of whether input hysteresis is turned on.
2. The device always interprets an input as a 0 when the input is less than or equal to VIL (max.) and greater than or equal to
VIL (min.), regardless of whether input hysteresis is turned on.
3. All functional non-supply pins are internally clamped to VSS and VDD. Input must be current limited to the value specified.
To determine the value of the required current-limiting resistor, calculate resistance values for positive and negative clamp
voltages, then use the larger of the two values. Power supply must maintain regulation within operating VDD range during
instantaneous and operating maximum current conditions. If positive injection current (VIn > VDD) is greater than IDD, the
injection current may flow out of VDD and could result in external power supply going out of regulation. Ensure external
VDD load will shunt current greater than maximum injection current. This will be the greatest risk when the MCU is not
consuming power. Examples are: if no system clock is present, or if clock rate is very low (which would reduce overall
power consumption).
5.2
Nonswitching electrical specifications
MCF51QH128 Advance Information Data Sheet, Rev. 0, 05/2011.
10
Preliminary
Freescale Semiconductor, Inc.


Số phần tương tự - MCF51QH128VHX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF51QE128 FREESCALE-MCF51QE128 Datasheet
744Kb / 38P
   32-Bit Version 1 ColdFire짰 Central Processor Unit (CPU)
MCF51QE128 FREESCALE-MCF51QE128 Datasheet
799Kb / 38P
   32-Bit Version 1 ColdFire짰 Central Processor Unit (CPU)
MCF51QE128 FREESCALE-MCF51QE128 Datasheet
2Mb / 56P
   Blood Pressure Monitor Using the Flexis QE128 Family
MCF51QE128CLH FREESCALE-MCF51QE128CLH Datasheet
744Kb / 38P
   32-Bit Version 1 ColdFire짰 Central Processor Unit (CPU)
MCF51QE128CLH FREESCALE-MCF51QE128CLH Datasheet
799Kb / 38P
   32-Bit Version 1 ColdFire짰 Central Processor Unit (CPU)
More results

Mô tả tương tự - MCF51QH128VHX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF51JU128 FREESCALE-MCF51JU128 Datasheet
1Mb / 71P
   Advance Information Temperature range (ambient): -40째C to 105째C
MCF51QM128 FREESCALE-MCF51QM128 Datasheet
1,012Kb / 69P
   Advance Information Temperature range (ambient): -40째C to 105째C
MCF51JF128 FREESCALE-MCF51JF128 Datasheet
1Mb / 71P
   Advance Information Temperature range (ambient): -40째C to 105째C
MCF51QU128 FREESCALE-MCF51QU128 Datasheet
999Kb / 67P
   Advance Information Temperature range (ambient): -40째C to 105째C
logo
Wurth Elektronik GmbH &...
744765090A WURTH-744765090A Datasheet
1Mb / 5P
   Ambient temperature: -40째C to 110째C (refering to IR)
logo
Freescale Semiconductor...
K60P121M100SF2 FREESCALE-K60P121M100SF2 Datasheet
1Mb / 72P
   K60 Sub-Family Data Sheet Temperature range (ambient): -40 to 105째C
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
   Advance Information
MC68HC08AZ32 MOTOROLA-MC68HC08AZ32 Datasheet
4Mb / 424P
   Advance Information
MC68HC08AZ60 MOTOROLA-MC68HC08AZ60 Datasheet
3Mb / 452P
   Advance Information
logo
Siemens Semiconductor G...
SAB82C215 SIEMENS-SAB82C215 Datasheet
367Kb / 20P
   ADVANCE INFORMATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com