công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCZ33810R2 bảng dữ liệu(PDF) 4 Page - Freescale Semiconductor, Inc

tên linh kiện MCZ33810R2
Giải thích chi tiết về linh kiện  Automotive Engine Control IC Quad injector driver with Parallel/SPI control
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33810R2 bảng dữ liệu(HTML) 4 Page - Freescale Semiconductor, Inc

  MCZ33810R2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCZ33810R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCZ33810R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33810R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33810R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33810R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33810R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33810R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33810R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
33810
PIN CONNECTIONS
9
OUTEN
Input
Output Enable
The Output Enable pin (OUTEN) is an active low input. When the OUTEN
pin is low, the device outputs are active. The outputs are disabled when
OUTEN is high.
29
MAXI
Output
Maximum Ignition Coil
Current
This pin is the Maximum Ignition Coil Current output flag. This output is
asserted when the IGBT Collector-Emitter current exceeds the selected
level of the DAC. This signal also latches off the gate pre-drive outputs
when configured as a General Purpose Gate pre-Driver. The MAXI
current level is determined by the voltage drop across an external sense
resistor connected to pins RSP and RSN.
28
NOMI
Output
Nominal Ignition Coil
Current
This pin is the Nominal Ignition Coil Current output flag. This output is
asserted when the IGBT Collector-Emitter current exceeds the level
selected by the DAC.
2, 15, 31, 18
FB0 - FB3
Input
Feedback Voltage
Sense
In IGBT ignition gate pre-driver mode, these feedback inputs monitor the
IGBT's collector voltage to provide the spark duration timer control signal.
3, 14, 30,19
GD0 -GD3
Output
Gate Drive Output
IGBT/General Purpose Gate pre-driver outputs are controlled by GIN0 -
GIN3. Pull-up and pull-down current sources are used to provide a
controlled slew rate to an external IGBT or MOSFET connected as a low
side driver.
26
RSP
Input
Resistor Sense
Positive
This pin is the Positive input of a current sense amplifier.
27
RSN
Input
Resistor Sense
Negative
This pin is the Negative input of a current sense amplifier.
1, 16, 32, 17 OUT0 -OUT3
Output
Low Side Injector
Driver Output
These pin are the Open drain low side injector driver outputs.
Table 1. 33810 Pin Definitions (continued)
A functional description of each pin can be found in the Functional Pin Description section beginning on page 15.
Pin Number
Pin Name
Pin Function
Formal Name
Definition


Số phần tương tự - MCZ33810R2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCZ33810EK FREESCALE-MCZ33810EK Datasheet
1Mb / 35P
   Automotive Engine Control IC
MCZ33810EK/R2 FREESCALE-MCZ33810EK/R2 Datasheet
2Mb / 35P
   Automotive Engine Control IC
More results

Mô tả tương tự - MCZ33810R2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
33810 FREESCALE-33810_10 Datasheet
1Mb / 35P
   Automotive Engine Control IC
MC33810 FREESCALE-MC33810_08 Datasheet
2Mb / 35P
   Automotive Engine Control IC
MC33810 FREESCALE-MC33810 Datasheet
878Kb / 34P
   Automotive Engine Control IC
logo
Fairchild Semiconductor
FDBL86363_F085 FAIRCHILD-FDBL86363_F085 Datasheet
407Kb / 6P
   Automotive Engine Control
FDB86563_F085 FAIRCHILD-FDB86563_F085 Datasheet
474Kb / 6P
   Automotive Engine Control
FDBL86563_F085 FAIRCHILD-FDBL86563_F085 Datasheet
492Kb / 6P
   Automotive Engine Control
FDD9411_F085 FAIRCHILD-FDD9411_F085 Datasheet
383Kb / 6P
   Automotive Engine Control
FDD86369_F085 FAIRCHILD-FDD86369_F085 Datasheet
462Kb / 6P
   Automotive Engine Control
FDBL86561_F085 FAIRCHILD-FDBL86561_F085 Datasheet
405Kb / 6P
   Automotive Engine Control
FDD86367_F085 FAIRCHILD-FDD86367_F085 Datasheet
340Kb / 6P
   Automotive Engine Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com