công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC1323X bảng dữ liệu(PDF) 1 Page - Freescale Semiconductor, Inc

tên linh kiện MC1323X
Giải thích chi tiết về linh kiện  Low Cost SoC Remote Control Platform for the 2.4 GHz IEEE짰 802.15.4 Standard
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC1323X bảng dữ liệu(HTML) 1 Page - Freescale Semiconductor, Inc

  MC1323X Datasheet HTML 1Page - Freescale Semiconductor, Inc MC1323X Datasheet HTML 2Page - Freescale Semiconductor, Inc MC1323X Datasheet HTML 3Page - Freescale Semiconductor, Inc MC1323X Datasheet HTML 4Page - Freescale Semiconductor, Inc MC1323X Datasheet HTML 5Page - Freescale Semiconductor, Inc MC1323X Datasheet HTML 6Page - Freescale Semiconductor, Inc MC1323X Datasheet HTML 7Page - Freescale Semiconductor, Inc MC1323X Datasheet HTML 8Page - Freescale Semiconductor, Inc MC1323X Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
© Freescale Semiconductor, Inc., 2006, 2007, 2008, 2009, 2010, 2011. All rights reserved.
Freescale Semiconductor
Technical Data
Freescale reserves the right to change the detail specifications as may be required to permit improvements in the design of its
products.
Document Number: MC1323x
Rev. 0.0 05/2011
MC1323x
Package Information
Case 2124-02
LGA-48 [7x7 mm]
Ordering Information
Device
Device Marking
Package
MC13233C1
1 See Table 1 for more details
MC13233C
LGA-48
1
Introduction
The MC1323x family is Freescale’s low cost
System-on-Chip (SoC) platform for the IEEE® 802.15.4
Standard that incorporates a complete, low power, 2.4
GHz radio frequency transceiver with Tx/Rx switch, an
8-bit HCS08 CPU, and a functional set of MCU
peripherals into a 48-pin LGA package. This family of
products is targeted for wireless RF remote control and
other cost-sensitive applications ranging from home TV
and entertainment systems such as ZigBee BeeStack
Consumer (RF4CE) to low cost, low power, IEEE
802.15.4 and ZigBee end nodes. The MC1323x is a
highly integrated solution, with very low power
consumption.
The MC1323x contains an RF transceiver which is an
802.15.4 Standard - 2006 compliant radio that operates
in the 2.4 GHz ISM frequency band. The transceiver
includes a low noise amplifier, 1mW nominal output
power amplifier (PA), internal voltage controlled
oscillator (VCO), integrated transmit/receive switch,
on-board power supply regulation, and full
spread-spectrum encoding and decoding.
MC1323x
Low Cost SoC Remote Control
Platform for the 2.4 GHz IEEE®
802.15.4 Standard
Contents
1 Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
3 Integrated IEEE 802.15.4 Transceiver
(Radio and Modem)
7
4 HCS08 8-Bit Central Processing Unit (CPU) 9
5 System Clocks . . . . . . . . . . . . . . . . . . . . . . . 10
6 Memory . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
7 System and Power Management . . . . . . . . 11
8 MCU Peripherals . . . . . . . . . . . . . . . . . . . . . . 12
9 Development Environment . . . . . . . . . . . . . 16
10Pin Assignment and Connections . . . . . . . 17
11Electrical Specifications . . . . . . . . . . . . . . . 20
12Applications Information . . . . . . . . . . . . . . . 32
13Mechanical Diagrams
(Case 2124-02, Non-JEDEC)
34


Số phần tương tự - MC1323X

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC1323X FREESCALE-MC1323X Datasheet
391Kb / 36P
   Low Cost SoC Remote Control Platform for the 2.4 GHz IEEE짰
More results

Mô tả tương tự - MC1323X

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC1323X FREESCALE-MC1323X Datasheet
391Kb / 36P
   Low Cost SoC Remote Control Platform for the 2.4 GHz IEEE짰
MC13192 FREESCALE-MC13192_07 Datasheet
329Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13201 FREESCALE-MC13201_07 Datasheet
349Kb / 28P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13202_0812 FREESCALE-MC13202_0812 Datasheet
366Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13211 FREESCALE-MC13211_08 Datasheet
871Kb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1322X FREESCALE-MC1322X Datasheet
413Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC1321X FREESCALE-MC1321X_09 Datasheet
862Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC13211 FREESCALE-MC13211 Datasheet
867Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X Datasheet
870Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
logo
NXP Semiconductors
MC1321X NXP-MC1321X Datasheet
1Mb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Rev. 1.8 08/2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com