công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC1323X bảng dữ liệu(PDF) 9 Page - Freescale Semiconductor, Inc

tên linh kiện MC1323X
Giải thích chi tiết về linh kiện  Low Cost SoC Remote Control Platform for the 2.4 GHz IEEE짰 802.15.4 Standard
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC1323X bảng dữ liệu(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC1323X Datasheet HTML 5Page - Freescale Semiconductor, Inc MC1323X Datasheet HTML 6Page - Freescale Semiconductor, Inc MC1323X Datasheet HTML 7Page - Freescale Semiconductor, Inc MC1323X Datasheet HTML 8Page - Freescale Semiconductor, Inc MC1323X Datasheet HTML 9Page - Freescale Semiconductor, Inc MC1323X Datasheet HTML 10Page - Freescale Semiconductor, Inc MC1323X Datasheet HTML 11Page - Freescale Semiconductor, Inc MC1323X Datasheet HTML 12Page - Freescale Semiconductor, Inc MC1323X Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
MC1323x Advance Information, Rev. 0.0
Freescale Semiconductor
9
3.4
Unique Partial Power Down (PPD) or “Listen” Receive Mode
The MC1323x provides a unique Partial Power Down receive (PPD_RX) mode. When this mode is
selected:
Whenever a receive cycle is initiated, the receiver is not turned fully on to save current until receive
energy of a preset level is detected
The receiver will turn fully on only when triggered by energy at the preset level, and then receives
the expected frame. The full-on state is the same as the standard receive state
The preset level can be programmed for various RX input power levels
Use of the PPD_RX mode provides two distinct advantages:
1. Reduced “listen” mode current - The receive current is significantly reduced while waiting for a
frame. If a node is a coordinator, router, or gateway and it spends a significant percentage of its
RF-active time waiting for incoming frames from clients or other devices, the net power savings
can be significant.
2. Reduced sensitivity as a desired effect - The PPD_RX mode provides different levels of reduced
sensitivity. If a node operates in a densely populated area, it may be desirable to de-sensitize the
receiver such that the device does not respond to incoming frames with an energy level below the
desired threshold. This could be useful for security, net efficiency, reduced noise triggering and
many other purposes.
4
HCS08 8-Bit Central Processing Unit (CPU)
The onboard CPU is a 32 MHz 8-bit HCS08 core. It executes a super set of the 68HC08 instruction set
with added BGND instructions. The HCS08 CPU is fully source and object code compatible with the
M68HC08 CPU. Several instructions and enhanced addressing modes are added to improve C compiler
efficiency and to support a new background debug system. It has an 8-bit data bus, a 16-bit address bus
and a 2-stage instruction pipe that facilitates the overlapping of instruction fetching and execution. There
are 29 vectors for internal interrupt sources and one vector for an external interrupt pin. The debug or BDM
module provides a serial one-wire interface for non-intrusive debugging of application programs.
Features of the HCS08 CPU include:
Object code fully upward-compatible with M68HC05 and M68HC08 Families
64-KB CPU address space with banked memory management unit for greater than 64 KB
16-bit stack pointer (any size stack anywhere in 64-KB CPU address space)
16-bit index register (H:X) with powerful indexed addressing modes
8-bit accumulator (A)
Many instructions treat X as a second general-purpose 8-bit register
Seven addressing modes:
— Inherent — Operands in internal registers
— Relative — 8-bit signed offset to branch destination
— Immediate — Operand in next object code byte(s)


Số phần tương tự - MC1323X

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC1323X FREESCALE-MC1323X Datasheet
391Kb / 36P
   Low Cost SoC Remote Control Platform for the 2.4 GHz IEEE짰
More results

Mô tả tương tự - MC1323X

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC1323X FREESCALE-MC1323X Datasheet
391Kb / 36P
   Low Cost SoC Remote Control Platform for the 2.4 GHz IEEE짰
MC13192 FREESCALE-MC13192_07 Datasheet
329Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13201 FREESCALE-MC13201_07 Datasheet
349Kb / 28P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13202_0812 FREESCALE-MC13202_0812 Datasheet
366Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13211 FREESCALE-MC13211_08 Datasheet
871Kb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1322X FREESCALE-MC1322X Datasheet
413Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC1321X FREESCALE-MC1321X_09 Datasheet
862Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC13211 FREESCALE-MC13211 Datasheet
867Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X Datasheet
870Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
logo
NXP Semiconductors
MC1321X NXP-MC1321X Datasheet
1Mb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Rev. 1.8 08/2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com