công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC1323X bảng dữ liệu(PDF) 11 Page - Freescale Semiconductor, Inc

tên linh kiện MC1323X
Giải thích chi tiết về linh kiện  Low Cost SoC Remote Control Platform for the 2.4 GHz IEEE짰 802.15.4 Standard
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC1323X bảng dữ liệu(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC1323X_1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC1323X_1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC1323X_1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC1323X_1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC1323X_1 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC1323X_1 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC1323X_1 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC1323X_1 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC1323X_1 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
MC1323x Advance Information, Rev. 0.0
Freescale Semiconductor
11
7
System and Power Management
The MC1323x is inherently a low power device, but it also has extensive system control and power
management to maximize battery life and provide system protection.
7.1
Modes of Operation
The MC1323x modes of operation include:
Active background mode for code development
Run mode — CPU clocks can be run at full speed and the internal supply is fully regulated.
LPRun mode — CPU clock is set to 500 kHz and peripheral clocks (bus clock) to 250 kHz and the
internal voltage regulator is in standby
Wait mode — CPU shuts down to conserve power; system clocks are running and full regulation
is maintained
LPWait mode — CPU shuts down to conserve power; peripheral clocks are restricted to 250 kHz
and the internal voltage regulator is in standby
STOP modes — System clocks are stopped and voltage regulator is in standby
— STOP3 — All internal circuits are powered for fast recovery (32 MHz oscillator on-off
optional)
— STOP2 — Partial power down of internal circuits, RAM content is retained; I/O states are held
7.2
Power Management
The MC1323x power management is controlled through programming of the modes of operation.
Different modes allow for different levels of power-down. Additional features include:
The transceiver is powered as required
The analog radio is only powered-up as required to do a TX, RX, or CCA/ED operation
Peripheral control clock gating can be disabled on an MCU module-by-module basis to provide
lowest power
Programmed mode manages
— Degree of chip power down
— Retention of programmed parameters
— Clock management
Power-down and wake-up (clocks and analog blocks) are gracefully controlled
RTC can be used as wake-up timer
Wake-up available through KBI and UART Rx asynchronous interrupts
Real-time counter (RTC) module
— 16-bit modulus counter with binary or decimal based prescaler for precise time base,
time-of-day, calendar or task scheduling functions.
— Capable of greater than one day interrupt.
— Can also be used for device wake-up.


Số phần tương tự - MC1323X_1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC1323X FREESCALE-MC1323X Datasheet
391Kb / 36P
   Low Cost SoC Remote Control Platform for the 2.4 GHz IEEE짰
More results

Mô tả tương tự - MC1323X_1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC1323X FREESCALE-MC1323X Datasheet
391Kb / 36P
   Low Cost SoC Remote Control Platform for the 2.4 GHz IEEE짰
MC13192 FREESCALE-MC13192_07 Datasheet
329Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13201 FREESCALE-MC13201_07 Datasheet
349Kb / 28P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13202_0812 FREESCALE-MC13202_0812 Datasheet
366Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13211 FREESCALE-MC13211_08 Datasheet
871Kb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1322X FREESCALE-MC1322X Datasheet
413Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC1321X FREESCALE-MC1321X_09 Datasheet
862Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC13211 FREESCALE-MC13211 Datasheet
867Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X Datasheet
870Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
logo
NXP Semiconductors
MC1321X NXP-MC1321X Datasheet
1Mb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Rev. 1.8 08/2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com