công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC1323X bảng dữ liệu(PDF) 10 Page - Freescale Semiconductor, Inc

tên linh kiện MC1323X
Giải thích chi tiết về linh kiện  Low Cost SoC Remote Control Platform for the 2.4 GHz IEEE짰 802.15.4 Standard
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC1323X bảng dữ liệu(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC1323X_1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC1323X_1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC1323X_1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC1323X_1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC1323X_1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC1323X_1 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC1323X_1 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC1323X_1 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC1323X_1 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
MC1323x Advance Information, Rev. 0.0
10
Freescale Semiconductor
— Direct — Operand in memory at 0x0000–0x00FF
— Extended — Operand anywhere in 64-KB address space
— Indexed relative to H:X — Five submodes including auto increment
— Indexed relative to SP — Improves C efficiency dramatically
Memory-to-memory data move instructions with four address mode combinations
Overflow, half-carry, negative, zero, and carry condition codes support conditional branching on
the results of signed, unsigned, and binary-coded decimal (BCD) operations
Efficient bit manipulation instructions
Fast 8-bit by 8-bit multiply and 16-bit by 8-bit divide instructions
STOP and WAIT instructions to invoke low-power operating modes
5
System Clocks
The primary system reference frequency is a 32 MHz crystal oscillator. The crystal requirements for the
oscillator and oscillator performance must support a +/-40 ppm frequency accuracy to meet the IEEE
802.15.4 Standard requirements. All system clocks are generated from this source. Features of the clock
system include:
The 32 MHz reference oscillator has onboard programmable capacitive loading that allows
software tuning of frequency accuracy
CPU clock as high as 32 MHz
Bus clock (and peripheral clock) equals 1/2 CPU clock
Clocks to individual peripherals can be independently disabled for best power management.
CPU clock can be lowered to 500 kHz for lower power (250 kHz bus clock)
An optional 32.768 kHz crystal oscillator is available for accurate low power timing and the Real Time
Clock (RTC). Also, an onboard, low accuracy 1 kHz oscillator is available for sleep timing wake-up.
6Memory
The MC1323x memory resources consist of RAM, FLASH program memory for nonvolatile data storage,
and control/status registers for I/O, peripherals, management, and the transceiver. Features include:
80 KB FLASH (81920dec) bytes organized as 80 segments of 1024 byte/segment)
5 KB RAM
Security circuitry to prevent unauthorized access to RAM and FLASH contents


Số phần tương tự - MC1323X_1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC1323X FREESCALE-MC1323X Datasheet
391Kb / 36P
   Low Cost SoC Remote Control Platform for the 2.4 GHz IEEE짰
More results

Mô tả tương tự - MC1323X_1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC1323X FREESCALE-MC1323X Datasheet
391Kb / 36P
   Low Cost SoC Remote Control Platform for the 2.4 GHz IEEE짰
MC13192 FREESCALE-MC13192_07 Datasheet
329Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13201 FREESCALE-MC13201_07 Datasheet
349Kb / 28P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13202_0812 FREESCALE-MC13202_0812 Datasheet
366Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13211 FREESCALE-MC13211_08 Datasheet
871Kb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1322X FREESCALE-MC1322X Datasheet
413Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC1321X FREESCALE-MC1321X_09 Datasheet
862Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC13211 FREESCALE-MC13211 Datasheet
867Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X Datasheet
870Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
logo
NXP Semiconductors
MC1321X NXP-MC1321X Datasheet
1Mb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Rev. 1.8 08/2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com