công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08QE8 bảng dữ liệu(PDF) 3 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08QE8
Giải thích chi tiết về linh kiện  Up to 20 MHz CPU at 3.6 V to 1.8 V across temperature range of ??0 째C to 85 째C
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08QE8 bảng dữ liệu(HTML) 3 Page - Freescale Semiconductor, Inc

  MC9S08QE8_11 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9S08QE8_11 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9S08QE8_11 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S08QE8_11 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08QE8_11 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08QE8_11 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08QE8_11 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08QE8_11 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08QE8_11 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
MCU Block Diagram
MC9S08QE8 Series Data Sheet, Rev. 8
Freescale Semiconductor
3
1
MCU Block Diagram
The block diagram, Figure 1, shows the structure of MC9S08QE8 series MCU.
Figure 1. MC9S08QE8 Series Block Diagram
IIC MODULE (IIC)
USER FLASH
USER RAM
HCS08 CORE
CPU
BDC
PTB7/SCL/EXTAL
HCS08 SYSTEM CONTROL
RESETS AND INTERRUPTS
MODES OF OPERATION
POWER MANAGEMENT
COP
LVD
PTB6/SDA/XTAL
PTB5/TPM1CH1/SS
PTB4/TPM2CH1/MISO
PTB3/KBIP7/MOSI/ADP7
PTB2/KBIP6/SPSCK/ADP6
VOLTAGE REGULATOR
PTA1/KBIP1/TPM2CH0/ADP1/ACMP1–
ANALOG COMPARATOR
(ACMP1)
LOW-POWER OSCILLATOR
20 MHz INTERNAL CLOCK
SOURCE (ICS)
31.25 kHz to 38.4 kHz
1 MHz to 16 MHz
(XOSCVLP)
VSS
VDD
ANALOG-TO-DIGITAL
CONVERTER (ADC12)
12-BIT
PTB1/KBIP5/TxD/ADP5
PTB0/KBIP4/RxD/ADP4
PTC7/ACMP2–
PTC6/ACMP2+
PTC5/ACMP2O
PTC4
REAL-TIME COUNTER
(MC9S08QE8 = 8192 BYTES)
(MC9S08QE4 = 4096 BYTES)
(MC9S08QE8 = 512 BYTES)
(MC9S08QE4 = 256 BYTES)
PTA3/KBIP3/SCL/ADP3
PTA2/KBIP2/SDA/ADP2
PTA0/KBIP0/TPM1CH0/ADP0/ACMP1+
PTA4/ACMP1O/BKGD/MS
PTA5/IRQ/TCLK/RESET
IRQ
pins not available on 16-pin packages
pins not available on 16-pin or 20-pin packages
(RTC)
ANALOG COMPARATOR
(ACMP2)
PTA7/TPM2CH2/ADP9
PTA6/TPM1CH2/ADP8
PTC3
PTC2
PTC1/TPM2CH2
PTC0/TPM1CH2
PTD3
PTD2
PTD1
PTD0
VSSA/VREFL
VDDA/VREFH
pins not available on 16-pin, 20-pin or 28-pin packages
BKGD/MS
IRQ
EXTAL
XTAL
VREFL
VREFH
SCL
SDA
SERIAL PERIPHERAL
INTERFACE MODULE (SPI)
MISO
MOSI
SPSCK
SS
INTERFACE MODULE (SCI)
SERIAL COMMUNICATIONS
RxD
TxD
DEBUG MODULE (DBG)
TCLK
TPM2CH0
TPM2CH1
ACMP1O
ACMP1–
ACMP1+
ACMP2O
ACMP2–
ACMP2+
ADP9–ADP0
TPM2CH2
TCLK
TPM1CH0
TPM1CH1
TPM1CH2
16-BIT TIMER PWM
MODULE (TPM1)
16-BIT TIMER PWM
MODULE (TPM2)
KEYBOARD INTERRUPT
MODULE (KBI)
KBIP7–KBIP0
VSSA
VDDA
VSSA
VDDA
Notes: When PTA5 is configured as RESET, pin becomes bi-directional with output being open-drain drive containing an internal pullup device.
When PTA4 is configured as BKGD, pin becomes bi-directional.
For the 16-pin and 20-pin packages, VSSA/VREFL and VDDA/VREFH are double bonded to VSS and VDD respectively.


Số phần tương tự - MC9S08QE8_11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC9S08QE8C16 FREESCALE-MC9S08QE8C16 Datasheet
947Kb / 46P
   8-Bit HCS08 Central Processor Unit
More results

Mô tả tương tự - MC9S08QE8_11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC9S08FL16CBM FREESCALE-MC9S08FL16CBM Datasheet
443Kb / 34P
   Up to 20 MHz CPU at 4.5 V to 5.5 V across temperature range of ??0 째C to 85 째C
MC9RS08LE4CWL FREESCALE-MC9RS08LE4CWL Datasheet
528Kb / 28P
   Up to 20 MHz CPU at 2.7 V to 5.5 V across temperature range of ??0째C to 85째C
logo
QUARTZCOM the communica...
OCO-M20AH QUARTZCOM-OCO-M20AH Datasheet
112Kb / 1P
   Through hole OCXO Wide operating temperature range: -40 up to 85 째C
OCO-M36CEH QUARTZCOM-OCO-M36CEH Datasheet
139Kb / 1P
   Through hole OCXO HCMOS Wide operating temperature range: -40 up to 85 째C
OCO-SM14H QUARTZCOM-OCO-SM14H Datasheet
141Kb / 1P
   Through hole OCXO Wide operating temperature range from -40 up to 85 째C
OCO-SM14S QUARTZCOM-OCO-SM14S Datasheet
141Kb / 1P
   Through hole OCXO Wide operating temperature range from -40 up to 85 째C
OCO-M36CH QUARTZCOM-OCO-M36CH Datasheet
140Kb / 1P
   Through hole OCXO HCMOS Wide operating temperature range: -40 up to 85 째C
OCO-M36AH QUARTZCOM-OCO-M36AH Datasheet
139Kb / 1P
   Through hole OCXO HCMOS Wide operating temperature range: -40 up to 85 째C
OCO-M14S QUARTZCOM-OCO-M14S Datasheet
168Kb / 1P
   Through hole OCXO Sine wave Wide operating temperature range from -40 up to 85 째C
OCO-M20AS QUARTZCOM-OCO-M20AS Datasheet
112Kb / 1P
   Through hole OCXO Sine wave Wide operating temperature range from -40 up to 85 째C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com