công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP73864 bảng dữ liệu(PDF) 5 Page - Microchip Technology

tên linh kiện MCP73864
Giải thích chi tiết về linh kiện  Advanced Single or Dual Cell, Fully Integrated Li-Ion/Li-Polymer Charge Management
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73864 bảng dữ liệu(HTML) 5 Page - Microchip Technology

  MCP73864 Datasheet HTML 1Page - Microchip Technology MCP73864 Datasheet HTML 2Page - Microchip Technology MCP73864 Datasheet HTML 3Page - Microchip Technology MCP73864 Datasheet HTML 4Page - Microchip Technology MCP73864 Datasheet HTML 5Page - Microchip Technology MCP73864 Datasheet HTML 6Page - Microchip Technology MCP73864 Datasheet HTML 7Page - Microchip Technology MCP73864 Datasheet HTML 8Page - Microchip Technology MCP73864 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
 2011 Microchip Technology Inc.
DS21893E-page 5
MCP73861/2/3/4
TEMPERATURE SPECIFICATIONS
Thermal Shutdown
Die Temperature
TSD
155
°C
Die Temperature
Hysteresis
TSDHYS
—10
°C
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, all limits apply for VDD= [VREG(typ.) + 0.3V] to 12V,
TA = -40°C to +85°C. Typical values are at +25°C, VDD = [VREG (typ.) + 1.0V]
Parameters
Sym
Min
Typ
Max
Unit
s
Conditions
AC CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, all limits apply for VDD = [VREG (typ.) + 0.3V] to 12V,
TA = -40°C to +85°C. Typical values are at +25°C, VDD = [VREG (typ.) + 1.0V]
Parameters
Sym
Min
Typ
Max
Units
Conditions
UVLO Start Delay
tSTART
——
5
ms
VDD Low-to-High
Current Regulation
Transition Time Out of
Preconditioning
tDELAY
——
1
ms
VBAT < VPTH to VBAT > VPTH
Current Rise Time Out of
Preconditioning
tRISE
——
1
ms
IOUT Rising to 90% of IREG
Fast Charge Safety Timer
Period
tFAST
1.1
1.5
1.9
Hours
CTIMER = 0.1 µF
Preconditioning Current Regulation
Preconditioning Charge Safety
Timer Period
tPRECON
45
60
75
Minutes CTIMER = 0.1 µF
Charge Termination
Elapsed Time Termination
Period
tTERM
2.2
3
3.8
Hours
CTIMER = 0.1 µF
Status Indicators
Status Output turn-off
tOFF
200
µs
ISINK = 1mA to 0mA
Status Output turn-on
tON
200
µs
ISINK = 0mA to 1mA
Electrical Specifications: Unless otherwise indicated, all limits apply for VDD = [VREG (typ.) + 0.3V] to 12V.
Typical values are at +25°C, VDD = [VREG (typ.) + 1.0V]
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
+85
°C
Operating Temperature Range
TJ
-40
+125
°C
Storage Temperature Range
TA
-65
+150
°C
Thermal Package Resistances
Thermal Resistance, 16-lead,
4 mm x 4 mm QFN
JA
47
°C/W
4-Layer JC51-7 Standard Board,
Natural Convection
Thermal Resistance, 16-lead SOIC
JA
86.1
°C/W
4-Layer JC51-7 Standard Board,
Natural Convection


Số phần tương tự - MCP73864

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP73864 MICROCHIP-MCP73864 Datasheet
462Kb / 28P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2005
MCP73864 MICROCHIP-MCP73864 Datasheet
624Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2008
MCP73864 MICROCHIP-MCP73864 Datasheet
872Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion/Li-Polymer Charge Management Controllers
11/29/12 2004-2013
MCP73864-I/ML MICROCHIP-MCP73864-I/ML Datasheet
462Kb / 28P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2005
MCP73864-I/ML MICROCHIP-MCP73864-I/ML Datasheet
624Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2008
More results

Mô tả tương tự - MCP73864

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP73861 MICROCHIP-MCP73861_08 Datasheet
624Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2008
MCP73861 MICROCHIP-MCP73861_13 Datasheet
872Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion/Li-Polymer Charge Management Controllers
11/29/12 2004-2013
MCP73861 MICROCHIP-MCP73861 Datasheet
402Kb / 26P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2004
MCP73861 MICROCHIP-MCP73861_05 Datasheet
462Kb / 28P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2005
MCP73831 MICROCHIP-MCP73831_13 Datasheet
1Mb / 32P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
11/29/12 2005-2013
MCP73831 MICROCHIP-MCP73831_08 Datasheet
847Kb / 28P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2008
MCP73831 MICROCHIP-MCP73831 Datasheet
696Kb / 24P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2006
MCP73831 MICROCHIP-MCP73831_V01 Datasheet
1Mb / 29P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
Revision H June 2020
MCP73831 MICROCHIP-MCP73831_14 Datasheet
682Kb / 28P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
03/25/14
MCP73811 MICROCHIP-MCP73811 Datasheet
1Mb / 22P
   Simple, Miniature Single-Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com