công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP73863T bảng dữ liệu(PDF) 4 Page - Microchip Technology

tên linh kiện MCP73863T
Giải thích chi tiết về linh kiện  Advanced Single or Dual Cell, Fully Integrated Li-Ion/Li-Polymer Charge Management
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73863T bảng dữ liệu(HTML) 4 Page - Microchip Technology

  MCP73863T Datasheet HTML 1Page - Microchip Technology MCP73863T Datasheet HTML 2Page - Microchip Technology MCP73863T Datasheet HTML 3Page - Microchip Technology MCP73863T Datasheet HTML 4Page - Microchip Technology MCP73863T Datasheet HTML 5Page - Microchip Technology MCP73863T Datasheet HTML 6Page - Microchip Technology MCP73863T Datasheet HTML 7Page - Microchip Technology MCP73863T Datasheet HTML 8Page - Microchip Technology MCP73863T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
MCP73861/2/3/4
DS21893E-page 4
 2011 Microchip Technology Inc.
Preconditioning Current Regulation (Trickle Charge Constant-Current Mode)
Precondition Current
Regulation
IPREG
5
10
15
mA
PROG = OPEN
60
120
180
mA
PROG = VSS
25
50
75
mA
PROG = 1.6 kΩ
TA=-5°C to +55°C
Precondition Threshold
Voltage
VPTH
2.70
2.80
2.90
V
MCP73861/3, VSET = VSS
2.75
2.85
2.95
V
MCP73861/3, VSET = VDD
5.40
5.60
5.80
V
MCP73862/4, VSET = VSS
5.50
5.70
5.90
V
MCP73862/4, VSET = VDD
VBAT Low-to-High
Charge Termination
Charge Termination
Current
ITERM
6
8.5
11
mA
PROG = OPEN
70
90
120
mA
PROG = VSS
32
41
50
mA
PROG = 1.6 kΩ
TA=-5°C to +55°C
Automatic Recharge
Recharge Threshold
Voltage
VRTH
VREG -
300 mV
VREG -
200 mV
VREG -100 mV
V
MCP73861/3
VREG -
600 mV
VREG -
400 mV
VREG -
200 mV
V
MCP73862/4
VBAT High-to-Low
Thermistor Reference
Thermistor Reference
Output Voltage
VTHREF
2.475
2.55
2.625
V
TA = 25°C,
VDD = VREG(typ.) + 1V,
ITHREF = 0 mA
Thermistor Reference
Source Current
ITHREF
200
µA
Thermistor Reference Line
Regulation
ΔVTHREF/
VTHREF)|/
ΔVDD
0.1
0.25
%/V VDD = [VREG(typ.) + 1V] to
12V
Thermistor Reference Load
Regulation
ΔVTHREF/
VTHREF|
0.01
0.10
%
ITHREF = 0 mA to 0.20 mA
Thermistor Comparator
Upper Trip Threshold
VT1
1.18
1.25
1.32
V
Upper Trip Point Hysteresis
VT1HYS
—-50
mV
Lower Trip Threshold
VT2
0.59
0.62
0.66
V
Lower Trip Point Hysteresis
VT2HYS
—80
mV
Input Bias Current
IBIAS
——
2
µA
Status Indicator – STAT1, STAT2
Sink Current
ISINK
48
12
mA
Low Output Voltage
VOL
200
400
mV
ISINK = 1 mA
Input Leakage Current
ILK
—0.01
1
µA
ISINK = 0 mA, VSTAT1,2 = 12V
Enable Input
Input High Voltage Level
VIH
1.4
V
Input Low Voltage Level
VIL
——
0.8
V
Input Leakage Current
ILK
—0.01
1
µA
VENABLE = 12V
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, all limits apply for VDD= [VREG(typ.) + 0.3V] to 12V,
TA = -40°C to +85°C. Typical values are at +25°C, VDD = [VREG (typ.) + 1.0V]
Parameters
Sym
Min
Typ
Max
Unit
s
Conditions


Số phần tương tự - MCP73863T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP73863T MICROCHIP-MCP73863T Datasheet
624Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2008
MCP73863T-I/ML MICROCHIP-MCP73863T-I/ML Datasheet
462Kb / 28P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2005
MCP73863T-I/ML MICROCHIP-MCP73863T-I/ML Datasheet
624Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2008
MCP73863T-I/SL MICROCHIP-MCP73863T-I/SL Datasheet
462Kb / 28P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2005
MCP73863T-I/SL MICROCHIP-MCP73863T-I/SL Datasheet
624Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2008
More results

Mô tả tương tự - MCP73863T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP73861 MICROCHIP-MCP73861_08 Datasheet
624Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2008
MCP73861 MICROCHIP-MCP73861_13 Datasheet
872Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion/Li-Polymer Charge Management Controllers
11/29/12 2004-2013
MCP73861 MICROCHIP-MCP73861 Datasheet
402Kb / 26P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2004
MCP73861 MICROCHIP-MCP73861_05 Datasheet
462Kb / 28P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2005
MCP73831 MICROCHIP-MCP73831_13 Datasheet
1Mb / 32P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
11/29/12 2005-2013
MCP73831 MICROCHIP-MCP73831_08 Datasheet
847Kb / 28P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2008
MCP73831 MICROCHIP-MCP73831 Datasheet
696Kb / 24P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2006
MCP73831 MICROCHIP-MCP73831_V01 Datasheet
1Mb / 29P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
Revision H June 2020
MCP73831 MICROCHIP-MCP73831_14 Datasheet
682Kb / 28P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
03/25/14
MCP73811 MICROCHIP-MCP73811 Datasheet
1Mb / 22P
   Simple, Miniature Single-Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com