công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP73861 bảng dữ liệu(PDF) 7 Page - Microchip Technology

tên linh kiện MCP73861
Giải thích chi tiết về linh kiện  Advanced Single or Dual Cell, Fully Integrated Li-Ion/Li-Polymer Charge Management
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73861 bảng dữ liệu(HTML) 7 Page - Microchip Technology

Back Button MCP73861 Datasheet HTML 3Page - Microchip Technology MCP73861 Datasheet HTML 4Page - Microchip Technology MCP73861 Datasheet HTML 5Page - Microchip Technology MCP73861 Datasheet HTML 6Page - Microchip Technology MCP73861 Datasheet HTML 7Page - Microchip Technology MCP73861 Datasheet HTML 8Page - Microchip Technology MCP73861 Datasheet HTML 9Page - Microchip Technology MCP73861 Datasheet HTML 10Page - Microchip Technology MCP73861 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
 2011 Microchip Technology Inc.
DS21893E-page 7
MCP73861/2/3/4
2.0
TYPICAL PERFORMANCE CURVES
NOTE: Unless otherwise indicated, VDD = [VREG(typ.) + 1V], IOUT = 10 mA and TA= +25°C, Constant-voltage mode.
FIGURE 2-1:
Battery Regulation Voltage
(VBAT) vs. Charge Current (IOUT).
FIGURE 2-2:
Battery Regulation Voltage
(VBAT) vs. Supply Voltage (VDD).
FIGURE 2-3:
Battery Regulation Voltage
(VBAT) vs. Supply Voltage (VDD).
FIGURE 2-4:
Supply Current (ISS) vs.
Charge Current (IOUT).
FIGURE 2-5:
Supply Current (ISS) vs.
Supply Voltage (VDD).
FIGURE 2-6:
Supply Current (ISS) vs.
Supply Voltage (VDD).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
4.193
4.195
4.197
4.199
4.201
4.203
4.205
4.207
10
100
1000
Charge Current (mA)
MCP73861/3
VSET = VDD
VDD = 5.2V
3.80
3.90
4.00
4.10
4.20
4.30
4.40
4.5
6.0
7.5
9.0
10.5
12.0
Supply Voltage (V)
MCP73861/3
VSET = VDD
IOUT = 1000 mA
4.193
4.195
4.197
4.199
4.201
4.203
4.205
4.207
4.5
6.0
7.5
9.0
10.5
12.0
Supply Voltage (V)
MCP73861/3
VSET = VDD
IOUT = 10 mA
0.40
0.50
0.60
0.70
0.80
0.90
1.00
10
100
1000
Charge Current (mA)
MCP73861/3
VSET = VDD
VDD = 5.2V
0.40
0.60
0.80
1.00
1.20
1.40
1.60
4.5
6.0
7.5
9.0
10.5
12.0
Supply Voltage (V)
MCP73861/3
VSET = VDD
IOUT = 1000 mA
0.40
0.50
0.60
0.70
0.80
0.90
1.00
4.5
6.0
7.5
9.0
10.5
12.0
Supply Voltage (V)
MCP73861/3
VSET = VDD
IOUT = 10 mA


Số phần tương tự - MCP73861

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP73861 MICROCHIP-MCP73861 Datasheet
402Kb / 26P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2004
MCP73861 MICROCHIP-MCP73861 Datasheet
624Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2008
MCP73861-I/ML MICROCHIP-MCP73861-I/ML Datasheet
462Kb / 28P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2005
MCP73861-I/ML MICROCHIP-MCP73861-I/ML Datasheet
624Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2008
MCP73861-I/SL MICROCHIP-MCP73861-I/SL Datasheet
462Kb / 28P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2005
More results

Mô tả tương tự - MCP73861

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP73861 MICROCHIP-MCP73861_08 Datasheet
624Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2008
MCP73861 MICROCHIP-MCP73861_13 Datasheet
872Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion/Li-Polymer Charge Management Controllers
11/29/12 2004-2013
MCP73861 MICROCHIP-MCP73861 Datasheet
402Kb / 26P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2004
MCP73861 MICROCHIP-MCP73861_05 Datasheet
462Kb / 28P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2005
MCP73831 MICROCHIP-MCP73831_13 Datasheet
1Mb / 32P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
11/29/12 2005-2013
MCP73831 MICROCHIP-MCP73831_08 Datasheet
847Kb / 28P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2008
MCP73831 MICROCHIP-MCP73831 Datasheet
696Kb / 24P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2006
MCP73831 MICROCHIP-MCP73831_V01 Datasheet
1Mb / 29P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
Revision H June 2020
MCP73831 MICROCHIP-MCP73831_14 Datasheet
682Kb / 28P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
03/25/14
MCP73811 MICROCHIP-MCP73811 Datasheet
1Mb / 22P
   Simple, Miniature Single-Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com