công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK732 bảng dữ liệu(PDF) 1 Page - Sanyo Semicon Device

tên linh kiện STK732
Giải thích chi tiết về linh kiện  15 V Single Output MOS Chopper Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK732 bảng dữ liệu(HTML) 1 Page - Sanyo Semicon Device

  STK732 Datasheet HTML 1Page - Sanyo Semicon Device STK732 Datasheet HTML 2Page - Sanyo Semicon Device STK732 Datasheet HTML 3Page - Sanyo Semicon Device STK732 Datasheet HTML 4Page - Sanyo Semicon Device STK732 Datasheet HTML 5Page - Sanyo Semicon Device STK732 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Thick Film Hybrid IC
Ordering number : EN4533B
61096HA (OT)/82793YO (OT)No. 4533-1/6
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
15 V Single Output MOS Chopper Regulator
STK732C
Overview
The STK732C is a chopper type step-down dedicated
15 V single output regulator that uses a power MOSFET
as its switching element. The STK732C covers the 2 A
and higher current regions, regions that are difficult to
handle with three terminal step-down regulators. As
compared with earlier chopper regulator products that
used bipolar transistors, the efficiency of the STK732C
has been further improved by the adoption of MOSFET
technology, and use of the STK732C enables further
miniaturization and increased performance in the end
product since it corresponds to the adoption of a
dedicated switching controller IC. Furthermore, due to
the development of a unique MOS drive circuit, the
STK732C can be used with a single power supply input.
The STK732C can prove useful when standardizing and
rationalizing power supply circuit design, since it can
handle a wide range of power supply circuits in a
number of applications, either as the secondary side
regulator in a switching power supply or as the output
regulator following AC transformer rectification.
Applications
• Power supplies in printers and other office equipment
• Power supplies in robots and other factory automation
related equipment
• Power supplies in VCRs and other consumer products
• Secondary side regulators in switching power supplies
Features
• IMST substrate (insulated metal substrate technology)
• High efficiency realized by the adoption of MOSFET
technology.
• An auxiliary drive power supply is no longer required
due to the development of a unique NMOS FET drive
circuit. This means that the STK732C can be used
with a single power supply, thus allowing
simplification of the input system.
• Built-in reverse going linear overload characteristic
curve overcurrent protection circuit
• Ground line handling is eased even in multi-output
power supply structures due to placement of the
overcurrent detection resistor on the plus line.
• The STK732C’s separate excitation oscillator
structure provides high stability in the switching
frequency.
• A built-in cutoff function allows an external signal to
switch the output on and off.
• The STK732C’s switching operating frequency is set
at 85 kHz, which minimizes beating when used in a
multiple output structure with STK730 type (5 V
output, 125 kHz) products.
Package Dimensions
unit: mm
4137
[STK732C]


Số phần tương tự - STK732

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
STK7328 SANYO-STK7328 Datasheet
155Kb / 1P
   OFFLINE SWITCHING REGULATOR FOR COLOR TV USE
More results

Mô tả tương tự - STK732

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
STK730C SANYO-STK730C Datasheet
118Kb / 6P
   5 V Single Output MOS Chopper Regulator
STK733C SANYO-STK733C Datasheet
147Kb / 6P
   24 V Output MOS Chopper Regulator
STK731B SANYO-STK731B Datasheet
160Kb / 6P
   12V Single Output MOS Chopper Regulator?
STK740-441 SANYO-STK740-441 Datasheet
132Kb / 10P
   3.3V/5A Single Output Separate Excitation Chopper Regulator
STK740-470 SANYO-STK740-470 Datasheet
136Kb / 10P
   5V/5A Single Output Separate Excitation Chopper Regulator
logo
Sharp Corporation
PQ1CX22H2ZPQ SHARP-PQ1CX22H2ZPQ Datasheet
150Kb / 5P
   Low Output Bootstrap system Chopper Regulator
logo
Sanyo Semicon Device
STK750-010 SANYO-STK750-010 Datasheet
149Kb / 8P
   Chopper Regulator using MOS FET with Multi-Scan Support(1A Output Current)
logo
Infineon Technologies A...
TLE4286G INFINEON-TLE4286G_08 Datasheet
239Kb / 11P
   5-V Voltage Regulator 15 mA output current capability
Rev. 2.3, 2008-04-21
logo
Sanyo Semicon Device
STK7561G SANYO-STK7561G Datasheet
72Kb / 3P
   Chopper Type Parallel 2-Output Voltage Regulator
STK7563A SANYO-STK7563A Datasheet
71Kb / 3P
   Chopper Type Parallel 2-Output Voltage Regulator?
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com