công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK672 bảng dữ liệu(PDF) 6 Page - Sanyo Semicon Device

tên linh kiện STK672
Giải thích chi tiết về linh kiện  Microstep Operation-Supported 4-Phase Stepping Motor Driver (Io= 3.0A)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672 bảng dữ liệu(HTML) 6 Page - Sanyo Semicon Device

Back Button STK672 Datasheet HTML 2Page - Sanyo Semicon Device STK672 Datasheet HTML 3Page - Sanyo Semicon Device STK672 Datasheet HTML 4Page - Sanyo Semicon Device STK672 Datasheet HTML 5Page - Sanyo Semicon Device STK672 Datasheet HTML 6Page - Sanyo Semicon Device STK672 Datasheet HTML 7Page - Sanyo Semicon Device STK672 Datasheet HTML 8Page - Sanyo Semicon Device STK672 Datasheet HTML 9Page - Sanyo Semicon Device STK672 Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
STK672-050
No. 5228—6/11
2-3. RETURN (It forcibly returns the phase to the origin of current excitation phase.)
1. Pin format
sCMOS Schmitt configuration containing pull-up resistor
(20k
Ω, typical value)
2. Noise eliminating circuit is contained.
3. Function
sForces to moves to the origin of current excitation phase by
setting the RETURN signal to high state.
2-4. ENABLE(ON/OFF control of excitation drive output A, A, B, and B and selection of
operation/hold state in hybrid-IC)
1. Pin format
sCMOS Schmitt configuration containing pull-up resistor
(20 k
Ω, typical value)
2. Function
a. When the ENABLE signal is set to a high state or it is opened.
It is usually placed in the operation status.
b. When the ENABLE signal is set to a low state
The hybrid-IC is placed into the hold state, forcing the excitation drive output to be turned
off.
At this time, the system clock of the HC stops, the H-IC is not affected if the input pin other
than the reset input changes.
2-5. M1, M2, and M3 (Selection of excitation modes and clock input edge timing)
1. Pin format
sCMOS Schmitt configuration containing the pull-up resistor
(20 k
Ω typical value)
2. Functions
3. Valid timing of mode setting
sThe mode must not be changed within 5
µs from the rising edge and
falling edge of the clock.
M2
0
0
1
1
Phase switching clock edge timing
01
0
1
1
2 phase excitation
1-2 phase excitation
W1-2 phase
excitation
2W1-2 phase
excitation
Only the rising edge
0
1-2 phase excitation
W1-2 phase
excitation
2W1-2 phase
excitation
4W1-2 phase
excitation
Rising edge and falling edge
M1
M3


Số phần tương tự - STK672

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
STK672-010 SANYO-STK672-010 Datasheet
367Kb / 17P
   Unipolar Fixed-Current Chopper(separate excitation)Type 1.7A Output Current Stepping Motor Driver with Built-in 4-Phase Distribution Controller
STK672-020 SANYO-STK672-020 Datasheet
365Kb / 17P
   Unipolar Fixed-Current Chopper(separate excitation)Type 3.0A Output Current Stepping Motor Driver with Built-in 4-Phase Distribution Controller?
STK672-040 SANYO-STK672-040 Datasheet
1Mb / 11P
   Microstep Operation-Supported 4-Phase Stepping Motor Driver (Io= 1.5A)
STK672-040-E SANYO-STK672-040-E Datasheet
208Kb / 19P
   Thick-Film Hybrid IC Unipolar Constant-current Chopper (external excitation PWM) Circuit with Built-in Microstepping Controller Stepping Motor Driver (sine wave drive) Output Current 1.5A (no heat sink*)
STK672-050 SANYO-STK672-050 Datasheet
1Mb / 11P
   Microstep Operation-Supported 4-Phase Stepping Motor Driver (Io= 1.5A)
More results

Mô tả tương tự - STK672

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
STK672-040 SANYO-STK672-040 Datasheet
1Mb / 11P
   Microstep Operation-Supported 4-Phase Stepping Motor Driver (Io= 1.5A)
logo
Rohm
BD63860EFV ROHM-BD63860EFV_12 Datasheet
271Kb / 9P
   Stepping Motor Driver Series Microstep 36V Series Stepping Motor Driver
logo
Sanyo Semicon Device
STK6711AMK4 SANYO-STK6711AMK4 Datasheet
105Kb / 4P
   4-Phase Stepping Motor Driver Unipolar Self-Excitation Type(Io = 1.5A)
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-432A-E ONSEMI-STK672-432A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-110-E ONSEMI-STK672-110-E Datasheet
84Kb / 9P
   Two-Phase Stepping Motor Driver
June, 2013
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-732A-E ONSEMI-STK672-732A-E Datasheet
143Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-523-E ONSEMI-STK672-523-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com