công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK672 bảng dữ liệu(PDF) 11 Page - Sanyo Semicon Device

tên linh kiện STK672
Giải thích chi tiết về linh kiện  Microstep Operation-Supported 4-Phase Stepping Motor Driver (Io= 3.0A)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672 bảng dữ liệu(HTML) 11 Page - Sanyo Semicon Device

Back Button STK672 Datasheet HTML 3Page - Sanyo Semicon Device STK672 Datasheet HTML 4Page - Sanyo Semicon Device STK672 Datasheet HTML 5Page - Sanyo Semicon Device STK672 Datasheet HTML 6Page - Sanyo Semicon Device STK672 Datasheet HTML 7Page - Sanyo Semicon Device STK672 Datasheet HTML 8Page - Sanyo Semicon Device STK672 Datasheet HTML 9Page - Sanyo Semicon Device STK672 Datasheet HTML 10Page - Sanyo Semicon Device STK672 Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
STK672-050
No. 5228—11/11
s
No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace equipment, nuclear
power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of which may directly or indirectly cause
injury, death or property loss.
s
Anyone purchasing any products described or contained herein for an above-mentioned use shall:
Œ
Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors and all
their officers and employees, jointly and severally, against any and all claims and litigation and all damages, cost and expenses
associated with such use:

Not impose any responsibility for any fault or negligence which may be cited in any such claim or litigation on SANYO ELECTRIC CO.,
LTD., its affiliates, subsidiaries and distributors or any of their officers and employees, jointly or severally.
s
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production.
SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements
of intellectual property rights or other rights of third parties.
This catalog provides information as of November, 1997. Specifications and information herein are subject to change without notice.


Số phần tương tự - STK672

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
STK672-010 SANYO-STK672-010 Datasheet
367Kb / 17P
   Unipolar Fixed-Current Chopper(separate excitation)Type 1.7A Output Current Stepping Motor Driver with Built-in 4-Phase Distribution Controller
STK672-020 SANYO-STK672-020 Datasheet
365Kb / 17P
   Unipolar Fixed-Current Chopper(separate excitation)Type 3.0A Output Current Stepping Motor Driver with Built-in 4-Phase Distribution Controller?
STK672-040 SANYO-STK672-040 Datasheet
1Mb / 11P
   Microstep Operation-Supported 4-Phase Stepping Motor Driver (Io= 1.5A)
STK672-040-E SANYO-STK672-040-E Datasheet
208Kb / 19P
   Thick-Film Hybrid IC Unipolar Constant-current Chopper (external excitation PWM) Circuit with Built-in Microstepping Controller Stepping Motor Driver (sine wave drive) Output Current 1.5A (no heat sink*)
STK672-050 SANYO-STK672-050 Datasheet
1Mb / 11P
   Microstep Operation-Supported 4-Phase Stepping Motor Driver (Io= 1.5A)
More results

Mô tả tương tự - STK672

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
STK672-040 SANYO-STK672-040 Datasheet
1Mb / 11P
   Microstep Operation-Supported 4-Phase Stepping Motor Driver (Io= 1.5A)
logo
Rohm
BD63860EFV ROHM-BD63860EFV_12 Datasheet
271Kb / 9P
   Stepping Motor Driver Series Microstep 36V Series Stepping Motor Driver
logo
Sanyo Semicon Device
STK6711AMK4 SANYO-STK6711AMK4 Datasheet
105Kb / 4P
   4-Phase Stepping Motor Driver Unipolar Self-Excitation Type(Io = 1.5A)
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-432A-E ONSEMI-STK672-432A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-110-E ONSEMI-STK672-110-E Datasheet
84Kb / 9P
   Two-Phase Stepping Motor Driver
June, 2013
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-732A-E ONSEMI-STK672-732A-E Datasheet
143Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-523-E ONSEMI-STK672-523-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com