công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK672-050 bảng dữ liệu(PDF) 7 Page - Sanyo Semicon Device

tên linh kiện STK672-050
Giải thích chi tiết về linh kiện  Microstep Operation-Supported 4-Phase Stepping Motor Driver (Io= 1.5A)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-050 bảng dữ liệu(HTML) 7 Page - Sanyo Semicon Device

Back Button STK672-050 Datasheet HTML 3Page - Sanyo Semicon Device STK672-050 Datasheet HTML 4Page - Sanyo Semicon Device STK672-050 Datasheet HTML 5Page - Sanyo Semicon Device STK672-050 Datasheet HTML 6Page - Sanyo Semicon Device STK672-050 Datasheet HTML 7Page - Sanyo Semicon Device STK672-050 Datasheet HTML 8Page - Sanyo Semicon Device STK672-050 Datasheet HTML 9Page - Sanyo Semicon Device STK672-050 Datasheet HTML 10Page - Sanyo Semicon Device STK672-050 Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
STK672-040
No. 5227—7/11
2-6. M4 and M5 (Setting of rotation vector locus at micro-step)
For the current division ratio, see Section 4.3.
2-7. RESET (Reset of entire system)
1. Pin format
sCMOS Schmitt configuration containing the pull-up resistor
(20 k
Ω typical value)
2. Function
sAll circuit states are set to the initial values by setting the RESET signal to the
low state (pulse width of 10
µs or more). At this time, for all modes including
the exciting mode, the A and B phases are set to the origin.
2-8. Vref(Setting of the current value used as the reference of constant current detection)
1. Pin format
sAnalog input configuration
2. Function
sBy applying the voltage of 2.5 V or less of the control system power source
Vcc2, the constant current control can be performed over the exciting current of
the motor at the 100% of the rated current value.
sThe constant current can be controlled in proportional to the Vref voltage with
this value specified as a high limit.
3. Explanation of output pins
4. Functions and timing of output signals
4-1. A, A, B, and B (Output for phase exciting use of motor)
1. Function
sIn four phase two exciting mode, the interval of 3.75
µs (typical value)
is set when the output signals of the phases A and A, B and B change.
4-2. MO1, MO2, and MOI (Monitor of exciting state)
1. Pin format
sCMOS standard configuration
2. Function
sOutputs the state of the current phase exciting output.
For the MOI, 0 is output at the origin of each phase.
At other points, 1 is output.
M4
1
0
1
0
M5
1
0
0
1
Mode
Real circle
Œ
Ž
Pin No.
Name
Function
Pin format
19
MoI
Phase exciting origin monitor
CMOS standard configuration
20, 21
Mo1, Mo2
Phase exciting state monitor
CMOS standard configuration
Phase coordinate
A phase
B phase
A phase
B phase
Mo1
1
0
0
1
Mo2
0
1
0
1


Số phần tương tự - STK672-050

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
STK672-050 SANYO-STK672-050 Datasheet
218Kb / 11P
   Microstep Operation-Supported 4-Phase Stepping Motor Driver (Io= 3.0A)
STK672-050-E SANYO-STK672-050-E Datasheet
206Kb / 19P
   Stepping Motor Driver (sine wave drive) Output Current 3.0A (no heat sink*)
logo
ON Semiconductor
STK672-050GEVB ONSEMI-STK672-050GEVB Datasheet
204Kb / 19P
   Thick-Film Hybrid IC
June, 2013
More results

Mô tả tương tự - STK672-050

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
STK672-050 SANYO-STK672-050 Datasheet
218Kb / 11P
   Microstep Operation-Supported 4-Phase Stepping Motor Driver (Io= 3.0A)
STK6711AMK4 SANYO-STK6711AMK4 Datasheet
105Kb / 4P
   4-Phase Stepping Motor Driver Unipolar Self-Excitation Type(Io = 1.5A)
logo
Rohm
BD63860EFV ROHM-BD63860EFV_12 Datasheet
271Kb / 9P
   Stepping Motor Driver Series Microstep 36V Series Stepping Motor Driver
logo
Sanyo Semicon Device
STK672-070-E SANYO-STK672-070-E Datasheet
178Kb / 18P
   Stepping Motor Driver Output Current 1.5A
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-432A-E ONSEMI-STK672-432A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-110-E ONSEMI-STK672-110-E Datasheet
84Kb / 9P
   Two-Phase Stepping Motor Driver
June, 2013
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-732A-E ONSEMI-STK672-732A-E Datasheet
143Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com