công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FSB50550UTD bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor

tên linh kiện FSB50550UTD
Giải thích chi tiết về linh kiện  Smart Power Module (SPM짰)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB50550UTD bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor

  FSB50550UTD Datasheet HTML 1Page - Fairchild Semiconductor FSB50550UTD Datasheet HTML 2Page - Fairchild Semiconductor FSB50550UTD Datasheet HTML 3Page - Fairchild Semiconductor FSB50550UTD Datasheet HTML 4Page - Fairchild Semiconductor FSB50550UTD Datasheet HTML 5Page - Fairchild Semiconductor FSB50550UTD Datasheet HTML 6Page - Fairchild Semiconductor FSB50550UTD Datasheet HTML 7Page - Fairchild Semiconductor FSB50550UTD Datasheet HTML 8Page - Fairchild Semiconductor FSB50550UTD Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
www.fairchildsemi.com
FSB50550UTD Rev. A
Pin Descriptions
Note:
Source terminal of each low-side MOSFET is not connected to supply ground or bias voltage ground inside SPM®. External connections should be made as indicated in Fig-
ure 2 and 5.
Figure 1. Pin Configuration and Internal Block Diagram (Bottom View)
Pin Number
Pin Name
Pin Description
1
COM
IC Common Supply Ground
2
VB(U)
Bias Voltage for U Phase High Side FRFET Driving
3
VCC(U)
Bias Voltage for U Phase IC and Low Side FRFET Driving
4
IN(UH)
Signal Input for U Phase High-side
5
IN(UL)
Signal Input for U Phase Low-side
6
NC
No Connection
7
VB(V)
Bias Voltage for V Phase High Side FRFET Driving
8
VCC(V)
Bias Voltage for V Phase IC and Low Side FRFET Driving
9
IN(VH)
Signal Input for V Phase High-side
10
IN(VL)
Signal Input for V Phase Low-side
11
NC
No Connection
12
VB(W)
Bias Voltage for W Phase High Side FRFET Driving
13
VCC(W)
Bias Voltage for W Phase IC and Low Side FRFET Driving
14
IN(WH)
Signal Input for W Phase High-side
15
IN(WL)
Signal Input for W Phase Low-side
16
NC
No Connection
17
P
Positive DC–Link Input
18
U, VS(U)
Output for U Phase & Bias Voltage Ground for High Side FRFET Driving
19
NU
Negative DC–Link Input for U Phase
20
NV
Negative DC–Link Input for V Phase
21
V, VS(V)
Output for V Phase & Bias Voltage Ground for High Side FRFET Driving
22
NW
Negative DC–Link Input for W Phase
23
W, VS(W)
Output for W Phase & Bias Voltage Ground for High Side FRFET Driving
COM
VCC
LIN
HIN
VB
HO
VS
LO
COM
VCC
LIN
HIN
VB
HO
VS
LO
COM
VCC
LIN
HIN
VB
HO
VS
LO
(1) COM
(2) VB(U)
(3) VCC(U)
(4) IN(UH)
(5) IN(UL)
(6) NC
(7) VB(V)
(8) VCC(V)
(9) IN(VH)
(10) IN(VL)
(11) NC
(12) VB(W)
(13) VCC(W)
(14) IN(WH)
(15) IN(WL)
(16) NC
(17) P
(18) U,Vs(u)
(19) NU
(20) NV
(21) V,Vs(v)
(22) NW
(23) W,Vs(w)


Số phần tương tự - FSB50550UTD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FSB50550U FAIRCHILD-FSB50550U Datasheet
349Kb / 8P
   Smart Power Module (SPM짰)
FSB50550US FAIRCHILD-FSB50550US Datasheet
304Kb / 8P
   Smart Power Module (SPM짰)
More results

Mô tả tương tự - FSB50550UTD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FSB50250 FAIRCHILD-FSB50250_07 Datasheet
317Kb / 8P
   Smart Power Module (SPM짰)
FSB50325S FAIRCHILD-FSB50325S_07 Datasheet
297Kb / 8P
   Smart Power Module (SPM짰)
FSB50250AB FAIRCHILD-FSB50250AB Datasheet
1Mb / 10P
   Smart Power Module (SPM짰)
FSB50250A FAIRCHILD-FSB50250A Datasheet
1Mb / 10P
   Smart Power Module(SPM짰)
FSB50450A FAIRCHILD-FSB50450A Datasheet
1Mb / 10P
   Smart Power Module (SPM짰)
FSB50450UD FAIRCHILD-FSB50450UD Datasheet
864Kb / 9P
   Smart Power Module (SPM짰)
FSB50325T FAIRCHILD-FSB50325T_07 Datasheet
283Kb / 8P
   Smart Power Module (SPM짰)
FSB50550U FAIRCHILD-FSB50550U Datasheet
349Kb / 8P
   Smart Power Module (SPM짰)
FSB50450S_0705 FAIRCHILD-FSB50450S_0705 Datasheet
297Kb / 8P
   Smart Power Module (SPM짰)
FSB50550US FAIRCHILD-FSB50550US Datasheet
304Kb / 8P
   Smart Power Module (SPM짰)
FSB50325A FAIRCHILD-FSB50325A Datasheet
1Mb / 10P
   Smart Power Module (SPM짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com