công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK400-010 bảng dữ liệu(PDF) 4 Page - Sanyo Semicon Device

tên linh kiện STK400-010
Giải thích chi tiết về linh kiện  AF Power Amplifier (Split Power Supply) (20W20W20W, THD = 0.4%)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK400-010 bảng dữ liệu(HTML) 4 Page - Sanyo Semicon Device

  STK400-010 Datasheet HTML 1Page - Sanyo Semicon Device STK400-010 Datasheet HTML 2Page - Sanyo Semicon Device STK400-010 Datasheet HTML 3Page - Sanyo Semicon Device STK400-010 Datasheet HTML 4Page - Sanyo Semicon Device STK400-010 Datasheet HTML 5Page - Sanyo Semicon Device STK400-010 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
STK400-030
No. 5703—4/6
Heatsink Design Considerations
The heatsink thermal resistance,
θc-a, required to cover
the hybrid IC’s total power dissipation, Pd, is determined
as follows:
Condition 1: Hybrid IC’s substrate temperature not to
exceed 125
°C.
Pd
× θc-a + Ta < 125°C ........................................ (1)
where Ta is the guaranteed maximum ambient tempera-
ture.
Condition 2: Power transistor junction temperature, Tj, not
to exceed 150
°C.
Pd
× θc-a + Pd/N × θj-c + Ta < 150°C ................. (2)
where N is the number of power transistors and
θj-c is the
thermal resistance per power transistor. Note that the
power dissipated per transistor is the total, Pd, divided
evenly among the N power transistors.
Expressions (1) and (2) can be rewritten making
θc-a the
subject.
θc-a < (125 − Ta)/Pd............................................. (1)′
θc-a < (150 − Ta)/Pd − θj-c/N .............................. (2)′
The heatsink required must have a thermal resistance that
simultaneously satisfies both expressions.
The heatsink thermal resistance can be determined from
(1)
′ and (2)′ once the following parameters have been
defined.
• Supply voltage
: VCC
• Load resistance
: RL
• Guaranteed maximum ambient temperature
: Ta
The total device power dissipation when hybrid IC’s VCC
=
±23V and R
L = 6Ω, for a continuous sine wave signal, is
a maximum of 55W, as is in Pd-PO graph.
When estimating the power dissipation for an actual audio
signal input, the rule of thumb is to select Pd correspond-
ing to 1/10 PO max (within safe limits) for a continuous
sine wave input. For example,
Pd = 31W (for 1/10 PO max = 2W)
The hybrid IC has 6 power transistors, and the thermal
resistance per transistor,
θj-c, is 2.1°C/W. If the guaran-
teed maximum ambient temperature, Ta, is 50
°C, then the
required heatsink thermal resistance,
θc-a, is:
From expression (1)
′: θc-a < (125 − 50)/31
< 2.41
From expression (2)
′: θc-a < (150 − 50)/31 − 2.1/6
< 2.87
Therefore, to satisfy both expressions, the required heat-
sink must have a thermal resistance less than 2.41
°C/W.
Similarly, when hybrid IC’s VCC = ±19V and RL = 3Ω:
Pd = 36W (for 1/10 PO max = 2W)
From expression (1)
′: θc-a < (125 − 50)/36
< 2.08
From expression (2)
′: θc-a < (150 − 50)/36 − 2.1/6
< 2.42
Therefore, to satisfy both expressions, the required heat-
sink must have a thermal resistance less than 2.08
°C/W.
This heatsink design example is based on a constant-volt-
age egulated power supply, and should be verified within
your specific set environment.
Output power per channel, PO /ch - W
Output power per channel, PO /ch - W


Số phần tương tự - STK400-010

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
STK400-010 SANYO-STK400-010 Datasheet
184Kb / 7P
   3ch AF Power Amplifier(Split Power Supply) 10W10W10W,THD=0.4%
STK400-010 SANYO-STK400-010 Datasheet
259Kb / 8P
   AF Power Amplifier (Split Power Supply) (25 W 25 W min, THD = 0.4%)?
STK400-010 SANYO-STK400-010 Datasheet
186Kb / 7P
   2ch AF Power Amplifier (Split Power Supply) 15 W 15 W, THD = 0.08%??????
STK400-010 SANYO-STK400-010 Datasheet
403Kb / 10P
   3-Channel AF Power Amplifier (Split Power Supply) (15 W 15 W 15 W min, THD = 0.4 %)
STK400-010 SANYO-STK400-010 Datasheet
528Kb / 9P
   AF Power Amplifier (Split Power Supply) (30 W 30 W min, THD = 0.4%)
More results

Mô tả tương tự - STK400-010

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
STK4412 SANYO-STK4412 Datasheet
217Kb / 7P
   2-Channel AF Power Amplifier (20W20W min, THD = 1.0%)
STK4132II SANYO-STK4132II Datasheet
330Kb / 8P
   2ch AF Power Amplifier (Split Power Supply) 20W 20 W, THD =1%??????????
STK405-030 SANYO-STK405-030 Datasheet
151Kb / 6P
   2ch AF Power Amplifier (Split Power Supply) 20W 20 W min, THD =10%?????????
STK4050II SANYO-STK4050II Datasheet
82Kb / 3P
   AF Power Amplifier (Split Power Supply) (200W min, THD = 0.4%)
STK4036II SANYO-STK4036II Datasheet
69Kb / 3P
   AF Power Amplifier (Split Power Supply) (50W min, THD = 0.4%)
STK4030II SANYO-STK4030II Datasheet
104Kb / 4P
   AF Power Amplifier (Split Power Supply) (35W min, THD = 0.4%)?
STK441 SANYO-STK441 Datasheet
152Kb / 4P
   20W MIN 2 CHANNEL AF POWER AMPLIFIER
STK4803 SANYO-STK4803 Datasheet
162Kb / 3P
   20W MIN 2 CHANNEL AF POWER AMPLIFIER
STK4032II SANYO-STK4032II Datasheet
43Kb / 3P
   AF Power Amplifier (Split Power Supply) (40W min, THD = 0.4%)???
logo
LinkCom Manufacturing C...
20-LSP LINKCOM-20-LSP Datasheet
451Kb / 3P
   20W LED Power Supply
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com