công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SS12A bảng dữ liệu(PDF) 1 Page - HY ELECTRONIC CORP. |
|
SS12A bảng dữ liệu(HTML) 1 Page - HY ELECTRONIC CORP. |
1 / 2 page FEATURES ● For surface mounted applications ● Metal-Semiconductor junction with guarding ● Epitaxial construction ● Very low forward voltage drop ● High current capability ● Plastic material has UL flammability classification 94V-0 ● For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications. MECHANICAL DATA ● Case: Molded Plastic ● Polarity: lndicated by cathode band ● Weight: 0.002 ounces,0.053 grams MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating at 25℃ ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20% CHARACTERISTICS SYMBOL SS12A SS13A SS14A SS15A SS16A SS18A SS110A UNIT Maximum Recurrent Peak Reverse Voltage VRRM 20 30 40 50 60 80 100 V Maximum RMS Voltage VRMS 14 21 28 35 42 56 70 V Maximum DC Blocking Voltage VDC 20 30 40 50 60 80 100 V Maximum Average Forward Rectified Current @TL=100 ℃ Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed On Rated Load (JEDEC Method) Maximum Forward Voltage at 1.0A DC VF V Maximum DC Reverse Current @TJ=25℃ at Rated DC Blocking Voltage @TJ=100℃ Typical Junction Capacitance (Note1) CJ pF Typical Thermal Resistance (Note2) RθJL ℃ /W Operating Temperature Range TJ ℃ Storage Temperature Range TSTG ℃ SS12A thru SS110A SURFACE MOUNT REVERSE VOLTAGE - 20 to 100 Volts SCHOTTKY BARRIER RECTIFIERS FORWARD CURRENT - 1.0 Ampere Dimensions in inches and (millimeters) I(AV) 1.0 A IFSM 30 A 0.55 0.70 0.85 IR 1.0 mA 10 110 20 ~ 182 ~ -55 to + 125 -55 to + 150 NOTES:1.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC. 2.Thermal resistance junction to lead. A-SMA .050(1.27) .087(2.21) .114(2.90) .098(2.50) .181(4.60) .157(4.00) .012(.305) .006(.152) .002(.051) .008(.203) .208(5.28) .188(4.80) .079(2.00) .103(2.62) .060(1.52) .030(0.76) |
Số phần tương tự - SS12A |
|
Mô tả tương tự - SS12A |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |