công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

QXX35NH5RP bảng dữ liệu(PDF) 4 Page - Littelfuse

tên linh kiện QXX35NH5RP
Giải thích chi tiết về linh kiện  30 Amp / 35 Amp bi-directional solid state switch series is designed for AC switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LITTELFUSE [Littelfuse]
Trang chủ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

QXX35NH5RP bảng dữ liệu(HTML) 4 Page - Littelfuse

  QXX35NH5RP Datasheet HTML 1Page - Littelfuse QXX35NH5RP Datasheet HTML 2Page - Littelfuse QXX35NH5RP Datasheet HTML 3Page - Littelfuse QXX35NH5RP Datasheet HTML 4Page - Littelfuse QXX35NH5RP Datasheet HTML 5Page - Littelfuse QXX35NH5RP Datasheet HTML 6Page - Littelfuse QXX35NH5RP Datasheet HTML 7Page - Littelfuse QXX35NH5RP Datasheet HTML 8Page - Littelfuse QXX35NH5RP Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
140
Revised: November 1, 2010 05:04 PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
35 Amp Standard & 30 / 35 Amp Alternistor (High Commutation) Triacs
Qxx30xHx & Qxx35xx & Qxx35xHx Series
0
5
10
15
20
25
30
35
40
45
0
4
8
12
16
20
24
28
32
36
40
RMS On-State Current [I
T(RMS)] - AMPS
Figure 5: Power Dissipation (Typical)
vs. RMS On-State Current
Figure 6: Maximum Allowable Case Temperature
vs. On-State Current
50
60
70
80
90
100
110
120
130
0
5
10
15
20
25
30
35
40
RMS On-State Current [I
T(RMS)] - AMPS
Qxx35P5
Qxx30LH5
Qxx35RH5
Qxx35NH5
Figure 3: Normalized DC Holding Current
vs. Junction Temperature
Figure 4: Normalized DC Gate Trigger Voltage for
All Quadrants vs. Junction Temperature
+ 125
0.0
1.0
2.0
3.0
4.0
-40
-15
10
35
60
85
110
Junction Temperature - °C
+125
0.0
0.5
1.0
1.5
2.0
-40
-15
10
35
60
85
110
Junction Temperature - °C
Figure 7: On-State Current vs. On-State Voltage
(Typical)
T
C = 25°C
0
10
20
30
40
50
60
70
80
90
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Positive or Negative Instantaneous On-State Voltage
(V
T) - Volts
Note: xx = voltage


Số phần tương tự - QXX35NH5RP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Littelfuse
QXX3 LITTELFUSE-QXX3 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
More results

Mô tả tương tự - QXX35NH5RP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Littelfuse
LXX8E3 LITTELFUSE-LXX8E3 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
QXX12LH2 LITTELFUSE-QXX12LH2 Datasheet
923Kb / 8P
   12 Amp bi-directional solid state switch series is designed for AC switching
Q6006LH456 LITTELFUSE-Q6006LH456 Datasheet
1Mb / 14P
   6 Amp bi-directional solid state switch series is designed for AC switching
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX10L4 LITTELFUSE-QXX10L4 Datasheet
967Kb / 9P
   10 Amp bi-directional solid state switch series is designed for AC switching
QXX40KH6 LITTELFUSE-QXX40KH6 Datasheet
216Kb / 7P
   40 Amp bi-directional solid state switch series is designed for AC switching
QXX25R5 LITTELFUSE-QXX25R5 Datasheet
278Kb / 11P
   25 Amp bi-directional solid state switch series is designed for AC switching
Q6004L4 LITTELFUSE-Q6004L4 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
Q6016LH456 LITTELFUSE-Q6016LH456 Datasheet
974Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
QXX15L5 LITTELFUSE-QXX15L5 Datasheet
1,006Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com