công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

QXX25L6 bảng dữ liệu(PDF) 9 Page - Littelfuse

tên linh kiện QXX25L6
Giải thích chi tiết về linh kiện  25 Amp bi-directional solid state switch series is designed for AC switching
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LITTELFUSE [Littelfuse]
Trang chủ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

QXX25L6 bảng dữ liệu(HTML) 9 Page - Littelfuse

Back Button QXX25L6 Datasheet HTML 3Page - Littelfuse QXX25L6 Datasheet HTML 4Page - Littelfuse QXX25L6 Datasheet HTML 5Page - Littelfuse QXX25L6 Datasheet HTML 6Page - Littelfuse QXX25L6 Datasheet HTML 7Page - Littelfuse QXX25L6 Datasheet HTML 8Page - Littelfuse QXX25L6 Datasheet HTML 9Page - Littelfuse QXX25L6 Datasheet HTML 10Page - Littelfuse QXX25L6 Datasheet HTML 11Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
125
©2010 Littelfuse, Inc
Revised: May 10, 2010 09:33 PM
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Teccor® brand Thyristors
Qxx25xx & Qxx25xHx Series
25 Amp Standard & Alternistor (High Commutation) Triacs
Dimensions — TO-218X (J Package) — Isolated Mounting Tab
Dimensions — TO-3 (P Package) Fastpak — Isolated Mounting Tab
G
R
Y
H
D
C
K
B
A
E
F
N
T
M
P
J
L
S
V
U (diameter)
W
X
MT1
MT2
Tc
Measurement
Point
Gate
Note: Maximum torque to
be applied to mounting tab
is 8 in-lbs. (0.904 Nm).
Z
MT2
Gate
MT1
G
5 -
N
J (MT1, MT2)
F
H
E
C
B
A
D
Q
O
R
S
P
U
T
I
M L
TC Measuring Point
Thickness off all three copper-alloy terminals is .032" (0.81 mm).
W
V
K (Gate)
Dimension
Inches
Millimeters
Min
Max
Min
Max
A
0.810
0.835
20.57
21.21
B
0.610
0.630
15.49
16.00
C
0.178
0.188
4.52
4.78
D
0.055
0.070
1.40
1.78
E
0.487
0.497
12.37
12.62
F
0.635
0.655
16.13
16.64
G
0.022
0.029
0.56
0.74
H
0.075
0.095
1.91
2.41
J
0.575
0.625
14.61
15.88
K
0.256
0.264
6.50
6.71
L
0.220
0.228
5.58
5.79
M
0.080
0.088
2.03
2.24
N
0.169
0.177
4.29
4.49
P
0.034
0.042
0.86
1.07
R
0.113
0.121
2.87
3.07
S
0.086
0.096
2.18
2.44
T
0.156
0.166
3.96
4.22
U
0.164
0.165
0.410
0.420
V
0.603
0.618
15.31
15.70
W
0.000
0.005
0.00
0.13
X
0.003
0.012
0.07
0.30
Y
0.028
0.032
0.71
0.81
Z
0.085
0.095
2.17
2.42
Dimension
Inches
Millimeters
Min
Max
Min
Max
A
1.531
1.543
38.90
39.20
B
1.177
1.185
29.90
30.10
C
0.843
0.850
21.40
21.60
D
0.780
0.795
19.80
20.20
E
0.783
0.791
19.90
20.10
F
0.874
0.906
22.20
23.00
G
0.161
0.169
4.10
4.30
H
0.386
0.465
9.80
11.80
I
0.508
0.587
12.90
14.90
J
0.079
0.087
2.00
2.20
K
0.047
0.055
1.20
1.40
L
0.307
0.319
7.80
8.10
M
0.372
0.396
9.45
10.05
N
0.043
0.059
1.10
1.50
O
0.315
0.331
8.00
8.40
P
0.098
0.106
2.50
2.70
Q
0.846
0.886
21.50
22.50
R
0.244
0.256
6.20
6.50
S
0.106
0.130
2.70
3.30
T (MT1)
0.321
0.329
8.15
8.35
T (MT2)
0.321
0.329
8.15
8.35
T (Gate)
0.220
0.228
5.60
5.80
U (MT1)
0.246
0.254
6.25
6.45
U (MT2)
0.246
0.254
6.25
6.45
U (Gate)
0.183
0.191
4.65
4.85
V
0.120
0.130
3.05
3.30
W
0.175
0.185
4.45
4.70
Maximum torque to be applied to mounting tab is 8 in-lbs (0.904Nm).


Số phần tương tự - QXX25L6

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Littelfuse
QXX25L6 LITTELFUSE-QXX25L6 Datasheet
278Kb / 11P
   Teccor brand Thyristors
QXX25L6 LITTELFUSE-QXX25L6 Datasheet
278Kb / 11P
   25 Amp Standard Alternistor (High Commutation) Triacs
Qxx25L6 LITTELFUSE-Qxx25L6 Datasheet
758Kb / 11P
   RoHS compliant
QXX25L6TP LITTELFUSE-QXX25L6TP Datasheet
278Kb / 11P
   Teccor brand Thyristors
QXX25L6TP LITTELFUSE-QXX25L6TP Datasheet
278Kb / 11P
   25 Amp Standard Alternistor (High Commutation) Triacs
More results

Mô tả tương tự - QXX25L6

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Littelfuse
LXX8E3 LITTELFUSE-LXX8E3 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
QXX12LH2 LITTELFUSE-QXX12LH2 Datasheet
923Kb / 8P
   12 Amp bi-directional solid state switch series is designed for AC switching
Q6006LH456 LITTELFUSE-Q6006LH456 Datasheet
1Mb / 14P
   6 Amp bi-directional solid state switch series is designed for AC switching
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
Q6004L4 LITTELFUSE-Q6004L4 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX10L4 LITTELFUSE-QXX10L4 Datasheet
967Kb / 9P
   10 Amp bi-directional solid state switch series is designed for AC switching
QXX40KH6 LITTELFUSE-QXX40KH6 Datasheet
216Kb / 7P
   40 Amp bi-directional solid state switch series is designed for AC switching
QXX35P5 LITTELFUSE-QXX35P5 Datasheet
925Kb / 9P
   30 Amp / 35 Amp bi-directional solid state switch series is designed for AC switching
LX08L6 LITTELFUSE-LX08L6 Datasheet
435Kb / 14P
   8 Amp bi-directional solid state switch series is designed for AC switching and phase
Q6016LH456 LITTELFUSE-Q6016LH456 Datasheet
974Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com