công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

QXX30LH5TP bảng dữ liệu(PDF) 2 Page - Littelfuse

tên linh kiện QXX30LH5TP
Giải thích chi tiết về linh kiện  30 Amp / 35 Amp bi-directional solid state switch series is designed for AC switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LITTELFUSE [Littelfuse]
Trang chủ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

QXX30LH5TP bảng dữ liệu(HTML) 2 Page - Littelfuse

  QXX30LH5TP Datasheet HTML 1Page - Littelfuse QXX30LH5TP Datasheet HTML 2Page - Littelfuse QXX30LH5TP Datasheet HTML 3Page - Littelfuse QXX30LH5TP Datasheet HTML 4Page - Littelfuse QXX30LH5TP Datasheet HTML 5Page - Littelfuse QXX30LH5TP Datasheet HTML 6Page - Littelfuse QXX30LH5TP Datasheet HTML 7Page - Littelfuse QXX30LH5TP Datasheet HTML 8Page - Littelfuse QXX30LH5TP Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
138
Revised: November 1, 2010 05:04 PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
35 Amp Standard & 30 / 35 Amp Alternistor (High Commutation) Triacs
Qxx30xHx & Qxx35xx & Qxx35xHx Series
Symbol
Test Conditions
Quadrant
Qxx35P5
Unit
I
GT
V
D = 12V RL = 30 Ω
I – II – III
MAX.
50
mA
IV
TYP.
120
V
GT
I – II – III
MAX.
2.75
V
V
GD
V
D = VDRM RL = 3.3 kΩ TJ = 110°C
ALL
MIN.
0.2
V
I
H
I
T = 400mA
MAX.
50
mA
dv/dt
V
D = VDRM Gate Open TJ = 125°C
600V
MIN.
475
V/μs
800V
400
(dv/dt)c
(di/dt)c = 18.9 A/ms T
J = 125°C
TYP.
5
V/µs
t
gt
I
G = 2 x IGT PW = 15µs IT = 49.5A(pk)
TYP.
3
µs
Absolute Maximum Ratings — Alternistor Triac (3 Quadrants)
Symbol
Parameter
Value
Unit
I
T(RMS)
RMS on-state current (full sine wave)
Qxx35RH5/Qxx35NH5
T
C = 90°C
35
A
Qxx30LH5
T
C = 50°C
30
I
TSM
Non repetitive surge peak on-state current
(full cycle, T
J initial = 25°C)
f = 50 Hz
t = 20 ms
290
A
f = 60 Hz
t = 16.7 ms
350
I2t
I2t Value for fusing
t
p = 8.3 ms
508
A2s
di/dt
Critical rate of rise of on-state current
(I
G = 200mA with ≤ 0.1µs rise time)
f = 120 Hz
T
J = 125°C
100
A/μs
I
GTM
Peak gate trigger current
t
p ≤ 10 μs IGT ≤ IGTM
T
J = 125°C
2
A
P
G(AV)
Average gate power dissipation
T
J = 125°C
0.5
W
T
stg
Storage temperature range
-40 to 150
°C
T
J
Operating junction temperature range
-25 to 125
°C
Electrical Characteristics (T
J = 25°C, unless otherwise specified) —Standard Triac
Symbol
Test Conditions
Quadrant
Qxx35RH5
Qxx35NH5
Qxx30LH5
Unit
I
GT
V
D = 12V RL = 30 Ω
I – II – III
MAX.
50
mA
V
GT
I – II – III
MAX.
2
V
V
GD
V
D = VDRM RL = 3.3 kΩ TJ = 125°C
I – II – III
MIN.
0.2
V
I
H
I
T = 400mA
MAX.
75
mA
dv/dt
V
D = VDRM Gate Open TJ = 125°C
400V
MIN.
475
V/μs
600V
400
(dv/dt)c
(di/dt)c = 18.9 A/ms T
J = 125°C
MIN.
20
V/µs
t
gt
35A device
I
G = 2 x IGT PW = 15µs IT = 49.5A(pk)
TYP.
3
µs
30A device
I
G = 2 x IGT PW = 15µs IT = 42.4A(pk)
Note: xx = voltage
Electrical Characteristics (T
J = 25°C, unless otherwise specified) — Alternistor Triac (3 Quadrants)


Số phần tương tự - QXX30LH5TP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Littelfuse
QXX3 LITTELFUSE-QXX3 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
More results

Mô tả tương tự - QXX30LH5TP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Littelfuse
LXX8E3 LITTELFUSE-LXX8E3 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
QXX12LH2 LITTELFUSE-QXX12LH2 Datasheet
923Kb / 8P
   12 Amp bi-directional solid state switch series is designed for AC switching
Q6006LH456 LITTELFUSE-Q6006LH456 Datasheet
1Mb / 14P
   6 Amp bi-directional solid state switch series is designed for AC switching
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX10L4 LITTELFUSE-QXX10L4 Datasheet
967Kb / 9P
   10 Amp bi-directional solid state switch series is designed for AC switching
QXX40KH6 LITTELFUSE-QXX40KH6 Datasheet
216Kb / 7P
   40 Amp bi-directional solid state switch series is designed for AC switching
QXX25R5 LITTELFUSE-QXX25R5 Datasheet
278Kb / 11P
   25 Amp bi-directional solid state switch series is designed for AC switching
Q6004L4 LITTELFUSE-Q6004L4 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
Q6016LH456 LITTELFUSE-Q6016LH456 Datasheet
974Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
QXX15L5 LITTELFUSE-QXX15L5 Datasheet
1,006Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com