công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

QXX8E3 bảng dữ liệu(PDF) 3 Page - Littelfuse

tên linh kiện QXX8E3
Giải thích chi tiết về linh kiện  0.8 Amp bi-directional solid state switch series is designed for AC switching
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LITTELFUSE [Littelfuse]
Trang chủ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

QXX8E3 bảng dữ liệu(HTML) 3 Page - Littelfuse

  QXX8E3 Datasheet HTML 1Page - Littelfuse QXX8E3 Datasheet HTML 2Page - Littelfuse QXX8E3 Datasheet HTML 3Page - Littelfuse QXX8E3 Datasheet HTML 4Page - Littelfuse QXX8E3 Datasheet HTML 5Page - Littelfuse QXX8E3 Datasheet HTML 6Page - Littelfuse QXX8E3 Datasheet HTML 7Page - Littelfuse QXX8E3 Datasheet HTML 8Page - Littelfuse QXX8E3 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
17
©2010 Littelfuse, Inc
Revised: March 31, 2010 03:44 PM
Teccor® brand Thyristors
Specifications are subject to change without notice.
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
LxX8Ex & LxXx & QxX8Ex & QxXx Series
0.8 Amp Sensitive & Standard Triacs
Static Characteristics (T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
Value
Unit
V
I
= 1.13A t
p = 380 μs
1.60
V
I
I
V
= V
LxX8Ey / LxXy
T
J = 25°C
400-600V
2
μA
T
J = 110°C
400-600V
0.1
mA
QxX8Ey / QxXy
T
J = 25°C
400-600V
5
μA
T
J = 125°C
400-600V
1
mA
Thermal Resistances
Symbol
Parameter
Value
Unit
L/QxX8Ey
60
°C/W
L/QxXy
60*
Junction to ambient
L/QxX8Ey
135
°C/W
2
Figure 2: Normalized DC Gate Trigger Current for
All Quadrants vs. Junction Temperature
Junction Temperature (T
J)- ºC
110
85
60
35
10
-15
-40
-65
4.0
0.0
1.0
2.0
3.0
+125
Figure 1: Definition of Quadrants
MT2 POSITIVE
(Positive Half Cycle)
MT2 NEGATIVE
(Negative Half Cycle)
MT1
MT2
+ I
GT
REF
QII
MT1
I
GT
GATE
MT2
REF
MT1
MT2
REF
MT1
MT2
REF
QI
QIV
QIII
ALL POLARITIES ARE REFERENCED TO MT1
(
-)
I
GT
GATE
(+)
I
GT -
I
GT
GATE
(
-)
I
GT
GATE
(+)
+
-


Số phần tương tự - QXX8E3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Littelfuse
QXX04D3 LITTELFUSE-QXX04D3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX04D3 LITTELFUSE-QXX04D3 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
Qxx04D3 LITTELFUSE-Qxx04D3 Datasheet
715Kb / 10P
   4 Amp Sensitive & Standard Triacs
QXX04D4 LITTELFUSE-QXX04D4 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX04D4 LITTELFUSE-QXX04D4 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
More results

Mô tả tương tự - QXX8E3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Littelfuse
QXX12LH2 LITTELFUSE-QXX12LH2 Datasheet
923Kb / 8P
   12 Amp bi-directional solid state switch series is designed for AC switching
Q6006LH456 LITTELFUSE-Q6006LH456 Datasheet
1Mb / 14P
   6 Amp bi-directional solid state switch series is designed for AC switching
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX25R5 LITTELFUSE-QXX25R5 Datasheet
278Kb / 11P
   25 Amp bi-directional solid state switch series is designed for AC switching
Q6004L4 LITTELFUSE-Q6004L4 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX10L4 LITTELFUSE-QXX10L4 Datasheet
967Kb / 9P
   10 Amp bi-directional solid state switch series is designed for AC switching
QXX40KH6 LITTELFUSE-QXX40KH6 Datasheet
216Kb / 7P
   40 Amp bi-directional solid state switch series is designed for AC switching
QXX35P5 LITTELFUSE-QXX35P5 Datasheet
925Kb / 9P
   30 Amp / 35 Amp bi-directional solid state switch series is designed for AC switching
LX08L6 LITTELFUSE-LX08L6 Datasheet
435Kb / 14P
   8 Amp bi-directional solid state switch series is designed for AC switching and phase
Q6016LH456 LITTELFUSE-Q6016LH456 Datasheet
974Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com