công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPI-236-17 bảng dữ liệu(PDF) 5 Page - Sanyo Semicon Device

tên linh kiện SPI-236-17
Giải thích chi tiết về linh kiện  Ultraminiature photointerrupter (single-transistor type)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SPI-236-17 bảng dữ liệu(HTML) 5 Page - Sanyo Semicon Device

  SPI-236-17 Datasheet HTML 1Page - Sanyo Semicon Device SPI-236-17 Datasheet HTML 2Page - Sanyo Semicon Device SPI-236-17 Datasheet HTML 3Page - Sanyo Semicon Device SPI-236-17 Datasheet HTML 4Page - Sanyo Semicon Device SPI-236-17 Datasheet HTML 5Page - Sanyo Semicon Device SPI-236-17 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SPI-236-17
No.6025 5/6
Package dimensions and Pin connection
As stated in the sttached paper. (No.6025 4/6)
Soldering conditions
(1) Temperature
: Max. 260
°C
(2) Time
: Max. 3 sec
(3) Clearance
: Min. 1mm from stay (include PCB thickness)
(1) Bending a lead should avoid. However, when bending is necessary, take care the next items.
q Bending a lead must be done before soldering.
w Bending a lead must be done in the states of fixing leads and no stress for the regin part. Because it is possible that
stress for the regin part cause troubles such as gold wire breaking and so on.
e A lead must be bend under the stay.
r Do not bend the same position of leads more than twice.
(2) The hole pitch of a circuit board must fit to the lead pitch.
(3) Two stays coupling LED and Ph. Tr should be isolated from any PCB pattern or any lead.
(4) Take core the following when soldering.
q Do not heat a product under any stress (a twist and so on) to leads.
w Do not heat a product in the states of operating force to the regin part.
(5) Use the flux which contain no chlorine, have no corrosion and do not need washing.
(6) Be careful that flux or other chemicals do not attach to the luminous surface and passive surface.
PRECAUTIONS


Số phần tương tự - SPI-236-17

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sparkle Power Inc.
SPI-230G SPI-SPI-230G Datasheet
443Kb / 2P
   Complied with AT standard
logo
Sanyo Semicon Device
SPI-235-19 SANYO-SPI-235-19 Datasheet
37Kb / 6P
   Ultraminiature photointerrupter (single-transistor type)
SPI-238-18 SANYO-SPI-238-18 Datasheet
40Kb / 6P
   Ultraminiature photointerrupter (single-transistor type)
More results

Mô tả tương tự - SPI-236-17

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
SPI-235-19 SANYO-SPI-235-19 Datasheet
37Kb / 6P
   Ultraminiature photointerrupter (single-transistor type)
SPI-238-18 SANYO-SPI-238-18 Datasheet
40Kb / 6P
   Ultraminiature photointerrupter (single-transistor type)
logo
Rohm
RPI-125 ROHM-RPI-125 Datasheet
67Kb / 2P
   Photointerrupter, Ultraminiature type
RPI-122 ROHM-RPI-122_05 Datasheet
80Kb / 2P
   Photointerrupter, Ultraminiature type
RP-SMA ROHM-RP-SMA Datasheet
54Kb / 2P
   Photointerrupter, Ultraminiature type
RPI-124 ROHM-RPI-124_05 Datasheet
73Kb / 2P
   Photointerrupter, Ultraminiature type
RPI-124A ROHM-RPI-124A Datasheet
54Kb / 2P
   Photointerrupter, Ultraminiature type
RPI-124F ROHM-RPI-124F Datasheet
54Kb / 2P
   Photointerrupter, Ultraminiature type
RPI-121 ROHM-RPI-121_05 Datasheet
75Kb / 2P
   Photointerrupter, Ultraminiature type
PRI-129B ROHM-PRI-129B Datasheet
96Kb / 3P
   Photointerrupter, Ultraminiature DIP type
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com