công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FSBH0370 bảng dữ liệu(PDF) 7 Page - Fairchild Semiconductor |
|
FSBH0370 bảng dữ liệu(HTML) 7 Page - Fairchild Semiconductor |
7 / 16 page © 2010 Fairchild Semiconductor Corporation www.fairchildsemi.com FSBH0F70A_F116, FSBH0170/0270/0370_F116 • Rev. 1.0.1 7 Electrical Characteristics (Continued) VDD=15V and TA=25C unless otherwise specified. Symbol Parameter Condition Min. Typ. Max. Unit Control Section VDD Section VDD-ON Start Threshold Voltage 11 12 13 V VDD-OFF Minimum Operating Voltage 7 8 9 V IDD-ST Startup Current FSBH0170_F116 VDD-ON – 0.16V 30 µA FSBH0270_F116 FSBH0370_F116 FSBH0F70A_F116 VDD-ON – 0.16V 240 320 400 IDD-OP Operating Supply Current VDD=15V, VFB=3V 3.0 3.5 4.0 mA IDD-ZDC Operating Current for VFB<VFB-ZDC VDD=12V, VFB=1.6V 1.5 2.5 3.5 mA IDD-OLP Internal Sink Current VTH-OLP+0.1V 30 70 90 µA VTH-OLP IDD-OLP Off Voltage 5 6 7 V VDD-OVP VDD Over-Voltage Protection 27 28 29 V tD-VDD-OVP VDD Over-Voltage Protection Debounce Time 75 130 200 µs HV Section IHV Maximum Current Drawn from HV Pin HV 120VDC, VDD=0V with 10µF 1.5 3.5 5.0 mA IHV-LC Leakage Current after Startup HV=700V, VDD=VDD-OFF+1V 1 20 µA Oscillator Section fOSC Frequency in Nominal Mode Center Frequency 94 100 106 kHz fOSC-G Green-Mode Frequency 14 18 22 kHz DMAX Maximum Duty Cycle 85 % fDV Frequency Variation vs. VDD Deviation VDD=11V to 22V 5 % fDT Frequency Variation vs. Temperature Deviation (11) TA=-25 to 85C 5 % VIN Section VIN-ON PWM Turn-On Threshold Voltage 1.08 1.13 1.18 V VIN-OFF PWM Turn-Off Threshold Voltage 0.50 0.55 0.60 V tIN-OFF PWM Turn-Off Debounce Time 500 ms VIN-H Pull-HIGH Latch Trigger Level 4.4 4.7 5.0 V tIN-H Pull-HIGH Latch Debounce Time 100 µs VIN-L Pull-LOW Auto-Recovery Trigger Level 0.2 0.3 0.4 V Feedback Input Section AV FB Voltage to Current-Sense Attenuation 1/4.5 1/4.0 1/3.5 V/V ZFB Input Impedance 4 7 kΩ VFB-OPEN Output High Voltage FB Pin Open 5.5 V Continued on the following page… |
Số phần tương tự - FSBH0370 |
|
Mô tả tương tự - FSBH0370 |