công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FSBH0170 bảng dữ liệu(PDF) 5 Page - Fairchild Semiconductor

tên linh kiện FSBH0170
Giải thích chi tiết về linh kiện  Green Mode Fairchild Power Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBH0170 bảng dữ liệu(HTML) 5 Page - Fairchild Semiconductor

  FSBH0170 Datasheet HTML 1Page - Fairchild Semiconductor FSBH0170 Datasheet HTML 2Page - Fairchild Semiconductor FSBH0170 Datasheet HTML 3Page - Fairchild Semiconductor FSBH0170 Datasheet HTML 4Page - Fairchild Semiconductor FSBH0170 Datasheet HTML 5Page - Fairchild Semiconductor FSBH0170 Datasheet HTML 6Page - Fairchild Semiconductor FSBH0170 Datasheet HTML 7Page - Fairchild Semiconductor FSBH0170 Datasheet HTML 8Page - Fairchild Semiconductor FSBH0170 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSBH0F70A_F116, FSBH0170/0270/0370_F116 • Rev. 1.0.1
5
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VDRAIN
Drain Pin Voltage
(5,6)
FSBH0x70/A_F116
700
V
IDM
Drain Current Pulsed
(7)
FSBH0F70A_F116
1.5
A
FSBH0170_F116
4.0
FSBH0270_F116
8.0
FSBH0370_F116
12.0
EAS
Single Pulsed Avalanche Energy
(8)
FSBH0F70A_F116
10
mJ
FSBH0170_F116
50
FSBH0270_F116
140
FSBH0370_F116
230
VDD
DC Supply Voltage
30
V
VFB
FB Pin Input Voltage
-0.3
7.0
V
VIN
VIN Pin Input Voltage
-0.3
7.0
V
VHV
HV Pin Input Voltage
700
V
PD
Power Dissipation (TA<50°C)
1.5
W
ΘJA
Junction-to-Air Thermal Resistance
80
C/W
ψJT
Junction-to-Top Thermal Resistance
(9)
20
C/W
TJ
Operating Junction Temperature
Internally limited
(10)
C
TSTG
Storage Temperature Range
-55
+150
C
TL
Lead Temperature (Wave Soldering or IR, 10 Seconds)
+260
C
ESD
Human Body Model
(All Pins Except HV pin): JESD22-A114
FSBH0F70A_F116
5.0
kV
FSBH0170_F116
5.0
FSBH0270_F116
5.0
FSBH0370_F116
5.0
Charged Device Model
(All Pins Except HV pin): JESD22-C101
FSBH0F70A_F116
2.0
FSBH0170_F116
2.0
FSBH0270_F116
2.0
FSBH0370_F116
1.5
Notes
:
5.
All voltage values, except differential voltages, are given with respect to the network ground terminal.
6.
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
7.
Non-repetitive rating: pulse width is limited by maximum junction temperature.
8.
L = 51mH, starting TJ = 25C.
9.
Measured on the package top surface.
10. Internally Limited of TJ refers to TOTP
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Unit
TA
Operating Ambient Temperature
-40
+105
°C


Số phần tương tự - FSBH0170

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FSBH0170 FAIRCHILD-FSBH0170 Datasheet
708Kb / 16P
   Green Mode Fairchild Power Switch (FPS??
FSBH0170/A FAIRCHILD-FSBH0170/A Datasheet
708Kb / 16P
   Green Mode Fairchild Power Switch (FPS??
FSBH0170A FAIRCHILD-FSBH0170A Datasheet
708Kb / 16P
   Green Mode Fairchild Power Switch (FPS??
FSBH0170A FAIRCHILD-FSBH0170A Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
FSBH0170ANY FAIRCHILD-FSBH0170ANY Datasheet
708Kb / 16P
   Green Mode Fairchild Power Switch (FPS??
More results

Mô tả tương tự - FSBH0170

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FSCM0465R FAIRCHILD-FSCM0465R Datasheet
450Kb / 20P
   Green Mode Fairchild Power Switch
FSQ100 FAIRCHILD-FSQ100 Datasheet
741Kb / 12P
   Green Mode Fairchild Power Switch
FSL127H FAIRCHILD-FSL127H Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
FSQ0765RQ FAIRCHILD-FSQ0765RQ Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch
FSDM0465RE FAIRCHILD-FSDM0465RE Datasheet
519Kb / 21P
   Green Mode Fairchild Power Switch
FSDH321 FAIRCHILD-FSDH321_04 Datasheet
510Kb / 20P
   Green Mode Fairchild Power Switch
FSBH0F70A FAIRCHILD-FSBH0F70A_10 Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
FSGM0465RB FAIRCHILD-FSGM0465RB Datasheet
927Kb / 18P
   Green-Mode Fairchild Power Switch
FSGM0765R FAIRCHILD-FSGM0765R Datasheet
823Kb / 18P
   Green-Mode Fairchild Power Switch
FSL137H FAIRCHILD-FSL137H_10 Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com