công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FSBH0F70A bảng dữ liệu(PDF) 4 Page - Fairchild Semiconductor

tên linh kiện FSBH0F70A
Giải thích chi tiết về linh kiện  Green Mode Fairchild Power Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBH0F70A bảng dữ liệu(HTML) 4 Page - Fairchild Semiconductor

  FSBH0F70A_10 Datasheet HTML 1Page - Fairchild Semiconductor FSBH0F70A_10 Datasheet HTML 2Page - Fairchild Semiconductor FSBH0F70A_10 Datasheet HTML 3Page - Fairchild Semiconductor FSBH0F70A_10 Datasheet HTML 4Page - Fairchild Semiconductor FSBH0F70A_10 Datasheet HTML 5Page - Fairchild Semiconductor FSBH0F70A_10 Datasheet HTML 6Page - Fairchild Semiconductor FSBH0F70A_10 Datasheet HTML 7Page - Fairchild Semiconductor FSBH0F70A_10 Datasheet HTML 8Page - Fairchild Semiconductor FSBH0F70A_10 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSBH0F70A, FSBH0170/A, FSBH0270/A, FSBH0370 • Rev. 1.0.3
4
Pin Configuration
8
1
ZXYTT
BH0F70A
TPM
8
1
ZXYTT
BH0170A
TPM
8
1
ZXYTT
BH0270A
TPM
8
1
ZXYTT
BH0170
TPM
8
1
ZXYTT
BH0270
TPM
8
1
ZXYTT
BH0370
TPM
Figure 4. Pin Configuration and Top Mark Information
Pin Definitions
Pin #
Name
Description
1
GND
Ground
. SenseFET source terminal on primary side and internal controller ground.
2
VDD
Power Supply
. The internal protection circuit disables PWM output as long as VDD exceeds the
OVP trigger point.
3
FB
Feedback
. The signal from the external compensation circuit is fed into this pin. The PWM duty
cycle is determined in response to the signal on this pin and the internal current-sense signal.
4
VIN
Line-Voltage Detection
. The line-voltage detection is used for brownout protection with
hysteresis and constant output power limit over universal AC input range. This pin has additional
protections that are pull-HIGH latch and pull-LOW auto recovery, depending on the application.
NC
No Connection for FSBH0F70A, FSBH0170A and FSBH0270A.
5
HV
Startup
. For startup, this pin is pulled HIGH to the line input or bulk capacitor via resistors.
6
Drain
SenseFET Drain
. High-voltage power SenseFET drain connection.
7
Drain
SenseFET Drain
. High-voltage power SenseFET drain connection.
8
Drain
SenseFET Drain
. High-voltage power SenseFET drain connection.
F – Fairchild Logo
Z – Plant Code
X – 1-Digit Year Code
Y – 1-Digit Week Code
TT – 2-Digit Die Run Code
T – Package Type (N:DIP)
P – Y: Green Package
M – Manufacture Flow Code


Số phần tương tự - FSBH0F70A_10

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FSBH0F70ANY FAIRCHILD-FSBH0F70ANY Datasheet
708Kb / 16P
   Green Mode Fairchild Power Switch (FPS??
FSBH0F70ANY_F116 FAIRCHILD-FSBH0F70ANY_F116 Datasheet
944Kb / 16P
   Green Mode Fairchild Power Switch
More results

Mô tả tương tự - FSBH0F70A_10

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FSCM0465R FAIRCHILD-FSCM0465R Datasheet
450Kb / 20P
   Green Mode Fairchild Power Switch
FSQ100 FAIRCHILD-FSQ100 Datasheet
741Kb / 12P
   Green Mode Fairchild Power Switch
FSL127H FAIRCHILD-FSL127H Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
FSQ0765RQ FAIRCHILD-FSQ0765RQ Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch
FSDM0465RE FAIRCHILD-FSDM0465RE Datasheet
519Kb / 21P
   Green Mode Fairchild Power Switch
FSDH321 FAIRCHILD-FSDH321_04 Datasheet
510Kb / 20P
   Green Mode Fairchild Power Switch
FSBH0170 FAIRCHILD-FSBH0170_11 Datasheet
944Kb / 16P
   Green Mode Fairchild Power Switch
FSGM0465RB FAIRCHILD-FSGM0465RB Datasheet
927Kb / 18P
   Green-Mode Fairchild Power Switch
FSGM0765R FAIRCHILD-FSGM0765R Datasheet
823Kb / 18P
   Green-Mode Fairchild Power Switch
FSL137H FAIRCHILD-FSL137H_10 Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com