công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FAN9612 bảng dữ liệu(PDF) 11 Page - Fairchild Semiconductor

tên linh kiện FAN9612
Giải thích chi tiết về linh kiện  Interleaved Dual BCM PFC Controllers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN9612 bảng dữ liệu(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN9612 Datasheet HTML 7Page - Fairchild Semiconductor FAN9612 Datasheet HTML 8Page - Fairchild Semiconductor FAN9612 Datasheet HTML 9Page - Fairchild Semiconductor FAN9612 Datasheet HTML 10Page - Fairchild Semiconductor FAN9612 Datasheet HTML 11Page - Fairchild Semiconductor FAN9612 Datasheet HTML 12Page - Fairchild Semiconductor FAN9612 Datasheet HTML 13Page - Fairchild Semiconductor FAN9612 Datasheet HTML 14Page - Fairchild Semiconductor FAN9612 Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN9611 / FAN9612 • Rev. 1.1.3
11
8.
Power Limit
The architecture and operating principle of FAN9611/12
also provides inherent input power limiting capability.
Figure 14. On-Time vs. VIN_RMS
When the slope of the PWM ramp is made proportional
to the square of the input RMS voltage, the maximum
on-time of the boost power switch becomes inversely
proportional to the square of VIN,RMS, as represented in
Figure 14. In boundary-conduction mode, the peak
current of the boost transistor is proportional to its on
time. Therefore, controlling the maximum pulse width of
the gate drive signal according to the curve shown is an
effective
method
to
implement
an
input-voltage
independent power limit for the boost PFC.
9.
Light-Load Operation (Phase Management)
One of the parameters determining the operating
frequency of a boundary conduction mode converter is
the output power. As the load decreases, lower peak
currents are commanded by the pulse width modulator
to maintain the output voltage at the desired set point.
Lower peak current means shorter on-time for the power
transistor and shorter time interval to ramp the inductor
current back to zero at any given input voltage. As a
result, the operating frequency of the converter
increases under light load condition.
As the operating frequency and corresponding switching
losses increase, conduction losses diminish at the same
time. Therefore, the power losses of the converter are
dominated by switching losses at light load. This
phenomenon is especially evident in a BCM converter.
To improve light-load efficiency, FAN9611/12 disables
one
of
the
two
interleaved
boost
converters
automatically when the output power falls below
approximately 13% of the maximum power limit level.
By managing the number of phases used at light load,
the FAN9611/12 can maintain high efficiency for a wider
load range of the power supply.
Normal interleaved operation of the two boost
converters resumes automatically once the output
power exceeds approximately 18% of the maximum
power limit level of the converter.
By adjusting maximum on-time (using RMOT), the phase
management thresholds can be adjusted upward,
described in the “Adjusting the Phase-Management
Thresholds” section of this datasheet.
Figure 15. Automatic Phase-Control Operation
10. Brownout Protection with Soft Recovery
An additional protection function usually offered by PFC
ICs is input brownout protection to prevent the converter
from operating below a user-defined minimum input
voltage level. For this function to work, the input voltage
of the converter is monitored. When the voltage falls
below the brownout protection threshold, the converter
stops working. The output voltage of the boost converter
falls until the load stops drawing current from the output
capacitor or until the input voltage gets back to its
nominal range and operation resumes.
As the output falls, the voltage at the feedback pin falls
proportionally, according to the feedback divider ratio.
To facilitate soft recovery after a brownout condition, the
soft-start capacitor – which is also the reference voltage
of the error amplifier – is pulled lower by the feedback
network. This effectively pre-conditions the error
amplifier to provide closed-loop, soft-start-like behavior
during the converter’s recovery from a brownout
situation. Once the input voltage goes above the
brownout protection threshold, the converter resumes
normal operation. The output voltage rises back to the
nominal regulation level following the slowly rising
voltage across the soft-start capacitor.
11. Soft Starting the Converter
During startup, the boost converter peak charges its
output capacitor to the peak value of the input voltage
waveform. The final voltage level, where the output is
regulated during normal operation, is reached after the
converter starts switching. There are two fundamentally
different approaches used in PWM controllers to control
the startup characteristics of a switched-mode power
supply. Both methods use some kind of soft-start
mechanism to reduce the potential overshoot of the
converter’s output after the desired output voltage level
is reached.
The first method is called open-loop soft-start and relies
on gradually increasing the current or power limit of the
converter during startup. In this case, the voltage error
amplifier is typically saturated, commanding maximum
current until the output voltage reaches its final value. At
that time, the voltage between the error amplifier inputs
changes polarity and the amplifier slowly comes out of
saturation. While the error amplifier recovers and before
it starts controlling the output voltage, the converter
operates with full power. Thus, output voltage overshoot
is unavoidable in converters utilizing the open-loop soft-
start scheme.


Số phần tương tự - FAN9612

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FAN9612 FAIRCHILD-FAN9612 Datasheet
1Mb / 35P
   Interleaved Dual BCM PFC Controllers
FAN9612 FAIRCHILD-FAN9612 Datasheet
762Kb / 18P
   Design Consideration for Interleaved Boundary Conduction Mode PFC
FAN9612 FAIRCHILD-FAN9612 Datasheet
5Mb / 30P
   Dual BCM PFC Controller
FAN9612M FAIRCHILD-FAN9612M Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controller
FAN9612MX FAIRCHILD-FAN9612MX Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controller
More results

Mô tả tương tự - FAN9612

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FAN9611 FAIRCHILD-FAN9611 Datasheet
1Mb / 35P
   Interleaved Dual BCM PFC Controllers
FAN9611_1112 FAIRCHILD-FAN9611_1112 Datasheet
1Mb / 36P
   Interleaved Dual BCM PFC Controllers
FAN9612M FAIRCHILD-FAN9612M Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controller
AN-9717 FAIRCHILD-AN-9717 Datasheet
5Mb / 30P
   Dual BCM PFC Controller
logo
NXP Semiconductors
TEA2376DT NXP-TEA2376DT Datasheet
483Kb / 46P
   Digital configurable interleaved PFC controller
Rev. 1 - 10 August 2023
TEA2376AT NXP-TEA2376AT Datasheet
459Kb / 43P
   Digital configurable interleaved PFC controller
Rev. 1 - 8 November 2023
TEA2376BT NXP-TEA2376BT Datasheet
466Kb / 43P
   Digital configurable interleaved PFC controller
Rev. 1 - 10 August 2023
logo
ON Semiconductor
FPAM30LH60 ONSEMI-FPAM30LH60 Datasheet
538Kb / 13P
   PFC SPM 2 Series for 2-Phase Interleaved PFC
July 2016 Rev. 1.5
FPAM50LH60 ONSEMI-FPAM50LH60 Datasheet
614Kb / 13P
   PFC SPM 2 Series for 2-Phase Interleaved PFC
June 2015 Rev. 1.4
FAN9673 ONSEMI-FAN9673 Datasheet
1Mb / 26P
   Three-Channel Interleaved CCM PFC Controller
June, 2019 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com