công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2SD1060-X-TM3-T bảng dữ liệu(PDF) 5 Page - Unisonic Technologies

tên linh kiện 2SD1060-X-TM3-T
Giải thích chi tiết về linh kiện  NPN PLANAR SILICON TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  UTC [Unisonic Technologies]
Trang chủ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD1060-X-TM3-T bảng dữ liệu(HTML) 5 Page - Unisonic Technologies

  2SD1060-X-TM3-T Datasheet HTML 1Page - Unisonic Technologies 2SD1060-X-TM3-T Datasheet HTML 2Page - Unisonic Technologies 2SD1060-X-TM3-T Datasheet HTML 3Page - Unisonic Technologies 2SD1060-X-TM3-T Datasheet HTML 4Page - Unisonic Technologies 2SD1060-X-TM3-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
2SD1060
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R208-023.C
TYPICAL CHARACTERISTICS(Cont.)
ASO
Collector-to-Emitter Voltage, VCE (V)
1.0
0.1
10
2
5
1.0
3
2
57
2
3
5
10
100
23
5
2
7
3
7
5
77
10
0m
s
ICP
IC
(Single pulse with
regard to 1 ~ 100ms)
Transition Frequency vs. Collector Current
Collector Current, IC (A)
0.01
10000
VCE=5V
f=1MHz
TC=25℃
3000
1000
300
100
30
10
3
1
0.03
0.1
0.3
1
3
10
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Số phần tương tự - 2SD1060-X-TM3-T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
2SD1060 SANYO-2SD1060 Datasheet
113Kb / 4P
   50V/5A Switching Applications
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
   NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Savantic, Inc.
2SD1060 SAVANTIC-2SD1060 Datasheet
140Kb / 4P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SD1060 JMNIC-2SD1060 Datasheet
133Kb / 4P
   Silicon NPN Power Transistors
logo
Sanyo Semicon Device
2SD1060 SANYO-2SD1060 Datasheet
57Kb / 5P
   50V / 5A Switching Applications
More results

Mô tả tương tự - 2SD1060-X-TM3-T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
KSC5402D FAIRCHILD-KSC5402D_09 Datasheet
225Kb / 10P
   NPN Silicon Transistor, Planar Silicon Transistor
FJN13003 FAIRCHILD-FJN13003 Datasheet
49Kb / 5P
   NPN Silicon Transistor Planar Silicon Transistor
KSC5603DTU FAIRCHILD-KSC5603DTU Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
Continental Device Indi...
BF370R CDIL-BF370R Datasheet
106Kb / 3P
   NPN SILICON PLANAR TRANSISTOR
CJD86 CDIL-CJD86 Datasheet
143Kb / 4P
   NPN SILICON PLANAR TRANSISTOR
logo
Siemens Semiconductor G...
BD524 SIEMENS-BD524 Datasheet
40Kb / 2P
   NPN SILICON PLANAR TRANSISTOR
logo
Continental Device Indi...
2N2270 CDIL-2N2270 Datasheet
230Kb / 4P
   NPN SILICON PLANAR TRANSISTOR
2N2102 CDIL-2N2102 Datasheet
233Kb / 4P
   NPN SILICON PLANAR TRANSISTOR
2N917 CDIL-2N917 Datasheet
136Kb / 4P
   NPN SILICON PLANAR TRANSISTOR
logo
Rectron Semiconductor
CMBT9014 RECTRON-CMBT9014 Datasheet
328Kb / 2P
   NPN SILICON PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com