công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SB0030-04A bảng dữ liệu(PDF) 2 Page - Sanyo Semicon Device

tên linh kiện SB0030-04A
Giải thích chi tiết về linh kiện  40V, 30mA Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SB0030-04A bảng dữ liệu(HTML) 2 Page - Sanyo Semicon Device

  SB0030-04A Datasheet HTML 1Page - Sanyo Semicon Device SB0030-04A Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SB0030-04A
No.5596-2/2
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Forward Voltage, VF — V
10
µ
100
µ
1m
10m
100m
IF — VF
0
10
20
30
40
50
Reverse Voltage, VR — V
10n
100n
1
µ
10
µ
100
µ
1m
IR — VR
Ta=125˚C
100˚C
75˚C
50˚C
25˚C
1.0
2
3
5
7
10
2
3
5
Reverse Voltage, VR — V
1
2
3
CT — VR
f=1MHz
No products described or contained herein are intended for use in surgical implants, life-support systems,
aerospace equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and
the like, the failure of which may directly or indirectly cause injury, death or property lose.
Anyone purchasing any products described or contained herein for an above-mentioned use shall:
Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates,
subsidiaries and distributors and all their officers and employees, jointly and severally, against any
and all claims and litigation and all damages, cost and expenses associated with such use:
Not impose any responsibilty for any fault or negligence which may be cited in any such claim or
litigation on SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of
their officers and employees jointly or severally.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guarant-
eed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees
are made or implied regarding its use or any infringements of intellectual property rights or other rights of
third parties.
This catalog provides information as of May, 1997. Specifications and information herein are subject to
change without notice.


Số phần tương tự - SB0030-04A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
SB0030-01 SANYO-SB0030-01 Datasheet
59Kb / 2P
   10V, 30mA Detection Applications
SB0030-01A SANYO-SB0030-01A Datasheet
59Kb / 2P
   10V, 30mA Detection Applications
More results

Mô tả tương tự - SB0030-04A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
WILLAS ELECTRONIC CORP
SCS751CS-40T5G WILLAS-SCS751CS-40T5G Datasheet
358Kb / 3P
   30mA Surface Mount Schottky Barrier Rectifiers - 40V
SCS751G WILLAS-SCS751G Datasheet
478Kb / 4P
   30mA Surface Mount Schottky Barrier Rectifiers-40V
logo
Formosa MS
FM751V-NL FORMOSA-FM751V-NL Datasheet
469Kb / 7P
   30mA Surface Mount Small Signal Schottky Diode- 40V
logo
AiT Semiconductor Inc.
RB751S-40 AITSEMI-RB751S-40 Datasheet
350Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 40V FORWARD CURRENT 30mA
REV1.0
logo
Formosa MS
FM751V-FL FORMOSA-FM751V-FL Datasheet
107Kb / 7P
   30mA Surface Mount Small Signal Schottky Diode- 40V
logo
Sanyo Semicon Device
SBT80-04GS SANYO-SBT80-04GS Datasheet
237Kb / 3P
   40V, 8A Rectifier
SBA100-04J SANYO-SBA100-04J Datasheet
82Kb / 3P
   40V, 10A Rectifier
SBA160-04Y SANYO-SBA160-04Y Datasheet
80Kb / 3P
   40V, 16A Rectifier
SBA50-04J SANYO-SBA50-04J Datasheet
83Kb / 3P
   40V, 5A Rectifier
SBA50-04Y SANYO-SBA50-04Y Datasheet
81Kb / 3P
   40V, 5A Rectifier
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com