công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCH6201 bảng dữ liệu(PDF) 1 Page - Sanyo Semicon Device

tên linh kiện MCH6201
Giải thích chi tiết về linh kiện  DC/DC Converter Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH6201 bảng dữ liệu(HTML) 1 Page - Sanyo Semicon Device

  MCH6201 Datasheet HTML 1Page - Sanyo Semicon Device MCH6201 Datasheet HTML 2Page - Sanyo Semicon Device MCH6201 Datasheet HTML 3Page - Sanyo Semicon Device MCH6201 Datasheet HTML 4Page - Sanyo Semicon Device MCH6201 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
PNP/NPN Epitaxial Planar Silicon Transistors
DC/DC Converter Applications
Ordering number:ENN6387
MCH6101/MCH6201
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
70500TS (KOTO) TA-2787 No.6387–1/5
2.0
0.65
0.3
0.15
13
2
64
5
Package Dimensions
unit:mm
2170
[MCH6101/MCH6201]
Applications
· Relay drivers, lamp drivers, motor drivers.
Features
· Adoption of MBIT processes.
· Large current capacitance.
· Low collector-to-emitter saturation voltage.
· High-speed switching.
· Ultrasmall package facilitates miniaturization in end
products (mounting height : 0.85mm).
· High allowable power dissipation.
˚C
˚C
Electrical Characteristics at Ta = 25˚C
1 : Collector
2 : Collector
3 : Base
4 : Emitter
5 : Collector
6 : Collector
SANYO : MCPH6
Mounted on a ceramic board (600mm2
×0.8mm)
Marking : MCH6101 : AA, MCH6201 : CA
Continued on next page.
Specifications
( ) : MCH6101
Absolute Maximum Ratings at Ta = 25˚C
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
5
1
)
(V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
5
1
)
(V
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
5
)
(V
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CIC
5
.
1
)
(A
)
e
s
l
u
P
(
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CI P
C
3
)
(A
t
n
e
r
r
u
C
e
s
a
BIB
0
0
3
)
(A
m
n
o
i
t
a
p
i
s
s
i
D
r
o
t
c
e
ll
o
CPC
0
.
1W
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
CI
O
B
C
V B
C
I
,
V
2
1
)
(
=
E 0
=1
.
0
)
(A
µ
t
n
e
r
r
u
C
f
f
o
t
u
C
r
e
t
t
i
m
EI
O
B
E
V B
E
I
,
V
4
)
(
=
C 0
=1
.
0
)
(A
µ
n
i
a
G
t
n
e
r
r
u
C
C
D
h E
F
V E
C
I
,
V
2
)
(
=
C
A
m
0
0
1
)
(
=
0
0
20
6
5
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
-
n
i
a
GfT
V E
C
I
,
V
2
)
(
=
C
A
m
0
0
3
)
(
=0
3
4z
H
M
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
Ob
o
CV B
C
z
H
M
1
=
f
,
V
0
1
)
(
=
8
)
5
1
(F
p


Số phần tương tự - MCH6201

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
MCH6202 SANYO-MCH6202 Datasheet
49Kb / 5P
   DC/DC Converter Applications
MCH6202 SANYO-MCH6202 Datasheet
83Kb / 5P
   DC / DC Converter Applications
logo
ON Semiconductor
MCH6202 ONSEMI-MCH6202 Datasheet
561Kb / 7P
   Bipolar Transistor (-)30V, (-)1.5A, Low VCE(sat), (PNP)NPN Single MCPH6
September, 2013
MCH6202-TL-E ONSEMI-MCH6202-TL-E Datasheet
561Kb / 7P
   Bipolar Transistor (-)30V, (-)1.5A, Low VCE(sat), (PNP)NPN Single MCPH6
September, 2013
logo
Sanyo Semicon Device
MCH6203 SANYO-MCH6203 Datasheet
49Kb / 5P
   DC/DC Converter Applications
More results

Mô tả tương tự - MCH6201

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
FP302 SANYO-FP302 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FP303 SANYO-FP303 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FSS216 SANYO-FSS216 Datasheet
146Kb / 4P
   DC/DC Converter Applications
CPH3206 SANYO-CPH3206 Datasheet
41Kb / 4P
   DC/DC Converter Applications
CPH5501 SANYO-CPH5501 Datasheet
58Kb / 6P
   DC/DC Converter Applications
CPH5704 SANYO-CPH5704 Datasheet
53Kb / 5P
   DC/DC Converter Applications
CPH6501 SANYO-CPH6501 Datasheet
30Kb / 4P
   DC / DC Converter Applications
CPH6801 SANYO-CPH6801 Datasheet
56Kb / 5P
   DC/DC Converter Applications
CPH3109 SANYO-CPH3109 Datasheet
55Kb / 5P
   DC/DC Converter Applications
MCH6103 SANYO-MCH6103 Datasheet
49Kb / 5P
   DC/DC Converter Applications
2SA2044 SANYO-2SA2044 Datasheet
37Kb / 5P
   DC / DC Converter Applications
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com