công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL24202IRTZ-EVALZ bảng dữ liệu(PDF) 2 Page - Intersil Corporation

tên linh kiện ISL24202IRTZ-EVALZ
Giải thích chi tiết về linh kiện  Programmable VCOM Calibrator with EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL24202IRTZ-EVALZ bảng dữ liệu(HTML) 2 Page - Intersil Corporation

  ISL24202IRTZ-EVALZ Datasheet HTML 1Page - Intersil Corporation ISL24202IRTZ-EVALZ Datasheet HTML 2Page - Intersil Corporation ISL24202IRTZ-EVALZ Datasheet HTML 3Page - Intersil Corporation ISL24202IRTZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL24202IRTZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL24202IRTZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL24202IRTZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL24202IRTZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL24202IRTZ-EVALZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ISL24202
2
FN7587.0
March 15, 2011
Block Diagram
Pin Descriptions
Pin Configuration
ISL24202
(8 LD TDFN)
TOP VIEW
FIGURE 2. BLOCK DIAGRAM OF THE ISL24202
GND
DIGITAL
INTERFACE
DAC
REGISTERS
8-BIT EEPROM
CTL
DNC
CE
AVDD
SET
8
2
6
7
4
CS
OUT
1
Q1
A1
ANALOG DCP
AND
CURRENT SINK
UP/DOWN
COUNTER
5
VDD
3
VDD
RBIAS
RBIAS
PIN NAME PIN #
FUNCTION
OUT
1
Adjustable Sink Current Output Pin. The sink current into
the OUT pin is equal to the DAC setting times the
maximum adjustable sink current divided by 256. See
the “SET” pin function description below (pin 8) for
setting the maximum adjustable sink current.
AVDD
2
High-Voltage Analog Supply. Bypass to GND with 0.1µF
capacitor.
DNC
3
Do Not Connect to external circuitry. It is acceptable to
ground this pin.
GND
4
Ground connection.
VDD
5
Digital power supply input. Bypass to GND with 0.1µF
de-coupling capacitor.
CTL
6
Up/Down Control for internal counter and Internal
EEPROM Programming Control Input. When CE is high:
A low-to-mid transition increments the 8-bit counter,
adding 1 to the DAC setting, increasing the OUT sink
current, and lowering the divider voltage at the OUT pin.
A high-to-mid transition decrements the 8-bit counter,
subtracting 1 from the DAC setting, decreasing the OUT
sink current, and increasing the divider voltage at the
OUT pin.
To program the EEPROM, take this pin to >4.9V (see
“CTL EEPROM Programming Signal Time” in the
“Electrical Specifications” table on page 5 for details).
Float when not in use.
CE
7
Counter Enable Pin. Connect CE to VDD to enable
adjustment of the output sink current. Float or connect
CE to GND to prevent further adjustment or
programming (Note: the CE pin has an internal 500nA
pull-down sink current). The EEPROM value will be
copied to the register on a VOH to VOL transition.
SET
8
Maximum Sink Current Adjustment Pin. Connect a
resistor from SET to GND to set the maximum
adjustable sink current of the OUT pin. The maximum
adjustable sink current is equal to (AVDD/20) divided
by RSET.
PAD
-
Thermal pad should be connected to system ground
plane to optimize thermal performance.
(*CONNECT THERMAL PAD TO GND)
OUT
AVDD
DNC
GND
1
2
3
4
8
7
6
5
SET
CE
CTL
VDD
PAD


Số phần tương tự - ISL24202IRTZ-EVALZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL24202IRTZ-EVALZ INTERSIL-ISL24202IRTZ-EVALZ Datasheet
435Kb / 12P
   Programmable VCOM Calibrator with EEPROM
March 15, 2011
logo
Renesas Technology Corp
ISL24202IRTZ-EVALZ RENESAS-ISL24202IRTZ-EVALZ Datasheet
576Kb / 12P
   Programmable VCOM Calibrator with EEPROM
More results

Mô tả tương tự - ISL24202IRTZ-EVALZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ISL24202 RENESAS-ISL24202 Datasheet
576Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Intersil Corporation
ISL24201IRTZ INTERSIL-ISL24201IRTZ Datasheet
465Kb / 12P
   Programmable VCOM Calibrator with EEPROM
December 9, 2010
ISL24202IRTZ INTERSIL-ISL24202IRTZ Datasheet
435Kb / 12P
   Programmable VCOM Calibrator with EEPROM
March 15, 2011
logo
Renesas Technology Corp
ISL24201 RENESAS-ISL24201 Datasheet
609Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Maxim Integrated Produc...
MAX1512 MAXIM-MAX1512 Datasheet
682Kb / 12P
   EEPROM-Programmable TFT VCOM Calibrator
Rev 2; 8/04
MAX8738 MAXIM-MAX8738 Datasheet
283Kb / 13P
   EEPROM-Programmable TFT VCOM Calibrator with I2C Interface
Rev 0; 3/05
logo
Renesas Technology Corp
ISL24212 RENESAS-ISL24212 Datasheet
585Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
logo
Intersil Corporation
ISL24211 INTERSIL-ISL24211 Datasheet
455Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24212 INTERSIL-ISL24212 Datasheet
468Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24211IRTZ INTERSIL-ISL24211IRTZ Datasheet
453Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
February 23, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com