công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL24211IRTZ bảng dữ liệu(PDF) 8 Page - Intersil Corporation

tên linh kiện ISL24211IRTZ
Giải thích chi tiết về linh kiện  Programmable VCOM Calibrator with EEPROM and Output Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL24211IRTZ bảng dữ liệu(HTML) 8 Page - Intersil Corporation

Back Button ISL24211IRTZ Datasheet HTML 4Page - Intersil Corporation ISL24211IRTZ Datasheet HTML 5Page - Intersil Corporation ISL24211IRTZ Datasheet HTML 6Page - Intersil Corporation ISL24211IRTZ Datasheet HTML 7Page - Intersil Corporation ISL24211IRTZ Datasheet HTML 8Page - Intersil Corporation ISL24211IRTZ Datasheet HTML 9Page - Intersil Corporation ISL24211IRTZ Datasheet HTML 10Page - Intersil Corporation ISL24211IRTZ Datasheet HTML 11Page - Intersil Corporation ISL24211IRTZ Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ISL24211
8
FN7585.0
February 23, 2011
By finding the difference of Equation 13 and Equation 12, the total
span of VCOM can be found:
Assuming that the IDVROUT(MIN) = 0 instead of ISTEP, the
expression in Equation 14 simplifies to:
DVR_OUT Pin Leakage Current
When the voltage on the DVR_OUT pin is greater than 10V, an
additional leakage current flows into the pin in addition to the
ISET current. Figure 6 shows the ISET current and the DVR_OUT
pin current for DVR_OUT pin voltage up to 19V. In applications
where the voltage on the DVR_OUT pin will be greater than 10V,
the actual output voltage will be lower than the voltage
calculated by Equation 8. The graph in Figure 6 was measured
with RSET = 4.99kΩ.
Power Supply Sequence
The recommended power supply sequencing is shown in
Figure 7. When applying power, VDD should be applied before or
at the same time as AVDD. The minimum time for tVS is 0µs.
When removing power, the sequence of VDD and AVDD is not
important.
Do not remove VDD or AVDD within 100ms of the start of the
EEPROM programming cycle. Removing power before the
EEPROM programming cycle is completed may result in
corrupted data in the EEPROM.
Operating and Programming
Supply Voltage and Current
To program the EEPROM, AVDD must be ≥10.8V. If programming
is not required, the ISL24211 will operate over an AVDD range of
4.5V to 19V.
During EEPROM programming, IDD and IAVDD will temporarily be
higher than their quiescent currents. Figure 8 shows a typical IDD
and IAVDD current profile during EEPROM programming. The
current pulses are Erase and Write cycles. The EEPROM
programming algorithm is shown in Figure 9. The algorithm
attempts up to 4 erase cycles and 4 programming cycles,
however typical parts only require 1 cycle of each, sometimes 2
when AVDD is near the minimum 10.8V limit.
VCOMSPAN
AVDD
R2
R1 R2
+
--------------------
⎝⎠
⎜⎟
⎛⎞
1
1
256
----------
⎝⎠
⎛⎞
R1
20RSET
--------------------
⎝⎠
⎜⎟
⎛⎞
=
(EQ. 14)
VCOMSPAN
R1 R
2
R1 R2
+
--------------------
⎝⎠
⎜⎟
⎛⎞ AVDD
20RSET
--------------------
⎝⎠
⎜⎟
⎛⎞
R1 R
2
R1 R2
+
--------------------
⎝⎠
⎜⎟
⎛⎞
IDVROUT MAX
()
==
(EQ. 15)
FIGURE 6. DVR_OUT PIN LEAKAGE CURRENT
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
2
4
6
8
10
12
14
16
18
20
OUT PIN VOLTAGE (V)
OUT PIN CURRENT
SET PIN CURRENT
REGISTER = 255
VDD
AVDD
tVS
FIGURE 7. POWER SUPPLY SEQUENCE
~1ms
IP
100ms
Max
2.7mA
200µA
50µA
90µA
25µA
FIGURE 8. IDD AND IAVDD CURRENT PROFILE DURING EEPROM
PROGRAMMING


Số phần tương tự - ISL24211IRTZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL24211IRTZ INTERSIL-ISL24211IRTZ Datasheet
453Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
February 23, 2011
logo
Renesas Technology Corp
ISL24211IRTZ RENESAS-ISL24211IRTZ Datasheet
574Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
logo
Intersil Corporation
ISL24211IRTZ-EVALZ INTERSIL-ISL24211IRTZ-EVALZ Datasheet
453Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
February 23, 2011
logo
Renesas Technology Corp
ISL24211IRTZ-EVALZ RENESAS-ISL24211IRTZ-EVALZ Datasheet
574Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
More results

Mô tả tương tự - ISL24211IRTZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ISL24212 RENESAS-ISL24212 Datasheet
585Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
logo
Intersil Corporation
ISL24212 INTERSIL-ISL24212 Datasheet
468Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24211IRTZ INTERSIL-ISL24211IRTZ Datasheet
453Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
February 23, 2011
ISL24212IRTZ INTERSIL-ISL24212IRTZ Datasheet
465Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
March 15, 2011
logo
Renesas Technology Corp
ISL24211 RENESAS-ISL24211 Datasheet
574Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24202 RENESAS-ISL24202 Datasheet
576Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Intersil Corporation
ISL24202 INTERSIL-ISL24202 Datasheet
437Kb / 12P
   Programmable VCOM Calibrator with EEPROM
ISL24201IRTZ INTERSIL-ISL24201IRTZ Datasheet
465Kb / 12P
   Programmable VCOM Calibrator with EEPROM
December 9, 2010
ISL24202IRTZ INTERSIL-ISL24202IRTZ Datasheet
435Kb / 12P
   Programmable VCOM Calibrator with EEPROM
March 15, 2011
logo
Renesas Technology Corp
ISL24201 RENESAS-ISL24201 Datasheet
609Kb / 12P
   Programmable VCOM Calibrator with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com