công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL28208 bảng dữ liệu(PDF) 9 Page - Intersil Corporation

tên linh kiện ISL28208
Giải thích chi tiết về linh kiện  40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28208 bảng dữ liệu(HTML) 9 Page - Intersil Corporation

Back Button ISL28208 Datasheet HTML 5Page - Intersil Corporation ISL28208 Datasheet HTML 6Page - Intersil Corporation ISL28208 Datasheet HTML 7Page - Intersil Corporation ISL28208 Datasheet HTML 8Page - Intersil Corporation ISL28208 Datasheet HTML 9Page - Intersil Corporation ISL28208 Datasheet HTML 10Page - Intersil Corporation ISL28208 Datasheet HTML 11Page - Intersil Corporation ISL28208 Datasheet HTML 12Page - Intersil Corporation ISL28208 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
ISL28108, ISL28208
9
FN6935.1
March 17, 2011
FIGURE 19. OUTPUT OVERHEAD VOLTAGE HIGH vs LOAD CURRENT,
VS = ±5V and ±15V
FIGURE 20. OUTPUT OVERHEAD VOLTAGE LOW vs LOAD CURRENT,
VS = ±5V and ±15V
FIGURE 21. ISL28208 OUTPUT VOLTAGE SWING vs LOAD CURRENT
VS = ±15V
FIGURE 22. ISL28208 OUTPUT VOLTAGE SWING vs LOAD CURRENT
VS = ±5V
FIGURE 23. VOUT HIGH & LOW vs TEMPERATURE,
VS =±15V, RL =10k
FIGURE 24. VOUT HIGH AND LOW vs TEMPERATURE,
VS = ±5V, RL = 10k
Typical Performance Curves
VS = ±15V, VCM = 0V, RL = Open, unless otherwise specified. (Continued)
LOAD CURRENT (µA)
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
-40°C
+25°C
125°C
VS = ±5V and ±15V
LOAD CURRENT (µA)
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
-40°C
+25°C
125°C
VS = ±5V and ±15V
I-FORCE (mA)
11
12
13
14
15
-15
-14
-13
-12
-11
10
-10
VS = ±15V
AV = 2
VIN = ±7.5V-DC
RF = RG = 100k
0
2
4
6
8
10
12
14
16
18
20
22
24
-40°C
0°C
+25°C
+75°C
125°C
I-FORCE (mA)
VS = ±5V
AV = 2
VIN = ±2.5V-DC
RF = RG = 100k
0
2
4
6
8
10
12
14
16
18
20
22
24
1
2
3
4
5
-5
-4
-3
-2
-1
-40°C
0°C
+25°C
125°C
+75°C
TEMPERATURE (°C)
-40
-20
0
20
40
60
80
100
120
0
10
20
30
40
50
60
70
80
90
100
VS = ±15V
RL = 10k
VOH (V+ TO VOUT)
VOL (VOUT TO V-)
TEMPERATURE (°C)
-40
-20
0
20
40
60
80
100
120
0
10
20
30
40
50
60
70
80
90
100
VS = ±5V
RL = 10k
VOH (V+ TO VOUT)
VOL (VOUT TO V-)


Số phần tương tự - ISL28208

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL28208 INTERSIL-ISL28208 Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28208 INTERSIL-ISL28208 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL28208 INTERSIL-ISL28208 Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
logo
Renesas Technology Corp
ISL28208 RENESAS-ISL28208 Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Intersil Corporation
ISL28208 INTERSIL-ISL28208 Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
March 4, 2014
More results

Mô tả tương tự - ISL28208

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL28108_1111 INTERSIL-ISL28108_1111 Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108_1107 INTERSIL-ISL28108_1107 Datasheet
1Mb / 26P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28118 RENESAS-ISL28118 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
logo
Intersil Corporation
ISL28118 INTERSIL-ISL28118 Datasheet
1Mb / 23P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28108 RENESAS-ISL28108 Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Intersil Corporation
ISL28118_1109 INTERSIL-ISL28118_1109 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
ISL28118 INTERSIL-ISL28118_15 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
July 27, 2015
ISL28108FBZ INTERSIL-ISL28108FBZ Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
March 4, 2014
ISL28118 INTERSIL-ISL28118_11 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power
logo
Texas Instruments
OPA344 TI1-OPA344 Datasheet
1Mb / 30P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com