công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCR10EZHF470 bảng dữ liệu(PDF) 5 Page - Renesas Technology Corp

tên linh kiện MCR10EZHF470
Giải thích chi tiết về linh kiện  Sample Program (Remote Control Transmission/Reception)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MCR10EZHF470 bảng dữ liệu(HTML) 5 Page - Renesas Technology Corp

  MCR10EZHF470 Datasheet HTML 1Page - Renesas Technology Corp MCR10EZHF470 Datasheet HTML 2Page - Renesas Technology Corp MCR10EZHF470 Datasheet HTML 3Page - Renesas Technology Corp MCR10EZHF470 Datasheet HTML 4Page - Renesas Technology Corp MCR10EZHF470 Datasheet HTML 5Page - Renesas Technology Corp MCR10EZHF470 Datasheet HTML 6Page - Renesas Technology Corp MCR10EZHF470 Datasheet HTML 7Page - Renesas Technology Corp MCR10EZHF470 Datasheet HTML 8Page - Renesas Technology Corp MCR10EZHF470 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
REJ05B0814-0110 Rev.1.10
2007.12
Page 5 of 18
M16C/26A Group
Sample Program (Remote Control Transmission/Reception)
6.
Operational Specification
<Remote control transmission>
When a switch is depressed, the remote control code (hex code) corresponding to the switch and the inverted data (hex code) of the remote
control code are transmitted. While a switch is held down, data is transmitted successively at 100 millisecond intervals.
Note: In this program, pressing two or more switches at the same time has no effect (i.e., ignored).
<Remote control reception>
(1) Immediately after the reset switch is depressed, the LCD
shows “-----.”
(2) While remote control code is being received, the LCD shows
the received code.
* If the length of reception period is less than or equal to 500 ms,
the received code is displayed for 500 ms.
(1) Reset switch depressed
(2) Reception underway
(e.g., SW3 held down)
(3) 500 ms after reception
R C
-
V
-
-
I R -
T R A N S
-
R C
-
V
-
-
I R -
T R A N S
-
R C
0
V
1- F
I R -
T R A N S
E


Số phần tương tự - MCR10EZHF470

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
MCR10EZHF1002 ROHM-MCR10EZHF1002 Datasheet
102Kb / 5P
   Thick film rectangular
logo
Renesas Technology Corp
MCR10EZHF103 RENESAS-MCR10EZHF103 Datasheet
601Kb / 17P
   Sample Program (Terminal Software)
logo
Texas Instruments
MCR10EZHF1104 TI1-MCR10EZHF1104 Datasheet
2Mb / 48P
[Old version datasheet]   Contains all support circuitry needed for the ADS1174/ADS1274
May2009
MCR10EZHF1244 TI1-MCR10EZHF1244 Datasheet
2Mb / 48P
[Old version datasheet]   Contains all support circuitry needed for the ADS1174/ADS1274
May2009
logo
Rohm
MCR10EZHF5102 ROHM-MCR10EZHF5102 Datasheet
102Kb / 5P
   Thick film rectangular
More results

Mô tả tương tự - MCR10EZHF470

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sony Corporation
CXA1511L SONY-CXA1511L Datasheet
136Kb / 7P
   Preamplifier for Remote Control Signal Reception
logo
Renesas Technology Corp
M16C26A-M RENESAS-M16C26A-M Datasheet
519Kb / 17P
   Sample Program (Message)
M16C26A-V RENESAS-M16C26A-V Datasheet
510Kb / 15P
   Sample Program (Voltmeter)
logo
NEC
UPD6121 NEC-UPD6121 Datasheet
170Kb / 28P
   REMOTE CONTROL TRANSMISSION CMOS IC
logo
Renesas Technology Corp
M16C26A-C RENESAS-M16C26A-C Datasheet
516Kb / 17P
   Sample Program (Calendar)
logo
Toshiba Semiconductor
TC9243APG TOSHIBA-TC9243APG Datasheet
287Kb / 10P
   Infrared Remote-Control Signal Transmission LSI
logo
Renesas Technology Corp
R8C-MS RENESAS-R8C-MS Datasheet
123Kb / 22P
   Sample Program: Musical Scales
logo
Toshiba Semiconductor
TC9243P TOSHIBA-TC9243P Datasheet
344Kb / 9P
   INFRARED REMOTE CONTROL SIGNAL TRANSMISSION LSI
logo
Renesas Technology Corp
M16C26A-LM RENESAS-M16C26A-LM Datasheet
568Kb / 16P
   Sample Program (Lux Meter)
M16C26A-MS RENESAS-M16C26A-MS Datasheet
514Kb / 17P
   Sample Program (Musical Scale)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com