công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS4226IRGCT bảng dữ liệu(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS4226IRGCT
Giải thích chi tiết về linh kiện  Dual-Channel, 12-/14-Bit, 65/125/160MSPS Ultralow-Power ADC
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4226IRGCT bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button ADS4226IRGCT Datasheet HTML 7Page - Texas Instruments ADS4226IRGCT Datasheet HTML 8Page - Texas Instruments ADS4226IRGCT Datasheet HTML 9Page - Texas Instruments ADS4226IRGCT Datasheet HTML 10Page - Texas Instruments ADS4226IRGCT Datasheet HTML 11Page - Texas Instruments ADS4226IRGCT Datasheet HTML 12Page - Texas Instruments ADS4226IRGCT Datasheet HTML 13Page - Texas Instruments ADS4226IRGCT Datasheet HTML 14Page - Texas Instruments ADS4226IRGCT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 97 page
background image
ADS4222, ADS4225, ADS4226
ADS4242, ADS4245, ADS4246
www.ti.com
SBAS533
– MARCH 2011
Pin Descriptions (LVDS Mode) (continued)
PIN NAME
PIN NUMBER
# OF PINS
FUNCTION
DESCRIPTION
Serial interface RESET input.
When using the serial interface mode, the internal registers must be initialized
through a hardware RESET by applying a high pulse on this pin or by using the
RESET
12
1
Input
software reset option; refer to the Serial Interface Configuration section.
In parallel interface mode, the RESET pin must be permanently tied high. SCLK
and SEN are used as parallel control pins in this mode. This pin has an internal
150k
Ω pull-down resistor.
This pin functions as a serial interface clock input when RESET is low. It controls
SCLK
13
1
Input
the low-speed mode selection when RESET is tied high; see Table 5 for detailed
information. This pin has an internal 150k
Ω pull-down resistor.
SDATA
14
1
Input
Serial interface data input; this pin has an internal 150k
Ω pull-down resistor.
This pin functions as a serial interface enable input when RESET is low. It
controls the output interface and data format selection when RESET is tied high;
SEN
15
1
Input
see Table 6 for detailed information. This pin has an internal 150k
Ω pull-up
resistor to AVDD.
This pin functions as a serial interface register readout when the READOUT bit is
SDOUT
64
1
Output
enabled. When READOUT = 0, this pin forces a logic low and is not put in 3-state.
CTRL1
35
1
Input
Digital control input pins. Together, they control the various power-down modes.
CTRL2
36
1
Input
Digital control input pins. Together, they control the various power-down modes.
CTRL3
37
1
Input
Digital control input pins. Together, they control the various power-down modes.
CLKOUTP
57
1
Output
Differential output clock, true
CLKOUTM
56
1
Output
Differential output clock, complement
Refer to Figure 2 and
DA0P, DA0M
2
Output
Channel A differential output data pair, D0 and D1 multiplexed
Figure 3
Refer to Figure 2 and
DA2P, DA2M
2
Output
Channel A differential output data D2 and D3 multiplexed
Figure 3
Refer to Figure 2 and
DA4P, DA4M
2
Output
Channel A differential output data D4 and D5 multiplexed
Figure 3
Refer to Figure 2 and
DA6P, DA6M
2
Output
Channel A differential output data D6 and D7 multiplexed
Figure 3
Refer to Figure 2 and
DA8P, DA8M
2
Output
Channel A differential output data D8 and D9 multiplexed
Figure 3
DA10P,
Refer to Figure 2 and
2
Output
Channel A differential output data D10 and D11 multiplexed
DA10M
Figure 3
DA12P,
Refer to Figure 3
2
Output
Channel A differential output data D12 and D13 multiplexed (ADS424x only)
DA12M
Refer to Figure 2 and
DB0P, DB0M
2
Output
Channel B differential output data pair, D0 and D1 multiplexed
Figure 3
Refer to Figure 2 and
DB2P, DB2M
2
Output
Channel B differential output data D2 and D3 multiplexed
Figure 3
Refer to Figure 2 and
DB4P, DB4M
2
Output
Channel B differential output data D4 and D5 multiplexed
Figure 3
Refer to Figure 2 and
DB6P, DB6M
2
Output
Channel B differential output data D6 and D7 multiplexed
Figure 3
Refer to Figure 2 and
DB8P, DB8M
2
Output
Channel B differential output data D8 and D9 multiplexed
Figure 3
DB10P,
Refer to Figure 2 and
2
Output
Channel B differential output data D10 and D11 multiplexed
DB10M
Figure 3
DB12P,
Refer to Figure 3
2
Output
Channel B differential output data D12 and D13 multiplexed (ADS424x only)
DB12M
DRVDD
1, 48
2
Input
Output buffer supply
DRGND
49, PAD
2
Input
Output buffer ground
Refer to Figure 98,
8 (ADS422x)
NC
Figure 99, Figure 116,
Do not connect
4 (ADS424x)
and Figure 117
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ADS4222 ADS4225 ADS4226 ADS4242 ADS4245 ADS4246


Số phần tương tự - ADS4226IRGCT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS4226IRGCT TI1-ADS4226IRGCT Datasheet
3Mb / 104P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
More results

Mô tả tương tự - ADS4226IRGCT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS4222 TI1-ADS4222_15 Datasheet
3Mb / 88P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65 MSPS Ultralow-Power ADC
ADS4122 TI1-ADS4122_14 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
ADS4122 TI1-ADS4122 Datasheet
2Mb / 81P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
MARCH2011
ADS4145 TI1-ADS4145_14 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
ADS4222 TI1-ADS4222 Datasheet
3Mb / 104P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_14 Datasheet
4Mb / 105P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4249 TI1-ADS4249 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC
ADS4126 TI1-ADS4126_14 Datasheet
2Mb / 83P
[Old version datasheet]   12-/14-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_1004 TI-ADS4126_1004 Datasheet
1Mb / 77P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126 TI-ADS4126 Datasheet
1Mb / 75P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com