công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS4226 bảng dữ liệu(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS4226
Giải thích chi tiết về linh kiện  Dual-Channel, 12-/14-Bit, 65/125/160MSPS Ultralow-Power ADC
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4226 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button ADS4226 Datasheet HTML 3Page - Texas Instruments ADS4226 Datasheet HTML 4Page - Texas Instruments ADS4226 Datasheet HTML 5Page - Texas Instruments ADS4226 Datasheet HTML 6Page - Texas Instruments ADS4226 Datasheet HTML 7Page - Texas Instruments ADS4226 Datasheet HTML 8Page - Texas Instruments ADS4226 Datasheet HTML 9Page - Texas Instruments ADS4226 Datasheet HTML 10Page - Texas Instruments ADS4226 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 97 page
background image
ADS4222, ADS4225, ADS4226
ADS4242, ADS4245, ADS4246
www.ti.com
SBAS533
– MARCH 2011
ELECTRICAL CHARACTERISTICS: GENERAL
Typical values are at +25
°C, AVDD = 1.8V, DRVDD = 1.8V, 50% clock duty cycle, and –1dBFS differential analog input,
unless otherwise noted. Minimum and maximum values are across the full temperature range: TMIN = –40°C to TMAX = +85°C,
AVDD = 1.8V, and DRVDD = 1.8V.
ADS4222/ADS4242 (65MSPS)
ADS4225/ADS4245 (125MSPS)
ADS4226/ADS4246 (160MSPS)
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
ANALOG INPUTS
Differential input voltage range (0dB gain)
2
2
2
VPP
Differential input resistance (at 200MHz)
0.75
0.75
0.75
k
Ω
Differential input capacitance (at 200MHz)
3.7
3.7
3.7
pF
Analog input bandwidth
550
550
550
MHz
(with 50
Ω source impedance, and 50Ω termination)
Analog input common-mode current
1.5
1.5
1.5
µA/MSPS
(per input pin of each channel)
Common-mode output voltage
VCM
0.95
0.95
0.95
V
VCM output current capability
4
4
4
mA
DC ACCURACY
Offset error
2.5
2.5
–15
2.5
15
mV
Temperature coefficient of offset error
0.003
0.003
0.003
mV/
°C
Gain error as a result of internal
EGREF
–2
2
–2
2
–2
2
%FS
reference inaccuracy alone
Gain error of channel alone
EGCHAN
±0.1
–1
±0.1
±0.1
–1
%FS
Temperature coefficient of EGCHAN
0.002
0.002
0.002
Δ%/°C
POWER SUPPLY
IAVDD
73
105
123
150
mA
Analog supply current
IDRVDD
Output buffer supply current
96
99
111
135
mA
LVDS interface, 350mV swing with 100
Ω external
termination, fIN = 2.5MHz
IDRVDD
Output buffer supply current
44
76
94
mA
CMOS interface, 8pF external load capacitance, fIN
= 2.5MHz
(1)
Analog power
133
189
222
mW
Digital power
LVDS interface, 350mV swing with 100
Ω external
173
179
199
mW
termination, fIN = 2.5MHz
Digital power
CMOS interface, 8pF external load capacitance
(1)
80
137
169
mW
fIN = 2.5MHz
Global power-down
25
25
25
mW
(1)
In CMOS mode, the DRVDD current scales with the sampling frequency, the load capacitance on output pins, input frequency, and the
supply voltage (see the CMOS Interface Power Dissipation section in the Application Information).
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS4222 ADS4225 ADS4226 ADS4242 ADS4245 ADS4246


Số phần tương tự - ADS4226

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS4226 TI1-ADS4226 Datasheet
3Mb / 104P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4226 TI-ADS4226 Datasheet
902Kb / 66P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC with Analog Input Buffer
ADS4226 TI1-ADS4226 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4226 TI1-ADS4226 Datasheet
4Mb / 105P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4226IRGC25 TI1-ADS4226IRGC25 Datasheet
3Mb / 104P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
More results

Mô tả tương tự - ADS4226

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS4222 TI1-ADS4222_15 Datasheet
3Mb / 88P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65 MSPS Ultralow-Power ADC
ADS4122 TI1-ADS4122_14 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
ADS4122 TI1-ADS4122 Datasheet
2Mb / 81P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
MARCH2011
ADS4145 TI1-ADS4145_14 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
ADS4222 TI1-ADS4222 Datasheet
3Mb / 104P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_14 Datasheet
4Mb / 105P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4249 TI1-ADS4249 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC
ADS4126 TI1-ADS4126_14 Datasheet
2Mb / 83P
[Old version datasheet]   12-/14-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_1004 TI-ADS4126_1004 Datasheet
1Mb / 77P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126 TI-ADS4126 Datasheet
1Mb / 75P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com