công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STK22C48 bảng dữ liệu(PDF) 6 Page - Cypress Semiconductor |
|
STK22C48 bảng dữ liệu(HTML) 6 Page - Cypress Semiconductor |
6 / 17 page STK22C48 Document Number: 001-51000 Rev. *D Page 6 of 17 Preventing Store The STORE function is disabled by holding HSB high with a driver capable of sourcing 30 mA at a VOH of at least 2.2 V, because it must overpower the internal pull-down device. This device drives HSB LOW for 20 ns at the onset of a STORE. When the STK22C48 is connected for AutoStore operation (system VCC connected to VCC and a 68 μF capacitor on VCAP) and VCC crosses VSWITCH on the way down, the STK22C48 attempts to pull HSB LOW. If HSB does not actually get below VIL, the part stops trying to pull HSB LOW and abort the STORE attempt. Best Practices nvSRAM products have been used effectively for over 15 years. While ease of use is one of the product’s main system values, experience gained working with hundreds of applications has resulted in the following suggestions as best practices: ■ The nonvolatile cells in an nvSRAM are programmed on the test floor during final test and quality assurance. Incoming inspection routines at customer or contract manufacturer’s sites sometimes reprogram these values. Final NV patterns are typically repeating patterns of AA, 55, 00, FF, A5, or 5A. The end product’s firmware should not assume that an NV array is in a set programmed state. Routines that check memory content values to determine first time system configuration, cold or warm boot status, and so on must always program a unique NV pattern (for example, complex 4-byte pattern of 46 E6 49 53 hex or more random bytes) as part of the final system manufacturing test to ensure these system routines work consistently. ■ Power-up boot firmware routines should rewrite the nvSRAM into the desired state. While the nvSRAM is shipped in a preset state, best practice is to again rewrite the nvSRAM into the desired state as a safeguard against events that might flip the bit inadvertently (program bugs, incoming inspection routines, and so on). ■ The VCAP value specified in this data sheet includes a minimum and a maximum value size. The best practice is to meet this requirement and not exceed the maximum VCAP value because the higher inrush currents may reduce the reliability of the internal pass transistor. Customers who want to use a larger VCAP value to make sure there is extra store charge should discuss their VCAP size selection with Cypress. Figure 4. Current Versus Cycle Time (Read) Figure 5. Current Versus Cycle Time (Write) Table 2. Hardware Mode Selection CE WE HSB A10–A0 Mode I/O Power H X H X Not selected Output high Z Standby L H H X Read SRAM Output data Active[1] L L H X Write SRAM Input data Active X X L X Nonvolatile STORE Output high Z ICC2[2] Notes 1. I/O state assumes OE < VIL. Activation of nonvolatile cycles does not depend on state of OE. 2. HSB STORE operation occurs only if an SRAM Write is done since the last nonvolatile cycle. After the STORE (If any) completes, the part goes into standby mode, inhibiting all operations until HSB rises. [+] Feedback |
Số phần tương tự - STK22C48_11 |
|
Mô tả tương tự - STK22C48_11 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |