công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LC79400D bảng dữ liệu(PDF) 2 Page - Sanyo Semicon Device

tên linh kiện LC79400D
Giải thích chi tiết về linh kiện  Dot Matrix LCD Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC79400D bảng dữ liệu(HTML) 2 Page - Sanyo Semicon Device

  LC79400D Datasheet HTML 1Page - Sanyo Semicon Device LC79400D Datasheet HTML 2Page - Sanyo Semicon Device LC79400D Datasheet HTML 3Page - Sanyo Semicon Device LC79400D Datasheet HTML 4Page - Sanyo Semicon Device LC79400D Datasheet HTML 5Page - Sanyo Semicon Device LC79400D Datasheet HTML 6Page - Sanyo Semicon Device LC79400D Datasheet HTML 7Page - Sanyo Semicon Device LC79400D Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LC79400D
No. 4346-2/8
Allowable Operating Ranges at Ta = –20 to +75°C, VSS = 0 V
Note:2. The voltages V1, V3, V4, V7, VDD and VEE must obey the relationships: VDD ≥ V1 > V3 > V4 > VEE, VDD – V3 ≤ 7V, V4 – VEE
7V.
3. When applying power, apply power to the LCD drive block after applying power to the logic block or apply power to both the blocks
simultaneously. When turning off power, turn off power to the logic block after turning off power to the LCD drive block or turn
off power to both the blocks simultaneously.
Electrical Characteristics at Ta = 25±2°C, VSS = 0 V, VDD = 5 V±10%
Note:4. VDE = V1 or V3 or V4 or VEE, V1 = VDD, V3 = 15/17 (VDD-VEE), V4 = 2/17 (VDD-VEE)
5. ISS current flows from VDD to VSS.
6. IEE current flows from VDD to VEE.
Switching Characteristics at Ta = 25±2°C, VSS = 0 V, VDD = 5 V±10%
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply voltage (logic)
VDD
4.5
5.5
V
Supply voltage (LCD)
VDD - VEE
*
2
, *3
12
32
V
Input high-level voltage
VIH
DI1 to 4, CP, LOAD, CDR, CDL
0.8 VDD
V
R/L, M, DISP OFF
Input low-level voltage
VIL
DI1 to 4, CP, LOAD, CDR, CDL
0.2 VDD
V
R/L, M, DISP OFF
CP (shift clock)
fCP
CP
3.0
MHz
CP (pulse width)
fWC
CP
100
ns
LOAD pulse width
tWL
LOAD
100
ns
Setup time
tSETUP
DI1 to 4
→ CP
80
ns
Hold time
tHOLD
DI1 to 4
→ CP
80
ns
CP
→ LOAD
tCL1
CP
→ LOAD
0
ns
tCL2
CP
→ LOAD
100
ns
LOAD
→ CP
tLC
LOAD
→ CP
63
ns
tR
CP
50
ns
Rise/Fall time
tF
CP
50
ns
tRL
LOAD
50
ns
tFL
LOAD
50
ns
Parameter
Symbol
Conditions
min
typ
max
Unit
Input high-level current
IIH
VIN = VDD; LOAD, CP, CDR (CDL),
1
µA
R/L, DI1 to DI4, M, DISP OFF
Input low-level current
IIL
VIN = VSS; LOAD, CP, CDR (CDL),
–1
µA
R/L, DI1 to DI4, M, DISP OFF
Output high-level voltage
VOH
IOH = –400 µA; CDL (CDR)
VDD – 0.4
V
Output low-level voltage
VOL
IOL = 400 µA; CDL (CDR)
0.4
V
RON1
VDD – VEE = 30 V,  VDE – VO  = 0.5 V*4;
1.5
3.0
k
Driver on resistor
O1 to O80
RON2
VDD – VEE = 20 V,  VDE – VO  = 0.5 V*4;
2.0
3.5
k
O1 to O80
Standby current dissipation
IST
CDR (CDL) = VDD, VDD – VEE = 30 V
200
µA
CP = 3.0 MHz, no-load output: VSS
ISS*5
VDD – VEE = 30 V, CP = 3 MHz,
4.0
mA
Operation current dissipation
LOAD = 14 kHz, M = 35 Hz; VSS
ISS*6
VDD – VEE = 30 V, CP = 3 MHz,
0.1
mA
LOAD = 14 kHz, M = 35 Hz; VEE
Input capacity
CI
f = 3.0 MHz; CP
5
pF
Parameter
Symbol
Conditions
min
typ
max
Unit
Output delay time
tD
Load = 15 pF; CDR (CDL)
200
ns


Số phần tương tự - LC79400D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LC79401D SANYO-LC79401D Datasheet
149Kb / 8P
   Dot-Matrix LCD Driver
LC79401KNE SANYO-LC79401KNE Datasheet
91Kb / 8P
   Dot-Matrix LCD Drivers
logo
ON Semiconductor
LC79401KNE ONSEMI-LC79401KNE Datasheet
89Kb / 8P
   Dot-Matrix LCD Drivers
July, 2013
LC79401KNE-E ONSEMI-LC79401KNE-E Datasheet
89Kb / 8P
   Dot-Matrix LCD Drivers
July, 2013
logo
Sanyo Semicon Device
LC7940KD SANYO-LC7940KD Datasheet
112Kb / 13P
   CMOS IC Dot-Matrix LCD Drivers
More results

Mô tả tương tự - LC79400D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LC7940ND SANYO-LC7940ND Datasheet
214Kb / 11P
   Dot-Matrix LCD Driver
LC79430D SANYO-LC79430D Datasheet
115Kb / 5P
   Dot Matrix LCD Driver?
logo
Toshiba Semiconductor
T6K11 TOSHIBA-T6K11 Datasheet
576Kb / 47P
   DOT MATRIX LCD DRIVER
logo
Sanyo Semicon Device
LC79401D SANYO-LC79401D Datasheet
149Kb / 8P
   Dot-Matrix LCD Driver
LC7943D SANYO-LC7943D Datasheet
88Kb / 4P
   Dot Matrix LCD Driver?
LC7942ND SANYO-LC7942ND Datasheet
115Kb / 6P
   Dot-Matrix LCD Driver?
logo
List of Unclassifed Man...
SED1500 ETC-SED1500 Datasheet
590Kb / 32P
   DOT MATRIX LCD DRIVER
SED1520D0A ETC-SED1520D0A Datasheet
204Kb / 52P
   DOT MATRIX LCD DRIVER
logo
Seiko Instruments Inc
S-4525BA SII-S-4525BA Datasheet
1Mb / 22P
   DOT MATRIX LCD DRIVER
logo
Sanyo Semicon Device
LC79431D SANYO-LC79431D Datasheet
96Kb / 5P
   Dot Matrix LCD Driver?
More results


Html Pages

1 2 3 4 5 6 7 8