công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LC78816 bảng dữ liệu(PDF) 4 Page - Sanyo Semicon Device

tên linh kiện LC78816
Giải thích chi tiết về linh kiện  16-Bit D/A Converter for Use in Digital Audio Products
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78816 bảng dữ liệu(HTML) 4 Page - Sanyo Semicon Device

  LC78816 Datasheet HTML 1Page - Sanyo Semicon Device LC78816 Datasheet HTML 2Page - Sanyo Semicon Device LC78816 Datasheet HTML 3Page - Sanyo Semicon Device LC78816 Datasheet HTML 4Page - Sanyo Semicon Device LC78816 Datasheet HTML 5Page - Sanyo Semicon Device LC78816 Datasheet HTML 6Page - Sanyo Semicon Device LC78816 Datasheet HTML 7Page - Sanyo Semicon Device LC78816 Datasheet HTML 8Page - Sanyo Semicon Device LC78816 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
No. 4250-4/11
LC78816MB, 78816MC
Block Diagram
Pin No.
Pin Name
Function and Operational Description
1
CH1OUT
Channel 1 output pin (left channel)
2
REFH
Reference voltage high level pin
Normally connected to AGND through a capacitor.
3
VrefH
Reference voltage high level input pin
4
AVDD
Analog system power supply voltage pin
5
LRCK/WCLK
LR clock and word clock input pin
Used to generate the internal signal that latches the digital audio data (DATAL and DATAR).
Digital audio data input pin
6
DATAL
Data is input from the MSB bit serially.
When FSEL is low, channel 1 data is input.
When FSEL is high, channel 1 and channel 2 data are input using time division.
Digital audio data input pin
7
DATAR
Data is input from the MSB bit serially.
When FSEL is low, channel 2 data is input.
When FSEL is high, functions as the interface switching pin.
Bit clock input pin
8
BCLK
This is the clock for reading in digital audio data bit serially. Also functions as the IC’s system clock when SYSCLK is
fixed low or high.
System clock input pin
9
SYSCLK
This is the system clock that drives the IC. However, in certain modes it is used as the interface switching pin.
(See the timing charts.)
10
DVDD
Digital system power supply voltage pin
11
TSTOUT
Output pin for IC testing
12
FSEL
When low, digital audio data is input simultaneously from the DATAL and DATAR pins.
When high, digital audio data is input from the DATAL pin in time division mode.
13
MODE1
Interface switching pins. (See the timing charts.)
14
MODE2
15
DGND
Digital system ground pin
16
REFL
Reference voltage low level pin.
Normally connected to AGND through a capacitor.
17
AGND
Analog system ground pin
18
VrefL
Reference voltage low level input pin
19
NC
No connection
20
CH2OUT
Channel 2 output pin (right channel)
Pin Functions


Số phần tương tự - LC78816

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LC7881 SANYO-LC7881 Datasheet
301Kb / 8P
   CMOS LSI
LC78815M SANYO-LC78815M Datasheet
188Kb / 10P
   TWO-Channel, 16-bit D/A Converter for Digital Audio Applications
LC78817 SANYO-LC78817 Datasheet
137Kb / 6P
   16-Bit D/A Converter for Digital Audio?
LC78817M SANYO-LC78817M Datasheet
137Kb / 6P
   16-Bit D/A Converter for Digital Audio?
LC7881M SANYO-LC7881M Datasheet
301Kb / 8P
   CMOS LSI
More results

Mô tả tương tự - LC78816

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LC78817 SANYO-LC78817 Datasheet
137Kb / 6P
   16-Bit D/A Converter for Digital Audio?
logo
Cirrus Logic
CS5126 CIRRUS-CS5126 Datasheet
394Kb / 32P
   16-Bit Stereo A/D Converter for Digital Audio
logo
NEC
UPD63210 NEC-UPD63210 Datasheet
141Kb / 18P
   16-BIT D/A CONVERTER WITH BUILT-IN DIGITAL FILTER FOR AUDIO
logo
Sanyo Semicon Device
LC78833M SANYO-LC78833M Datasheet
295Kb / 11P
   Digital Audio 16-Bit D/A Converter with Built-In Digital Filters
LC78815M SANYO-LC78815M Datasheet
188Kb / 10P
   TWO-Channel, 16-bit D/A Converter for Digital Audio Applications
logo
Cirrus Logic
CS4328 CIRRUS-CS4328 Datasheet
831Kb / 31P
   18-Bit, Stereo D/A Converter for Digital Audio
OCT 1993
logo
Sanyo Semicon Device
LC7886 SANYO-LC7886 Datasheet
134Kb / 6P
   18-Bit A/D Converter for Digital Audio Applications
logo
Cirrus Logic
CS5334 CIRRUS-CS5334 Datasheet
437Kb / 20P
   20-Bit, Stereo A/D Converter for Digital Audio
CS4329 CIRRUS-CS4329 Datasheet
1Mb / 36P
   20-Bit, Stereo D/A Converter for Digital Audio
CS4390 CIRRUS-CS4390 Datasheet
629Kb / 22P
   24-Bit, Stereo D/A Converter for Digital Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com