công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LC7874E bảng dữ liệu(PDF) 1 Page - Sanyo Semicon Device

tên linh kiện LC7874E
Giải thích chi tiết về linh kiện  CD Graphics Decorder
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7874E bảng dữ liệu(HTML) 1 Page - Sanyo Semicon Device

  LC7874E Datasheet HTML 1Page - Sanyo Semicon Device LC7874E Datasheet HTML 2Page - Sanyo Semicon Device LC7874E Datasheet HTML 3Page - Sanyo Semicon Device LC7874E Datasheet HTML 4Page - Sanyo Semicon Device LC7874E Datasheet HTML 5Page - Sanyo Semicon Device LC7874E Datasheet HTML 6Page - Sanyo Semicon Device LC7874E Datasheet HTML 7Page - Sanyo Semicon Device LC7874E Datasheet HTML 8Page - Sanyo Semicon Device LC7874E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
CMOS LSI
Ordering number : EN5521
13097HA(OT) No. 5521-1/22
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
CD Graphics Decorder
LC7874E
Overview
The LC7874E is a CMOS LSI that provides the signal
processing needed for compact disc graphics (CD-G) on a
single chip. The LC7874E accepts subcode R to W
signals output from a CD player DSP LC786X Series,
LC7862XE Series, or LC7863XE Series device, and
performs de-interleaving, error detection and correction,
graphic instruction processing, and image processing.
Features
• A CD-G decoder can be configured using a three-chip
combination of this LSI—the LC7874E—with external
RAM (64K
× 4 bits) and an LC78010E digital RGB
encoder.
• Performs insertion and protection of CD subcode R to
W sync signals and detection of R to W signal de-
interleave error signals.
• Has two crystal oscillators, for NTSC and PAL, with
simple switchover by means of a control pin.
Connecting a crystal resonator of 14.31818 MHz for
NTSC and 17.734476 MHz for PAL enables the
standard clock and other necessary timings to be
generated internally.
• Performs CD graphics instruction processing and
drawing functions, and controls image display.
• Has microcomputer interface functions, allowing set
upgrading.
• Provides superimposition support.
• Has a color bar signal output function.
• DRAM interface and RGB output and sync signal output
are 3-state outputs.
Package Dimensions
unit: mm
3159-QFP64E
SANYO: QIP64E
[LC7874E]
• CCB is a trademark of SANYO ELECTRIC CO., LTD.
• CCB is SANYO’s original bus format and all the bus
addresses are controlled by SANYO.
Parameter
Symbol
Conditions
Ratings
Unit
Power supply voltage
VDD
VDD
VSS – 0.3 to VSS + 7.0
V
S1, S2, SFSY, PW, SBSY, CE, DI, CL, MUTE, DB0 to 3,
Input voltage
VIN
CB, CE1, CE2, CE3, LINE, HRESET, VRESET, INIT,
VSS – 0.3 to VDD + 0.3
V
RESET, N/P, SON, XIN1, XIN2
SBCK, DO, CDGM, WE, RAS, A0 to 7, DB0 to 3, CAS, OE,
Output voltage
VOUT
ROUT0 to 3, GOUT0 to 3, BOUT0 to 3, HSYNC, CSYNC,
VSS – 0.3 to VDD +0 .3
V
BLANK, YS, 4FSCO, EFLG, FSCO, XOUT1, XOUT2
Allowable power dissipation
Pd max
Ta = 25°C
500
mW
Operating temperature
Topr
–30 to +85
°C
Storage temperature
Tstg
–40 to +125
°C
Specifications
Electrical Characteristics at Ta = –30°C to +85°C


Số phần tương tự - LC7874E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LC78711 SANYO-LC78711 Datasheet
781Kb / 43P
   Graphics Display Processor
LC78711E SANYO-LC78711E Datasheet
781Kb / 43P
   Graphics Display Processor
LC7871E SANYO-LC7871E Datasheet
427Kb / 19P
   CD Graphics Decoder
LC7871NE SANYO-LC7871NE Datasheet
427Kb / 19P
   CD Graphics Decoder
LC7872E SANYO-LC7872E Datasheet
299Kb / 17P
   CD Graphics Decoder
More results

Mô tả tương tự - LC7874E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LC7871E SANYO-LC7871E Datasheet
427Kb / 19P
   CD Graphics Decoder
logo
Toshiba Semiconductor
TC9411F TOSHIBA-TC9411F Datasheet
239Kb / 5P
   CD GRAPHICS DECODER
logo
Sanyo Semicon Device
LC7872E SANYO-LC7872E Datasheet
299Kb / 17P
   CD Graphics Decoder
LA2232 SANYO-LA2232 Datasheet
245Kb / 9P
   RDS Decorder
LA2232 SANYO-LA2232 Datasheet
247Kb / 9P
   RDS Decorder
logo
Data Delay Devices, Inc...
MAD-85 DATADELAY-MAD-85 Datasheet
40Kb / 1P
   Manchester Decorder
logo
Unisonic Technologies
TA7343AP UTC-TA7343AP Datasheet
246Kb / 5P
   FM STEREO MULTIPLEX DECORDER
logo
ON Semiconductor
SN74LS156 ONSEMI-SN74LS156 Datasheet
56Kb / 4P
   Dual 1-of-4 Decorder/Demultiplexer
December, 1999 ??Rev. 0
logo
Texas Instruments
TMS34020A TI-TMS34020A Datasheet
1Mb / 82P
[Old version datasheet]   GRAPHICS PROCESSORS
logo
List of Unclassifed Man...
ET4000W32I ETC1-ET4000W32I Datasheet
14Mb / 294P
   ET4000W32I Graphics Accelerator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com