công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP73223 bảng dữ liệu(PDF) 5 Page - Microchip Technology

tên linh kiện MCP73223
Giải thích chi tiết về linh kiện  Lithium Iron Phosphate (LiFePO4) Battery Charge Management Controller with Input Overvoltage Protection
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73223 bảng dữ liệu(HTML) 5 Page - Microchip Technology

  MCP73223 Datasheet HTML 1Page - Microchip Technology MCP73223 Datasheet HTML 2Page - Microchip Technology MCP73223 Datasheet HTML 3Page - Microchip Technology MCP73223 Datasheet HTML 4Page - Microchip Technology MCP73223 Datasheet HTML 5Page - Microchip Technology MCP73223 Datasheet HTML 6Page - Microchip Technology MCP73223 Datasheet HTML 7Page - Microchip Technology MCP73223 Datasheet HTML 8Page - Microchip Technology MCP73223 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
 2011 Microchip Technology Inc.
DS22191C-page 5
MCP73123/223
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings†
VDD ................................................................................18.0V
VPROG ..............................................................................6.0V
All Inputs and Outputs w.r.t. VSS ............... -0.3 to (VDD+0.3)V
Maximum Junction Temperature, TJ ............Internally Limited
Storage temperature .....................................-65°C to +150°C
ESD protection on all pins
Human Body Model (1.5 k
 in Series with 100 pF)4kV
Machine Model (200pF, No Series Resistance) ..............300V
† Notice: Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied.
Exposure to maximum rating conditions for extended periods
may affect device reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, all limits apply for VDD= [VREG(Typical) + 0.3V] to 12V,
TA = -40°C to +85°C. Typical values are at +25°C, VDD = [VREG (Typical) + 1.0V]
Parameters
Sym
Min
Typ
Max
Units
Conditions
Supply Input
Input Voltage Range
VDD
4—
16
V
Operating Supply Voltage
VDD
4.2
6.5
V
MCP73123
Operating Supply Voltage
VDD
4.2
13.0
V
MCP73223
Supply Current
ISS
4
5.5
µA
Shutdown (VDD  VBAT - 150 mV)
700
1500
µA
Charging
30
100
µA
Standby (PROG Floating)
50
150
µA
Charge Complete; No Battery;
VDD  VSTOP
Battery Discharge Current
Output Reverse Leakage
Current
IDISCHARGE
0.5
2
µA
Standby (PROG Floating)
0.5
2
µA
Shutdown (VDD  VBAT,
or VDD  VSTOP)
6
17
µA
Charge Complete; VDD is present
Undervoltage Lockout
UVLO Start Threshold
VSTART
4.10
4.15
4.25
V
UVLO Stop Threshold
VSTOP
4.00
4.05
4.15
V
UVLO Hysteresis
VHYS
100
mV
Overvoltage Protection
OVP Start Threshold
VOVP
6.4
6.5
6.6
V
MCP73123
OVP Start Threshold
VOVP
12.8
13
13.2
V
MCP73223
OVP Hysteresis
VOVPHYS
150
mV
Voltage Regulation (Constant Voltage Mode)
Regulated Output Voltage
VREG
3.582
3.60
3.618
V
TA= -5°C to +55°C, IOUT = 50 mA
- MCP73123
Output Voltage Tolerance
VRTOL
-0.5
+0.5
%
TA= -5°C to +55°C
Regulated Output Voltage
VREG
7.157
7.20
7.243
V
TA= -5°C to +55°C, IOUT = 50 mA
- MCP73123
Output Voltage Tolerance
VRTOL
-0.6
+0.6
%
TA= -5°C to +55°C
Line Regulation
VBAT/
VBAT)/VDD|
0.05
0.20
%/V
VDD = [VREG(Typical)+1V] to 6V
- MCP73123
VDD = [VREG(Typical)+1V] to 12V
- MCP73223
IOUT = 50 mA
Load Regulation
VBAT/VBAT|
0.05
0.20
%
IOUT = 50 mA - 150 mA
VDD = [VREG(Typical)+1V]
Note 1:
Not production tested. Ensured by design.


Số phần tương tự - MCP73223

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP73223 MICROCHIP-MCP73223 Datasheet
584Kb / 34P
   Lithium Iron Phosphate (LiFePO4) Battery Charge Management Controller with Input Overvoltage Protection
2009
MCP73223 MICROCHIP-MCP73223 Datasheet
1Mb / 28P
   Lithium Iron Phosphate (LiFePO4) Battery Charge Management Controller with Input Overvoltage Protection
2009-2013 11/29/12
MCP73223-22SI/MF MICROCHIP-MCP73223-22SI/MF Datasheet
584Kb / 34P
   Lithium Iron Phosphate (LiFePO4) Battery Charge Management Controller with Input Overvoltage Protection
2009
MCP73223-C2A/MF MICROCHIP-MCP73223-C2A/MF Datasheet
1Mb / 28P
   Lithium Iron Phosphate (LiFePO4) Battery Charge Management Controller with Input Overvoltage Protection
2009-2013 11/29/12
MCP73223-C2MF MICROCHIP-MCP73223-C2MF Datasheet
591Kb / 34P
   Lithium Iron Phosphate (LiFePO4) Battery Charge Management Controller with Input Overvoltage Protection
2010
More results

Mô tả tương tự - MCP73223

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP73123 MICROCHIP-MCP73123_13 Datasheet
1Mb / 28P
   Lithium Iron Phosphate (LiFePO4) Battery Charge Management Controller with Input Overvoltage Protection
2009-2013 11/29/12
MCP73123 MICROCHIP-MCP73123 Datasheet
584Kb / 34P
   Lithium Iron Phosphate (LiFePO4) Battery Charge Management Controller with Input Overvoltage Protection
2009
MCP73123 MICROCHIP-MCP73123_10 Datasheet
591Kb / 34P
   Lithium Iron Phosphate (LiFePO4) Battery Charge Management Controller with Input Overvoltage Protection
2010
logo
Power Sonic Corporation
PAL7ZSHY POWER-SONIC-PAL7ZSHY Datasheet
665Kb / 2P
   Lithium Iron Phosphate (LiFePO4) Battery
PAL7AHY POWER-SONIC-PAL7AHY Datasheet
606Kb / 2P
   Lithium Iron Phosphate (LiFePO4) Battery
PAL14-AHY POWER-SONIC-PAL14-AHY Datasheet
575Kb / 2P
   Lithium Iron Phosphate (LiFePO4) Battery
PAL14HY POWER-SONIC-PAL14HY Datasheet
637Kb / 2P
   Lithium Iron Phosphate (LiFePO4) Battery
PAL12HY POWER-SONIC-PAL12HY Datasheet
617Kb / 2P
   Lithium Iron Phosphate (LiFePO4) Battery
PAL5LHY POWER-SONIC-PAL5LHY Datasheet
877Kb / 2P
   Lithium Iron Phosphate (LiFePO4) Battery
PAL30LHY-H POWER-SONIC-PAL30LHY-H Datasheet
594Kb / 2P
   Lithium Iron Phosphate (LiFePO4) Battery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com