công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LC78628 bảng dữ liệu(PDF) 9 Page - Sanyo Semicon Device

tên linh kiện LC78628
Giải thích chi tiết về linh kiện  Compact Disc Player DSP with Built-in HDCD Decoder
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78628 bảng dữ liệu(HTML) 9 Page - Sanyo Semicon Device

Back Button LC78628 Datasheet HTML 5Page - Sanyo Semicon Device LC78628 Datasheet HTML 6Page - Sanyo Semicon Device LC78628 Datasheet HTML 7Page - Sanyo Semicon Device LC78628 Datasheet HTML 8Page - Sanyo Semicon Device LC78628 Datasheet HTML 9Page - Sanyo Semicon Device LC78628 Datasheet HTML 10Page - Sanyo Semicon Device LC78628 Datasheet HTML 11Page - Sanyo Semicon Device LC78628 Datasheet HTML 12Page - Sanyo Semicon Device LC78628 Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
No. 6329-9/40
LC78628E
Pin Functions
Pin No.
Pin
I/O
Function
1
DEFI
I
Defect detection signal (DEF) input (Must be connected to 0 V if unused.)
2
TAI
I
Test input. A pull-down resistor is built in. This pin must be connected to 0 V.
3
PDO
O
External VCO control phase comparator output
4VVSS
PLL-related pins
Internal VCO ground. This pin must be connected to 0 V.
5ISET
AI
PDO output current adjustment resistor connection
6VVDD
Internal VCO power supply. 5 V system
7
FR
AI
VCO frequency range adjustment resistor connection
8VSS
Ground. This pin must be connected to 0 V.
9VSS
Ground. This pin must be connected to 0 V.
10
EFMO
O
Slice level control
EFM signal output
11
EFMIN
I
EFM signal input
12
TEST2
I
Test input. A pull-down resistor is built in. This pin must be connected to 0 V.
13
CLV+
O
Spindle control servo outputs. CLV+ outputs a high level for accelerate, and CLVoutputs a high level for decelerate.
14
CLV
O
A command is provided to set these pins to three-state output.
15
V/P
O
Automatic rough servo/phase control switching monitor output. A high level indicates rough servo and a low level indicates
phase control.
16
VDD
5 V system power supply
17
P4
I/O
General-purpose I/O port. If unused, this port must either be set to input mode and connected to the 0 V level, or be set to
output mode and left open.
General-purpose I/O command identification. A pull-down resistor is built in.
18
PCCL
I
High: Only general-purpose I/O port commands can be used for control
Low: All commands can be used for control.
19
HFL
I
Track detection signal input. This is a Schmitt input.
20
TES
I
Tracking error signal input. This is a Schmitt input.
21
PCK
O
EFM data reproduction clock monitor output. Outputs 4.3218 MHz when the phase is locked.
Synchronizing signal output.
22
FSEQ
O
Outputs a high level if the synchronizing signal detected from the EFM signal and the internally generated synchronizing
signal match.
23
TOFF
O
Tracking off state output
24
TGL
O
Tracking gain switching output. A low level output raises the gain.
25
HDCD
O
HDCD identification output. High: An HDCD disc is being played, Low: A normal disc is being played.
26
TEST3
I
Test input. A pull-down resistor is built in. This pin must be connected to 0 V.
27
VDD3V
3 V system power supply
28
JP+
O
Track jump outputs.
JP+: A high level indicates either acceleration during a jump towards outer tracks, or deceleration during a jump towards inner tracks.
29
JP
O
JP: A high level indicates either acceleration during a jump towards inner tracks, or deceleration during a jump towards outer tracks.
A command is provided to set these pins to three-state output.
30
16M
O
16.9344 MHz clock output
31
TEST4
I
Test input. A pull-down resistor is built in. This pin must be connected to 0 V.
Deemphasis monitor output/input. A high level is output during playback of a deemphasis disc. When external data is applied
32
EMPH
I/O
to the HDCD filter engine, this pin is used for deemphasis switching. After a reset, this pin goes to monitor output mode in the
high-impedance state.
33
LRCKO
O
HDCD filter engine output word clock (8fs) or L/R clock output from the HDCD decoder (1fs).
34
DFORO
O
HDCD filter engine output right channel data (8fs)
35
DFOLO
O
HDCD filter engine output left channel data (8fs) or L/R data output from the HDCD decoder (1fs).
36
DACKO
O
HDCD filter engine output bit clock (8fs) or HDCD decoder output bit clock (1fs).
Analog output stage gain indicator
37
GAIN
O
In internal gain scaling mode, this pin always outputs a high level (unused). Gain scaling is performed internally. Normal discs
are –6 dB. When external gain scaling is used, peak extend should be turned on when this pin is high, and should be turned
off when this output is low.
38
P0
I/O
General-purpose I/O port. If unused, this port must either be set to input mode and connected to the 0 V level, or be set to
output mode and left open.
39
P1
I/O
General-purpose I/O port. If unused, this port must either be set to input mode and connected to the 0 V level, or be set to
output mode and left open.
40
P2
I/O
General-purpose I/O port. If unused, this port must either be set to input mode and connected to the 0 V level, or be set to
output mode and left open.
41
P3
I/O
General-purpose I/O port. If unused, this port must either be set to input mode and connected to the 0 V level, or be set to
output mode and left open.
Continued on next page.


Số phần tương tự - LC78628

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
More results

Mô tả tương tự - LC78628

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LC78605E SANYO-LC78605E Datasheet
89Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78602NE SANYO-LC78602NE Datasheet
177Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78601E SANYO-LC78601E Datasheet
146Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
LC78625E SANYO-LC78625E Datasheet
440Kb / 35P
   Compact Disc Player DSP
LC78630E SANYO-LC78630E Datasheet
433Kb / 33P
   Compact Disk Player DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com