công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS1001IJ5T bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện TS1001IJ5T
Giải thích chi tiết về linh kiện  THE ONLY 0.8V/0.6關A RAIL-TO-RAIL OP AMP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

TS1001IJ5T bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  TS1001IJ5T Datasheet HTML 1Page - List of Unclassifed Manufacturers TS1001IJ5T Datasheet HTML 2Page - List of Unclassifed Manufacturers TS1001IJ5T Datasheet HTML 3Page - List of Unclassifed Manufacturers TS1001IJ5T Datasheet HTML 4Page - List of Unclassifed Manufacturers TS1001IJ5T Datasheet HTML 5Page - List of Unclassifed Manufacturers TS1001IJ5T Datasheet HTML 6Page - List of Unclassifed Manufacturers TS1001IJ5T Datasheet HTML 7Page - List of Unclassifed Manufacturers TS1001IJ5T Datasheet HTML 8Page - List of Unclassifed Manufacturers TS1001IJ5T Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TS1001
Page 1
© 2011 Touchstone Semiconductor, Inc. All rights reserved.
FEATURES
Single 0.65V to 2.5V Operation
Supply current: 0.6μA (typ)
Offset voltage: 0.5mV (typ)
Low TCVOS: 20µV/°C (max)
AVOL Driving 100kΩ Load: 90dB (min)
Unity Gain Stable
Rail-to-rail Input and Output
No Output Phase Reversal
5-pin SC70 Package
APPLICATIONS
Battery/Solar-Powered Instrumentation
Portable Gas Monitors
Low-voltage Signal Processing
Nanopower Active Filters
Wireless Remote Sensors
Battery-powered Industrial Sensors
Active RFID Readers
Powerline or Battery Current Sensing
Handheld/Portable POS Terminals
DESCRIPTION
The TS1001 is the industry’s first sub-1µA supply
current, precision CMOS operational amplifier rated
to operate at a nominal supply voltage of 0.8V.
Optimized
for
ultra-long-life
battery-powered
applications, the TS1001 is Touchstone’s first
operational amplifier in the “NanoWatt Analog™”
high-performance analog integrated circuits portfolio.
The TS1001 exhibits a typical input offset voltage of
0.5mV, a typical input bias current of 25pA, and rail-
to-rail input and output stages. The TS1001 can
operate from single-supply voltages from 0.65V to
2.5V.
The TS1001’s combined features make it an excellent
choice in applications where very low supply current
and low operating supply voltage translate into very
long equipment operating time. Applications include:
nanopower active filters, wireless remote sensors,
battery and powerline current sensors, portable gas
monitors, and handheld/portable POS terminals.
The TS1001 is fully specified at VDD = 0.8V and over
the industrial temperature range (−40°C to +85°C)
and is available in a PCB-space saving 5-lead SC70
surface-mount package.
0.53
0.58
0.63
0.68
0.73
30%
25%
20%
15%
10%
5%
0%
Supply Current Distribution
Supply Current - µA
THE ONLY 0.8V/0.6µA RAIL-TO-RAIL OP AMP
TYPICAL APPLICATION CIRCUIT
A NanoWatt 2-Pole Sallen Key Low Pass Filter
Patent(s) Pending
NanoWatt Analog and the Touchstone Semiconductor logo are registered
trademarks of Touchstone Semiconductor, Incorporated.
VDD = 0.8V


Số phần tương tự - TS1001IJ5T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Touchstone Semiconducto...
TS1001IJ5T TOUCHSTONE-TS1001IJ5T Datasheet
507Kb / 11P
   THE ONLY 0.8V/0.6 RAIL-TO-RAIL OP AMP
logo
Silicon Laboratories
TS1001IJ5T SILABS-TS1001IJ5T Datasheet
1Mb / 12P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL OP AMP
More results

Mô tả tương tự - TS1001IJ5T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Touchstone Semiconducto...
TS1001 TOUCHSTONE-TS1001 Datasheet
507Kb / 11P
   THE ONLY 0.8V/0.6 RAIL-TO-RAIL OP AMP
logo
Silicon Laboratories
TS1001 SILABS-TS1001 Datasheet
1Mb / 12P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL OP AMP
TS1003 SILABS-TS1003 Datasheet
1Mb / 13P
   THE ONLY 0.8V TO 5.5V, 0.6A RAIL-TO-RAIL SINGLE OP AMP
logo
Touchstone Semiconducto...
TS1003 TOUCHSTONE-TS1003 Datasheet
882Kb / 11P
   THE ONLY 0.8V TO 5.5V, 0.6uA RAIL-TO-RAIL SINGLE OP AMP
TS1002 TOUCHSTONE-TS1002 Datasheet
830Kb / 13P
   THE ONLY 0.8V/0.6uA RAIL-TO-RAIL DUAL/QUAD OP AMPS
logo
Silicon Laboratories
TS1002 SILABS-TS1002 Datasheet
1Mb / 14P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL DUAL/QUAD OP AMPS
logo
Touchstone Semiconducto...
TS1005 TOUCHSTONE-TS1005 Datasheet
855Kb / 11P
   A 0.8V TO 5.5V, 1.3uA, 20kHz RAIL-TO-RAIL SINGLE OP AMP
logo
Microchip Technology
MCP6241 MICROCHIP-MCP6241_08 Datasheet
689Kb / 38P
   50 關A, 550 kHz Rail-to-Rail Op Amp
2008
MCP6281 MICROCHIP-MCP6281_08 Datasheet
656Kb / 36P
   450 關A, 5 MHz Rail-to-Rail Op Amp
2008
MCP6271 MICROCHIP-MCP6271_06 Datasheet
1Mb / 34P
   170 關A, 2 MHz Rail-to-Rail Op Amp
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com