công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LC78626E bảng dữ liệu(PDF) 9 Page - Sanyo Semicon Device

tên linh kiện LC78626E
Giải thích chi tiết về linh kiện  DSP for Compact Disk Players
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78626E bảng dữ liệu(HTML) 9 Page - Sanyo Semicon Device

Back Button LC78626E Datasheet HTML 5Page - Sanyo Semicon Device LC78626E Datasheet HTML 6Page - Sanyo Semicon Device LC78626E Datasheet HTML 7Page - Sanyo Semicon Device LC78626E Datasheet HTML 8Page - Sanyo Semicon Device LC78626E Datasheet HTML 9Page - Sanyo Semicon Device LC78626E Datasheet HTML 10Page - Sanyo Semicon Device LC78626E Datasheet HTML 11Page - Sanyo Semicon Device LC78626E Datasheet HTML 12Page - Sanyo Semicon Device LC78626E Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
No. 5692-9/32
LC78626E
Description of Pins
Pin
Pin
I/O
Function
No.
Name
1
DEFI
I
Defect detection signal (DEF) input. When not used, must be connected to 0 V.
2
TAI
I
Test input. Equipped with internal pull-down resistor. Must be connected to 0V.
3
PDO
O
External VCO control phase comparator output.
4
VVSS
P
For the PLL
Internal VCO ground. Must be connected to 0 V.
5
ISET
AI
PDO output current adjustment resistor connection.
6
VVDD
P
Internal VCO power supply.
7
FR
AI
VCO frequency range adjustment
8
VSS
P
Digital system ground. Must be connected to 0 V.
9
TESCLK
I
Test clock input. Must be connected to VDD.
10
TESA
I
Test operation mode control input. Must be connected to VDD.
11
TESB
I
Test operation mode control input. Must be connected to VDD.
12
TESC
I
Test operation mode control input. Must be connected to VDD.
13
TESGB
I
Test operation mode control input. Must be connected to VDD.
14
TEST5
I
Test input. Equipped with internal pull-down resistor. Must be connected to 0 V.
15
CS
I
Chip select input. Equipped with internal pull-down resistor. When not controlled, must be connected to 0 V.
16
TEST1
I
Test input. Must be connected to 0 V.
17
EFMO
O
For slice
EFM signal output.
18
EFMI
I
level control.
EFM signal input.
19
TEST2
I
Test input. Equipped with internal pull-down resistor. Must be connected to 0 V.
20
CLV
+
O
Disk motor control output. Can have a 3-state output depending on the command.
21
CLV
O
22
V/P
O
Rough servo/phase control automatic switching monitor output. If a high level then rough servo mode. If a low level then
phase control mode.
23
HFL
I
Track detect signal input. Schmidt input.
24
TES
I
Tracking error signal input. Schmidt input.
25
TOFF
O
Tracking off output.
26
TGL
O
Tracking gain switch output. Gain is increased with low level.
27
JP
+
O
Track jump control output. Can be 3-state output depending on the command.
28
JP
O
29
PCK
O
EFM data playback clock monitor. 4.3218 MHz during phase lock.
30
FSEQ
O
Sync signal detect output. A high level when the sync signal detected from the EFM signal matches the internally
generated sync signal.
31
VDD
P
Digital system power supply.
Reset signal input for initializing only the anti-shock control part (i.e. excluding the DSP part). Resets when this
pin is low level, and release the reset when this pin is high level. Tie this pin to the low level (i.e., connected to 0 V) if
when using software control on the anti-shock part alone through the anti-shock part only reset disable/release
32
ASRES
I(I/O) command ($F4) or the anti-shock only reset enable/inrush command ($F5).
Note: This pin is assigned as the least significant bit of the general I/O port however, use as a general I/O
pin is disabled. When the port I/O set command ($DB) is executed, the least significant bit is always “0,” and the
output driver is not turned ON.
33
CONT2
I/O
General I/O pin 2. This controls the commands from the microcontroller. When not used, either set this as an input
port and connect to 0 V, or set this as an output port and leave it open.
Continued on next page.


Số phần tương tự - LC78626E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LC78626KE SANYO-LC78626KE Datasheet
235Kb / 33P
   CMOS LSI
More results

Mô tả tương tự - LC78626E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LC78631E SANYO-LC78631E Datasheet
503Kb / 34P
   Compact Disk Player DSP
LC78630E SANYO-LC78630E Datasheet
433Kb / 33P
   Compact Disk Player DSP
LC78632RE SANYO-LC78632RE Datasheet
157Kb / 9P
   Compact Disk Player DSP
logo
Rohm
BA5947FP ROHM-BA5947FP Datasheet
224Kb / 2P
   IC for Compact Disc Players
BA5929FP ROHM-BA5929FP Datasheet
424Kb / 7P
   Power Driver For Compact Disc Players
logo
Sony Corporation
CXP1042Q SONY-CXP1042Q Datasheet
562Kb / 28P
   System Controller for Compact Disc Players
logo
Rohm
BA5947FM ROHM-BA5947FM_1 Datasheet
100Kb / 5P
   Power Driver For Compact Disc Players
BA5826FP-E2 ROHM-BA5826FP-E2 Datasheet
145Kb / 6P
   Power Driver For Compact Disc Players
logo
ON Semiconductor
LA6571 ONSEMI-LA6571 Datasheet
148Kb / 7P
   5CH Driver for Mini Disk and Compact Disk
June, 2013
logo
Rohm
BA5947FP ROHM-BA5947FP_1 Datasheet
285Kb / 6P
   Power Driver For Compact Disc Players
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com