công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LC78625 bảng dữ liệu(PDF) 2 Page - Sanyo Semicon Device

tên linh kiện LC78625
Giải thích chi tiết về linh kiện  Compact Disc Player DSP
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78625 bảng dữ liệu(HTML) 2 Page - Sanyo Semicon Device

  LC78625 Datasheet HTML 1Page - Sanyo Semicon Device LC78625 Datasheet HTML 2Page - Sanyo Semicon Device LC78625 Datasheet HTML 3Page - Sanyo Semicon Device LC78625 Datasheet HTML 4Page - Sanyo Semicon Device LC78625 Datasheet HTML 5Page - Sanyo Semicon Device LC78625 Datasheet HTML 6Page - Sanyo Semicon Device LC78625 Datasheet HTML 7Page - Sanyo Semicon Device LC78625 Datasheet HTML 8Page - Sanyo Semicon Device LC78625 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
• Support for command input from a control microprocessor: commands include track jump, focus start, disk motor
start/stop, muting on/off and track count (8-bit serial input)
• Built-in digital output circuits.
• Arbitrary track counting to support high-speed data access
• D/A converter outputs with data continuity improved by 8
× oversampling digital filters. (These filters function as 4×
oversampling filters during double-speed playback.)
• Built-in
∑∆ D/A converter implemented by a third-order noise shaper circuit (for PWM output)
• Built-in digital attenuator (8 bits - alpha, 239 steps)
• Built-in digital de-emphasis circuit that can be controlled externally in some modes
• Zero-cross muting
• Support for 2
×-speed dubbing
• Support for bilingual applications
• General-purpose I/O ports: 4 pins (when the antishock mode is turned off)
Features
• 5 V single-voltage power supply
• Low-voltage operation: Can be operated at 3.3 V ±10% (at normal playback speed)
• 80-pin QFP package
Equivalent Circuit Block Diagram
No. 5502-2/35
LC78625E


Số phần tương tự - LC78625

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
More results

Mô tả tương tự - LC78625

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
LC78605E SANYO-LC78605E Datasheet
89Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78602NE SANYO-LC78602NE Datasheet
177Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78601E SANYO-LC78601E Datasheet
146Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78628E SANYO-LC78628E Datasheet
241Kb / 40P
   Compact Disc Player DSP with Built-in HDCD Decoder
LC78630E SANYO-LC78630E Datasheet
433Kb / 33P
   Compact Disk Player DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com