công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LC78624E bảng dữ liệu(PDF) 3 Page - Sanyo Semicon Device

tên linh kiện LC78624E
Giải thích chi tiết về linh kiện  Compact Disc Player DSP
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78624E bảng dữ liệu(HTML) 3 Page - Sanyo Semicon Device

  LC78624E Datasheet HTML 1Page - Sanyo Semicon Device LC78624E Datasheet HTML 2Page - Sanyo Semicon Device LC78624E Datasheet HTML 3Page - Sanyo Semicon Device LC78624E Datasheet HTML 4Page - Sanyo Semicon Device LC78624E Datasheet HTML 5Page - Sanyo Semicon Device LC78624E Datasheet HTML 6Page - Sanyo Semicon Device LC78624E Datasheet HTML 7Page - Sanyo Semicon Device LC78624E Datasheet HTML 8Page - Sanyo Semicon Device LC78624E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
No. 5811-3/27
LC78624E
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
VSS – 0.3 to VSS + 7.0
V
Input voltage
VIN
VSS – 0.3 to VDD + 0.3
V
Output voltage
VOUT
VSS – 0.3 to VDD + 0.3
V
Allowable power dissipation
Pd max
300
mW
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–40 to +125
°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
VDD (1)
VDD, XVDD, VVDD:
3.0
5.5
V
During normal-speed playback
Supply voltage
VDD (2)
VDD, XVDD, VVDD:
3.0
5.5
V
During double-speed playback
VIH (1)
DEFI, COIN, RES, HFL, TES, SBCK, RWC, CQCK,
Input high level voltage
TAI, TEST1 to TEST6, CS, CONT1 to CONT5, SCLK
0.7 VDD
VDD
V
VIH (2)
EFMIN
0.6 VDD
VDD
V
VIL (1)
DEFI, COIN, RES, HFL, TES, SBCK, RWC, CQCK,
Input low level voltage
TAI, TEST1 to TEST6, CS, CONT1 to CONT5, SCLK
0
0.3 VDD
V
VIL (2)
EFMIN
0
0.4 VDD
V
Data setup time
tSU
COIN, RWC: Figure 1
400
ns
Data hold time
tHD
COIN, RWC: Figure 1
400
ns
High level clock pulse width
tWH
SBCK, CQCK: Figures 1, 2 and 3
400
ns
Low level clock pulse width
tWL
SBCK, CQCK: Figures 1, 2 and 3
400
ns
Data read access time
tRAC
SQOUT, PW: Figures 2 and 3
0
400
ns
Command transfer time
tRWC
RWC: Figure 1
1000
ns
Subcode Q read enable time
tSQE
WRQ: Figure 2, with no RWC signal
11.2
ms
Subcode read cycle time
tSC
SFSY: Figure 3
136
µs
Subcode read enable time
tSE
SFSY: Figure 3
400
ns
Port input data setup time
tCSU
CONT1 to CONT5, RWC: Figure 4
400
ns
Port input data hold time
tCHD
CONT1 to CONT5, RWC: Figure 4
400
ns
Port input clock setup time
tRCQ
RWC, CQCK: Figure 4
100
ns
Port output data delay time
tCDD
CONT1 to CONT5, RWC: Figure 5
1200
ns
Input level
VIN (1)
EFMIN: Slice level control
1.0
Vp-p
VIN (2)
XIN: Capacitor-coupled input
1.0
Vp-p
Operating frequency range
fop
EFMIN
10
MHz
Crystal oscillator frequency
fX
XIN, XOUT
16.9344
MHz
Text readout time
tCW
DQSY : Figure 6.
1.5
3.3
3.7
ms
DQSY pulse width
tW
DQSY : Figure 6.
60
136
150
µs
SCLK “low” level pulse width
tWTL
SCLK : Figure 6.
100
ns
SCLK “high” level pulse width
tWTH
SCLK : Figure 6.
100
ns
SCLK delay time
tD1
SCLK : Figure 6.
100
ns
Text data delay time
tD2
SRDT : Figure 6.
50
ns
tD3
SRDT : Figure 6.
50
ns
Reset time
tRES
RES
400
ns
Allowable Operating Ranges at Ta = 25°C, VSS = 0 V


Số phần tương tự - LC78624E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78625 SANYO-LC78625 Datasheet
440Kb / 35P
   Compact Disc Player DSP
More results

Mô tả tương tự - LC78624E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
LC78625E SANYO-LC78625E Datasheet
440Kb / 35P
   Compact Disc Player DSP
LC78605E SANYO-LC78605E Datasheet
89Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78602NE SANYO-LC78602NE Datasheet
177Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78601E SANYO-LC78601E Datasheet
146Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78628E SANYO-LC78628E Datasheet
241Kb / 40P
   Compact Disc Player DSP with Built-in HDCD Decoder
LC78630E SANYO-LC78630E Datasheet
433Kb / 33P
   Compact Disk Player DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com