công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LC78622E bảng dữ liệu(PDF) 1 Page - Sanyo Semicon Device

tên linh kiện LC78622E
Giải thích chi tiết về linh kiện  Compact Disc Player DSP
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78622E bảng dữ liệu(HTML) 1 Page - Sanyo Semicon Device

  LC78622E Datasheet HTML 1Page - Sanyo Semicon Device LC78622E Datasheet HTML 2Page - Sanyo Semicon Device LC78622E Datasheet HTML 3Page - Sanyo Semicon Device LC78622E Datasheet HTML 4Page - Sanyo Semicon Device LC78622E Datasheet HTML 5Page - Sanyo Semicon Device LC78622E Datasheet HTML 6Page - Sanyo Semicon Device LC78622E Datasheet HTML 7Page - Sanyo Semicon Device LC78622E Datasheet HTML 8Page - Sanyo Semicon Device LC78622E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Overview
The LC78622E is a CMOS LSI that implements the signal
processing and servo control required by compact disc
players. At the same time as providing an EFM PLL
circuit, a 1-bit D/A converter, and an analog low-pass
filter the LC78622E realizes an optimal cost-performance
tradeoff for low-end players by strictly limiting
functionality to basic signal-processing and servo system
functionality. The LC78622E signal-processing system
provides demodulation of the EFM signal from the pickup,
de-interleaving, error detection and correction, and digital
filters that can prove useful in reducing the cost of end
products. The LC78622E servo control system processes
servo commands sent from the control microprocessor.
Functions
• Input signal processing: The LC78622E takes an HF
signal as input, digitizes (slices) that signal at a precise
level, converts that signal to an EFM signal, and
generates a PLL clock with an average frequency of
4.3218 MHz by comparing the phases of that signal and
an internal VCO.
• Precise reference clock and necessary internal timing
generation using an external 16.9344 MHz crystal
oscillator
• Disk motor speed control using a frame phase difference
signal generated from the playback clock and the
reference clock
• Frame synchronization signal detection, protection and
interpolation to assure stable data readout
• EFM signal demodulation and conversion to 8-bit
symbol data
• Subcode data separation from the EFM demodulated
signal and output of that data to an external
microprocessor
• Subcode Q signal output to a microprocessor over the
serial I/O interface after performing a CRC error check
(LSB first)
• Demodulated EFM signal buffering in internal RAM to
handle up to ±4 frames of disk rotational jitter
• Demodulated EFM signal reordering in the prescribed
order for data unscrambling and de-interleaving
• Error detection, correction, and flag processing (error
correction scheme: dual C1 plus dual C2 correction)
• The LC78622E sets the C2 flags based on the C1 flags
and a C2 check, and then performs signal interpolation
or muting depending on the C2 flags. The interpolation
circuit uses a dual-interpolation scheme. The previous
value is held if the C2 flags indicate errors two or more
times consecutively.
• Support for command input from a control
microprocessor: commands include track jump, focus
start, disk motor start/stop, muting on/off and track
count (8 bit serial input)
• Built-in digital output circuits.
• Arbitrary track counting to support high-speed data
access
• D/A converter outputs with data continuity improved by
4
× oversampling digital filters.
• Built-in third-order
∑∆ D/A converters (An analog low-
pass filter is built in.)
• Built-in digital attenuator (8 bits – alpha, 239 steps)
• Built-in digital de-emphasis
• Zero cross muting
• Supports the implementation of a double-speed dubbing
function.
• Support for bilingual applications.
• General-purpose I/O ports: 5 pins
Features
• 5 V single-voltage power supply
• Supports low-voltage operation (3.0 V, minimum)
Package Dimensions
unit: mm
3159-QFP64E
CMOS LSI
93096HA (OT) No. 5467-1/29
SANYO: QFP64E
[LC78622E]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
Compact Disc Player DSP
LC78622E
Ordering number : EN5467


Số phần tương tự - LC78622E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
More results

Mô tả tương tự - LC78622E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
LC78625E SANYO-LC78625E Datasheet
440Kb / 35P
   Compact Disc Player DSP
LC78605E SANYO-LC78605E Datasheet
89Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78602NE SANYO-LC78602NE Datasheet
177Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78601E SANYO-LC78601E Datasheet
146Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78628E SANYO-LC78628E Datasheet
241Kb / 40P
   Compact Disc Player DSP with Built-in HDCD Decoder
LC78630E SANYO-LC78630E Datasheet
433Kb / 33P
   Compact Disk Player DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com