công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33690 bảng dữ liệu(PDF) 6 Page - Freescale Semiconductor, Inc

tên linh kiện MC33690
Giải thích chi tiết về linh kiện  MC33690 Standalone Tag
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33690 bảng dữ liệu(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC33690 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33690 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33690 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33690 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33690 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33690 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33690 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33690 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33690 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
MC33690 Standalone Tag Reader Circuit, Rev. 5
Read Function
Freescale Semiconductor
6
Figure 2. Tag Reader Block Diagram
2
Read Function
When answering to the base station, a transponder generates an absorption modulation of the magnetic field. It results in an
amplitude/phase modulation of the current across the antenna. This information is picked up at the antenna tap point between
the coil and the capacitor. An external resistive ladder down scales this voltage to a level compatible with the demodulator input
voltage range (see Section 15, “Tag Reader”).
The demodulator (see Figure 2) consists of:
an input stage (emitter follower)
a sample and hold circuit
a voltage follower
a low offset voltage comparator
The sampling time is automatically set to take into account a phase shift due to the tolerances of the antenna components (L and
C) and of the oscillator. The allowed phase shift measured at the input RD ranges from
−45° to +45°. Assuming that the phase
D
C
Q
+
-
1/32 counter
1/2
RD
CEXT
AGND
Buffer
VDD
500ns
S/H
Buffer
Comparator
100KW
8MHz
Clock 8 MHz
Data out
Interface
125 kHz
TD2
11.25
°, 22.5°, 33.75°, 45°, 56.25°, 67.5°, 78.75°, 90°
AM Data
4MHz
125 kHz
LVR
Shutdown
TD1
10nF
+0
°, -11.25°, -22.5°, -33.75°, -45°, -56.25°, -67.5°, -78.75°
CA
LA
R1
R2
CEXT
RA
VDD
+
-
Setup and Preload
Self synchronous
sample and hold
500mA


Số phần tương tự - MC33690

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC33690 MOTOROLA-MC33690 Datasheet
424Kb / 24P
   Standalone Tag Reader Circuit
logo
Freescale Semiconductor...
MC33690 FREESCALE-MC33690 Datasheet
427Kb / 24P
   Standalone Tag Reader Circuit
logo
NXP Semiconductors
MC33690 NXP-MC33690 Datasheet
470Kb / 26P
   MC33690 Standalone Tag Reader Circuit
Rev. 5, 02/2007
logo
Motorola, Inc
MC33690DW MOTOROLA-MC33690DW Datasheet
424Kb / 24P
   Standalone Tag Reader Circuit
logo
Freescale Semiconductor...
MC33690DW FREESCALE-MC33690DW Datasheet
427Kb / 24P
   Standalone Tag Reader Circuit
More results

Mô tả tương tự - MC33690

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC33690 NXP-MC33690 Datasheet
470Kb / 26P
   MC33690 Standalone Tag Reader Circuit
Rev. 5, 02/2007
SC33690DS NXP-SC33690DS Datasheet
471Kb / 26P
   MC33690 Standalone Tag Reader Circuit
Rev. 5, 02/2007
logo
Motorola, Inc
MC33690 MOTOROLA-MC33690 Datasheet
424Kb / 24P
   Standalone Tag Reader Circuit
logo
Freescale Semiconductor...
MC33690 FREESCALE-MC33690 Datasheet
427Kb / 24P
   Standalone Tag Reader Circuit
logo
Dallas Semiconductor
DS1201 DALLAS-DS1201 Datasheet
171Kb / 7P
   Electronic Tag
logo
Glenair, Inc.
MS27741-2 GLENAIR-MS27741-2 Datasheet
75Kb / 1P
   TAG Ring
logo
Rosenberger Hochfrequen...
51Z120-000B ROSENBERGER-51Z120-000B Datasheet
35Kb / 1P
   SOLDERING TAG
logo
Maxim Integrated Produc...
DS1201 MAXIM-DS1201 Datasheet
300Kb / 7P
   Electronic Tag
030598
logo
Telit loT Solutions
SL869-ADR TELIT-SL869-ADR Datasheet
426Kb / 2P
   GNSS Standalone
logo
PREMO CORPORATION S.L
HARSH-TAG-80 PREMO-HARSH-TAG-80 Datasheet
153Kb / 1P
   Tag-on-metal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com