công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33690 bảng dữ liệu(PDF) 4 Page - Freescale Semiconductor, Inc

tên linh kiện MC33690
Giải thích chi tiết về linh kiện  MC33690 Standalone Tag
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33690 bảng dữ liệu(HTML) 4 Page - Freescale Semiconductor, Inc

  MC33690 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC33690 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33690 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33690 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33690 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33690 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33690 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33690 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33690 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
MC33690 Standalone Tag Reader Circuit, Rev. 5
Freescale Semiconductor
4
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Supply voltage
VSUP
VSS −0.3 to +40
V
Supply voltage without using the voltage regulator
(VSUP =VDD)
VDD
VSS −0.3 to +7V
Voltage on SOURCE
VSS −0.3 to +40
V
Current into/from GATE
0
mA
Voltage on GATE
VSS −0.3
V
Voltage on pins:
MODE1/2, CEXT, DOUT, LVR, XTAL1/2, Rx, Tx
—VSS −0.3 to VDD +0.3
V
Voltage on RD
±10
V
Voltage on K and AM
VSS −3 to 40
V
Current on TD1 and TD2
(Drivers on and off)
±300
mA
Voltage on AGND
VSS ±0.3
V
ESD voltage capability1
±2000
V
ESD voltage capability1
±200
V
Solder heat resistance test (10s)
260
°C
Junction temperature
TJ
170
°C
Storage temperature
Ts
−65 to +150
°C
1
Human Body Model, AEC-Q100-002 Rev. C; Machine Model, AEC-Q100-003 Rev. E.
Table 2. Thermal Characteristics
Characteristic
Symbol
Value
Unit
Junction to ambient thermal resistance (SOIC20)
Rth
80
°C/W
Table 3. Pin Function Descriptions
Pin
Function
Description
1
VSUP
Power supply
2
SOURCE
External N channel transistor source
3
GATE
External N channel transistor gate
4
TD1
Antenna driver 1 output
5
VSS
Power and digital ground
6
VDD
Voltage regulator output
7
TD2
Antenna driver 2 output
8
MODE1
Mode selection input 1
9
MODE2
Mode selection input 2
10
RD
Demodulator input


Số phần tương tự - MC33690

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC33690 MOTOROLA-MC33690 Datasheet
424Kb / 24P
   Standalone Tag Reader Circuit
logo
Freescale Semiconductor...
MC33690 FREESCALE-MC33690 Datasheet
427Kb / 24P
   Standalone Tag Reader Circuit
logo
NXP Semiconductors
MC33690 NXP-MC33690 Datasheet
470Kb / 26P
   MC33690 Standalone Tag Reader Circuit
Rev. 5, 02/2007
logo
Motorola, Inc
MC33690DW MOTOROLA-MC33690DW Datasheet
424Kb / 24P
   Standalone Tag Reader Circuit
logo
Freescale Semiconductor...
MC33690DW FREESCALE-MC33690DW Datasheet
427Kb / 24P
   Standalone Tag Reader Circuit
More results

Mô tả tương tự - MC33690

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC33690 NXP-MC33690 Datasheet
470Kb / 26P
   MC33690 Standalone Tag Reader Circuit
Rev. 5, 02/2007
SC33690DS NXP-SC33690DS Datasheet
471Kb / 26P
   MC33690 Standalone Tag Reader Circuit
Rev. 5, 02/2007
logo
Motorola, Inc
MC33690 MOTOROLA-MC33690 Datasheet
424Kb / 24P
   Standalone Tag Reader Circuit
logo
Freescale Semiconductor...
MC33690 FREESCALE-MC33690 Datasheet
427Kb / 24P
   Standalone Tag Reader Circuit
logo
Dallas Semiconductor
DS1201 DALLAS-DS1201 Datasheet
171Kb / 7P
   Electronic Tag
logo
Glenair, Inc.
MS27741-2 GLENAIR-MS27741-2 Datasheet
75Kb / 1P
   TAG Ring
logo
Rosenberger Hochfrequen...
51Z120-000B ROSENBERGER-51Z120-000B Datasheet
35Kb / 1P
   SOLDERING TAG
logo
Maxim Integrated Produc...
DS1201 MAXIM-DS1201 Datasheet
300Kb / 7P
   Electronic Tag
030598
logo
Telit loT Solutions
SL869-ADR TELIT-SL869-ADR Datasheet
426Kb / 2P
   GNSS Standalone
logo
PREMO CORPORATION S.L
HARSH-TAG-80 PREMO-HARSH-TAG-80 Datasheet
153Kb / 1P
   Tag-on-metal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com